Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP16410C Datasheet(PDF) 12 Page - Agere Systems

Part # DSP16410C
Description  DSP1629 Digital Signal Processor
Download  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

DSP16410C Datasheet(HTML) 12 Page - Agere Systems

Back Button DSP16410C Datasheet HTML 8Page - Agere Systems DSP16410C Datasheet HTML 9Page - Agere Systems DSP16410C Datasheet HTML 10Page - Agere Systems DSP16410C Datasheet HTML 11Page - Agere Systems DSP16410C Datasheet HTML 12Page - Agere Systems DSP16410C Datasheet HTML 13Page - Agere Systems DSP16410C Datasheet HTML 14Page - Agere Systems DSP16410C Datasheet HTML 15Page - Agere Systems DSP16410C Datasheet HTML 16Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 373 page
background image
Data Addendum
May 2001
DSP16410C Digital Signal Processor
Agere Systems Inc.
12
5 Ball Grid Array Information (continued)
5.2 256-Ball EBGA Package (continued)
Table 3. 256-Ball EBGA Ball Assignments Sorted Alphabetically by Symbol (continued)
Symbol
PBGA Coordinate
Type
Description
POBE
V10
O
PIU Output Buffer Empty Flag.
PODS
V8
I
PIU Output Data Strobe.
PRDY
V9
O
PIU Host Ready.
PRDYMD
W8
I
PRDY Mode.
PRWN
W7
I
PIU Read/Write (negative assertion).
RSTN
K17
I
Device Reset (negative assertion).
SCK0
P20
I
External Clock for SIU0 Active Generator.
SCK1
T2
I
External Clock for SIU1 Active Generator.
SICK0
M17
I/O
SIU0 Input Clock.
SICK1
V1
I/O
SIU1 Input Clock.
SID0
P19
I
SIU0 Input Data.
SID1
R3
I
SIU1 Input Data.
SIFS0
M19
I/O
SIU0 Input Frame Sync.
SIFS1
U2
I/O
SIU1 Input Frame Sync.
SOCK0
N18
I/O
SIU0 Output Clock.
SOCK1
R4
I/O
SIU1 Output Clock.
SOD0
P18
O/Z
SIU0 Output Data.
SOD1
P4
O/Z
SIU1 Output Data.
SOFS0
N17
I/O
SIU0 Output Frame Sync.
SOFS1
U1
I/O
SIU1 Output Frame Sync.
TCK0
H19
I
JTAG Test Clock for CORE0.
TCK1
N2
I
JTAG Test Clock for CORE1.
TDI0
J17
I
JTAG Test Data Input for CORE0.
TDI1
M2
I
JTAG Test Data Input for CORE1.
TDO0
F19
O
JTAG Test Data Output for CORE0.
TDO1
R2
O
JTAG Test Data Output for CORE1.
TMS0
H20
I
JTAG Test Mode Select for CORE0.
TMS1
N1
I
JTAG Test Mode Select for CORE1.
TRAP
K20
I/O
TRAP/Breakpoint Indication.
TRST0N
H18
I
JTAG TAP Controller Reset for CORE0 (negative
assertion).
TRST1N
N3
I
JTAG TAP Controller Reset for CORE1 (negative
assertion).
VDD1
B18, C5, C7, C9, C10, D3, D9, D12,
D13, E18, G1, G18, J2, K19, L3, M3, M4,
N19, P3, T3, T17, U8, U9, U12, V11,
V12, V14, V16, W3
P
Power Supply for Internal Circuitry.
VDD1A
J18
P
Power Supply for PLL Circuitry.
VDD2
A2, A7, A11, A15, A19, B1, B20, D8,
D11, D14, F1, G4, G20, H17, K1, K4,
L17, L20, N4, P1, P17, R20, U7, U10,
U13, W1, W20, Y2, Y6, Y10, Y14, Y19
P
Power Supply for External Circuitry (I/O).


Similar Part No. - DSP16410C

ManufacturerPart #DatasheetDescription
logo
Agere Systems
DSP16410CG AGERE-DSP16410CG Datasheet
4Mb / 314P
   DSP16410CG Digital Signal Processor
More results

Similar Description - DSP16410C

ManufacturerPart #DatasheetDescription
logo
Agere Systems
DSP1629 AGERE-DSP1629 Datasheet
1Mb / 126P
   DSP1629 Digital Signal Processor
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com