Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D572-22GS Datasheet(PDF) 5 Page - Agere Systems

Part # D572-22GS
Description  D572-Type 1.5 m m Uncooled DFB FastLight ??Laser Module for 2.5 Gbits/s and High Bandwidth Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D572-22GS Datasheet(HTML) 5 Page - Agere Systems

  D572-22GS Datasheet HTML 1Page - Agere Systems D572-22GS Datasheet HTML 2Page - Agere Systems D572-22GS Datasheet HTML 3Page - Agere Systems D572-22GS Datasheet HTML 4Page - Agere Systems D572-22GS Datasheet HTML 5Page - Agere Systems D572-22GS Datasheet HTML 6Page - Agere Systems D572-22GS Datasheet HTML 7Page - Agere Systems D572-22GS Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Advance Data Sheet
D572-Type 1.5
µm Uncooled DFB FastLight Laser Module
February 2000
for 2.5 Gbits/s and High-Bandwidth Applications
5
Lucent Technologies Inc.
Outline Diagram
Dimensions are in inches and (millimeters).
39.37 (1000) MIN
(PIGTAIL LENGTH)
0.52 (13.21)
1.06 (27.0)
MIN
0.29 (7.37)
TRADEMARK, CODE, LASER SERIAL NUMBER,
AND/OR DATE CODE IN APPROXIMATE AREA SHOWN
0.300 (7.62)
0.100 (2.54)
0.169 (4.30)
0.169 (4.30)
0.20 (5.00)
0.02 (0.50)
0.045 (1.143)
0.17
(4.32)
1.925.e


Similar Part No. - D572-22GS

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
D57-102000-A000G SLPOWER-D57-102000-A000G Datasheet
19Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
D57-102000-K000G SLPOWER-D57-102000-K000G Datasheet
20Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
D57-102000-N000G SLPOWER-D57-102000-N000G Datasheet
20Kb / 2P
   D57 Desktop (IEC) Unregulated 20 Watts Series
D57-111818-A000G SLPOWER-D57-111818-A000G Datasheet
19Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
D57-111818-K000G SLPOWER-D57-111818-K000G Datasheet
20Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
More results

Similar Description - D572-22GS

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D571 AGERE-D571 Datasheet
200Kb / 8P
   D571-Type Digital 1.5 m m Uncooled DFB FastLight ??Laser Module
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
A371 AGERE-A371 Datasheet
168Kb / 8P
   A371-Type Analog Uncooled Isolated DFB FastLight ??Laser Module
T92 AGERE-T92 Datasheet
89Kb / 8P
   T92-Type 10 Gbits/s 1300 nm Uncooled DFB Laser Transmitter
D2500 AGERE-D2500 Datasheet
267Kb / 8P
   1.5 m m D2500-Type Digital Isolated DFB Laser Module
logo
Ericsson
PGT20326 ERICSSON-PGT20326 Datasheet
289Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20327 ERICSSON-PGT20327 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20306 ERICSSON-PGT20306 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com