Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D571-21F Datasheet(PDF) 2 Page - Agere Systems

Part # D571-21F
Description  D571-Type Digital 1.5 m m Uncooled DFB FastLight ??Laser Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D571-21F Datasheet(HTML) 2 Page - Agere Systems

  D571-21F Datasheet HTML 1Page - Agere Systems D571-21F Datasheet HTML 2Page - Agere Systems D571-21F Datasheet HTML 3Page - Agere Systems D571-21F Datasheet HTML 4Page - Agere Systems D571-21F Datasheet HTML 5Page - Agere Systems D571-21F Datasheet HTML 6Page - Agere Systems D571-21F Datasheet HTML 7Page - Agere Systems D571-21F Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
D571-Type Digital 1.5
µm Uncooled DFB
Advance Data Sheet
FastLight Laser Module
April 2000
2
2
Lucent Technologies Inc.
Description (continued)
The device characteristics listed in this document are
met at 2.0 mW output power. Higher- or lower-power
operation is possible. Under conditions of a fixed pho-
todiode current, the change in optical output is typically
±0.5 dB over an operating temperature range of
–40
°C to +85 °C.
This device incorporates the new Laser 2000 manufac-
turing process developed by the Optoelectronic unit of
Lucent Technologies Microelectronics Group. Laser
2000 is a low-cost platform that targets high-volume
manufacturing and tighter product distributions on all
optical subassemblies. The platform incorporates an
advanced optical design that is produced on a highly
automated production line. The Laser 2000 platform is
qualified for the central office and uncontrolled environ-
ments, and can be used for applications requiring high
performance and low cost.
Table 1. Pin Descriptions
Pin Number
Connection
1
NC/Reserved
2
Case ground
3
NC/Reserved
4
Photodiode cathode
5
Photodiode anode
6
Laser diode cathode
7
Laser diode anode
8
NC/Reserved
Figure 1. D571-Type Digital Uncooled DFB Flat-PAC Laser Module Schematic, Top View
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
* Rating varies with temperature.
Parameter
Symbol
Min
Max
Unit
Maximum Peak Laser Drive Current or
Maximum Fiber Power*
IOP
PMAX
150
10
mA
mW
Peak Reverse Laser Voltage:
Laser
Monitor
VRL
VRM
2
20
V
V
Monitor Forward Current
IFD
—2
mA
Operating Case Temperature Range
TC
–40
85
°C
Storage Case Temperature Range
Tstg
–40
85
°C
Lead Soldering Temperature/Time
260/10
°C/s
Relative Humidity (noncondensing)
RH
85
%
1-900 (C)
56
8
7
43
1
2


Similar Part No. - D571-21F

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
D57-102000-A000G SLPOWER-D57-102000-A000G Datasheet
19Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
D57-102000-K000G SLPOWER-D57-102000-K000G Datasheet
20Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
D57-102000-N000G SLPOWER-D57-102000-N000G Datasheet
20Kb / 2P
   D57 Desktop (IEC) Unregulated 20 Watts Series
D57-111818-A000G SLPOWER-D57-111818-A000G Datasheet
19Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
D57-111818-K000G SLPOWER-D57-111818-K000G Datasheet
20Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
More results

Similar Description - D571-21F

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D572 AGERE-D572 Datasheet
370Kb / 8P
   D572-Type 1.5 m m Uncooled DFB FastLight ??Laser Module for 2.5 Gbits/s and High Bandwidth Applications
A371 AGERE-A371 Datasheet
168Kb / 8P
   A371-Type Analog Uncooled Isolated DFB FastLight ??Laser Module
D2500 AGERE-D2500 Datasheet
267Kb / 8P
   1.5 m m D2500-Type Digital Isolated DFB Laser Module
D371 AGERE-D371 Datasheet
54Kb / 8P
   D371-Type Digital Uncooled DFB Laser Module
logo
Micro Electronics
D2300 MICRO-ELECTRONICS-D2300 Datasheet
265Kb / 8P
   1.3 m D2300-Type Laser Isolated DFB Laser Module
logo
Agere Systems
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
D370 AGERE-D370 Datasheet
53Kb / 8P
   D370-Type Digital Uncooled Laser Module
logo
OKI electronic componet...
OL392L OKI-OL392L Datasheet
46Kb / 4P
   1.3 關m Coaxial DFB Laser Module
OL592L OKI-OL592L Datasheet
46Kb / 4P
   1.55 關m Coaxial DFB Laser Module
logo
Optoway Technology Inc
DL-5300-1650 OPTOWAY-DL-5300-1650_09 Datasheet
80Kb / 4P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com