Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7055-30 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7055-30
Description  30 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7055-30 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7055-30 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7055-30 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7055-30 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
30 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts
Up To 18 GHz from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave
and fiber optic products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 30 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anodized
Body Rated To 50 Watts Up To 18 GHz PE7055-30
URL:
http://www.pasternack.com/30db-fixed-tnc-male-tnc-female-50-watts-attenuator-pe7055-30-p.aspx
PE7055-30
PE7055-30 REV
30 dB Fixed Attenuator, TNC Male To TNC Female
Directional Aluminum Heatsink Black Anodized
Body Rated To 50 Watts Up To 18 GHz


Similar Part No. - PE7055-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7055-10 PASTERNACK-PE7055-10 Datasheet
228Kb / 3P
   10 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
PE7055-20 PASTERNACK-PE7055-20 Datasheet
228Kb / 3P
   20 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
PE7055-40 PASTERNACK-PE7055-40 Datasheet
229Kb / 3P
   40 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
PE7055-6 PASTERNACK-PE7055-6 Datasheet
225Kb / 3P
   6 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
More results

Similar Description - PE7055-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7055-6 PASTERNACK-PE7055-6 Datasheet
225Kb / 3P
   6 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
PE7055-40 PASTERNACK-PE7055-40 Datasheet
229Kb / 3P
   40 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
PE7055-10 PASTERNACK-PE7055-10 Datasheet
228Kb / 3P
   10 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
PE7055-20 PASTERNACK-PE7055-20 Datasheet
228Kb / 3P
   20 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
PE7053-30 PASTERNACK-PE7053-30 Datasheet
224Kb / 3P
   30 dB Fixed Attenuator, TNC Male To TNC Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 18 GHz
PE7056-30 PASTERNACK-PE7056-30 Datasheet
220Kb / 3P
   30 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anodized Body Rated To 100 Watts Up To 1.5 GHz
PE7053-40 PASTERNACK-PE7053-40 Datasheet
224Kb / 3P
   40 dB Fixed Attenuator, TNC Male To TNC Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 18 GHz
PE7053-20 PASTERNACK-PE7053-20 Datasheet
225Kb / 3P
   20 dB Fixed Attenuator, TNC Male To TNC Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 18 GHz
PE7053-10 PASTERNACK-PE7053-10 Datasheet
225Kb / 3P
   10 dB Fixed Attenuator, TNC Male To TNC Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 18 GHz
PE7053-6 PASTERNACK-PE7053-6 Datasheet
225Kb / 3P
   6 dB Fixed Attenuator, TNC Male To TNC Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 18 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com