Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP1629 Datasheet(PDF) 25 Page - Agere Systems

Part # DSP1629
Description  Clarification to the Serial I/O Control Register Description for the DSP1620/27/28/29 Devices
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

DSP1629 Datasheet(HTML) 25 Page - Agere Systems

Back Button DSP1629 Datasheet HTML 21Page - Agere Systems DSP1629 Datasheet HTML 22Page - Agere Systems DSP1629 Datasheet HTML 23Page - Agere Systems DSP1629 Datasheet HTML 24Page - Agere Systems DSP1629 Datasheet HTML 25Page - Agere Systems DSP1629 Datasheet HTML 26Page - Agere Systems DSP1629 Datasheet HTML 27Page - Agere Systems DSP1629 Datasheet HTML 28Page - Agere Systems DSP1629 Datasheet HTML 29Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 114 page
background image
Preliminary Data Sheet
February 1997
DSP1628 Digital Signal Processor
Lucent Technologies Inc.
23
4 Hardware Architecture (continued)
While ILD1 and OLD1 are not required externally for
multiprocessor operation, they are used internally in the
DSP's SIO. Setting the LD field of the master's sioc reg-
ister to a logic level 1 will ensure that the active genera-
tion of SYNC1, ILD1, and OLD1 is derived from OCK1
(see Table 26). With this configuration, all DSPs should
use ICK1 (tied to OCK1) in passive mode to avoid con-
flicts on the clock (CK) line (see the
DSP1611/17/18/27
Digital Signal Processor Information Manual for more
information).
Four registers (per SIO) configure the multiprocessor
mode: the time-division multiplexed slot register (tdms
or tdms2), the serial receive and transmit address reg-
ister (srta or srta2), the serial data transmit register
(sdx or sdx2), and the multiprocessor serial address/
protocol register (saddx or saddx2).
Multiprocessor mode requires no external logic and
uses a TDM interface with eight 16-bit time slots per
frame. The transmission in any time slot consists of
16 bits of serial data in the data channel and 16 bits of
address and protocol information in the address/proto-
col channel. The address information consists of the
transmit address field of the srta register of the trans-
mitting device. The address information is transmitted
concurrently with the transmission of the first 8 bits of
data. The protocol information consists of the transmit
protocol field written to the saddx register and is trans-
mitted concurrently with the last 8 bits of data (see
Table 29, Multiprocessor Protocol Register). Data is re-
ceived or recognized by other DSP(s) whose receive
address matches the address in the address/protocol
channel. Each SIO port has a user-programmable re-
ceive address and transmit address associated with it.
The transmit and receive addresses are programmed in
the srta register.
In multiprocessor mode, each device can send data in
a unique time slot designated by the tdms register
transmit slot field (bits 7—0). The tdms register has a
fully decoded transmit slot field in order to allow one
DSP1628 device to transmit in more than one time slot.
This procedure is useful for multiprocessor systems
with less than eight DSP1628 devices when a higher
bandwidth is necessary between certain devices in that
system. The DSP operating during time slot 0 also
drives SYNC1.
In order to prevent multiple bus drivers, only one DSP
can be programmed to transmit in a particular time slot.
In addition, it is important to note that the address/pro-
tocol channel is 3-stated in any time slot that is not being
driven.
Therefore, to prevent spurious inputs, the address/pro-
tocol channel should be pulled up to VDD with a 5 k
Ω re-
sistor, or it should be guaranteed that the bus is driven
in every time slot. (If the SYNC1 signal is externally gen-
erated, then this pull-up is required for correct initializa-
tion.)
Each SIO also has a fully decoded transmitting address
specified by the srta register transmit address field (bits
7—0). This is used to transmit information regarding the
destination(s) of the data. The fully decoded receive ad-
dress specified by the srta register receive address field
(bits 15—8) determines which data will be received. The
SIO protocol channel data is controlled via the saddx
register. When the saddx register is written, the lower 8
bits contain the 8-bit protocol field. On a read, the high-
order 8 bits read from saddx are the most recently re-
ceived protocol field sent from the transmitting DSP's
saddx output register. The low-order 8 bits are read as
0s.
An example use of the protocol channel is to use the top
3 bits of the saddx value as an encoded source address
for the DSPs on the multiprocessor bus. This leaves the
remaining 5 bits available to convey additional control
information, such as whether the associated field is an
opcode or data, or whether it is the last word in a trans-
fer, etc. These bits can also be used to transfer parity in-
formation about the data. Alternatively, the entire field
can be used for data transmission, boosting the band-
width of the port by 50%.
Using SIO2
The SIO2 functions the same as the SIO. Please refer
to Pin Multiplexing in Section 4.1 for a description of pin
multiplexing of BIO, PHIF, VEC[3:0], and SIO2.


Similar Part No. - DSP1629

ManufacturerPart #DatasheetDescription
logo
Agere Systems
DSP1629 AGERE-DSP1629 Datasheet
1Mb / 126P
   DSP1629 Digital Signal Processor
More results

Similar Description - DSP1629

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702795 PHOENIX-2702795 Datasheet
87Kb / 5P
   The terminal is used to operate standard I/O devices with serial interfaces on a bus system.
logo
Molex Electronics Ltd.
987650-9332 MOLEX-987650-9332 Datasheet
456Kb / 2P
   The Brad짰 HarshIO IP67 I/O modules provide a reliable solution for connecting industrial controllers to I/O devices in harsh environments
logo
SiGe Semiconductor, Inc...
AATIAN77 SIGE-AATIAN77 Datasheet
162Kb / 4P
   I/O Expander Switch with Serial Control
logo
Rohm
BH7624KS2 ROHM-BH7624KS2 Datasheet
449Kb / 6P
   I/O Interface LSI for the DVD recorder for PAL
logo
List of Unclassifed Man...
PAK-IV ETC1-PAK-IV Datasheet
123Kb / 14P
   Using the PAK-IV I/O Coprocessor
logo
PHOENIX CONTACT
2702230 PHOENIX-2702230 Datasheet
99Kb / 5P
   The bus coupler is intended for use within a CANopen짰 network and represents the link to the Inline I/O system.
logo
List of Unclassifed Man...
PAK-III ETC1-PAK-III Datasheet
122Kb / 14P
   Using the PAK-III I/O Coprocessor
logo
PHOENIX CONTACT
2702635 PHOENIX-2702635 Datasheet
88Kb / 5P
   The bus coupler is intended for use within a CANopen짰 network and represents the link to the Inline I/O system.
logo
Advanced Analogic Techn...
AAT4290 ANALOGICTECH-AAT4290 Datasheet
231Kb / 12P
   I/O Expander Load Switches with Serial Control
logo
Advanced Analog Technol...
AAT4290 AAT-AAT4290 Datasheet
246Kb / 12P
   I/O Expander Load Switches with Serial Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com