Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP1629 Datasheet(PDF) 90 Page - Agere Systems

Part # DSP1629
Description  Clarification to the Serial I/O Control Register Description for the DSP1620/27/28/29 Devices
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

DSP1629 Datasheet(HTML) 90 Page - Agere Systems

Back Button DSP1629 Datasheet HTML 86Page - Agere Systems DSP1629 Datasheet HTML 87Page - Agere Systems DSP1629 Datasheet HTML 88Page - Agere Systems DSP1629 Datasheet HTML 89Page - Agere Systems DSP1629 Datasheet HTML 90Page - Agere Systems DSP1629 Datasheet HTML 91Page - Agere Systems DSP1629 Datasheet HTML 92Page - Agere Systems DSP1629 Datasheet HTML 93Page - Agere Systems DSP1629 Datasheet HTML 94Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 114 page
background image
Preliminary Data Sheet
February 1997
DSP1628 Digital Signal Processor
Lucent Technologies Inc.
88
10 Timing Characteristics for 2.7 V Operation (continued)
10.2 Reset Circuit
The DSP1628 has two external reset pins: RSTB and TRST. At initial powerup, or if the supply voltage falls below
VDD MIN* and a device reset is required, both TRST and RSTB must be asserted to initialize the device. Figure 12
shows two separate events:
1. Chip reset at initial powerup.
2. Chip reset following a drop in power supply.
Note:
The TRST pin must be asserted even if the JTAG controller is not used by the application.
* See Table 60, Recommended Operating Conditions.
* When both INT0 and RSTB are asserted, all output and bidirectional pins (except TDO, which 3-states by JTAG control) are put in a
3-state condition. With RSTB asserted and INT0 not asserted, EROM, ERAMHI, ERAMLO, IO, and RWN outputs remain high, and CKO
remains a free-running clock.
† See Table 62 for input clock electrical requirements.
Figure 12. Powerup Reset and Chip Reset Timing Diagram
Note:
The device needs to be clocked for at least six CKI cycles during reset after powerup. Otherwise,
high currents may flow.
Table 68. Timing Requirements for Powerup Reset and Chip Reset
Abbreviated Reference
Parameter
Min
Max
Unit
t8
RSTB and TRST Reset Pulse (low to high)
6T
ns
t9
VDD Ramp
10
ms
t146
VDD MIN to RSTB Low
CMOS
Small-signal
2T
20
ns
µs
t153
RSTB (low to high)
54
ns
Table 69. Timing Characteristics for Powerup Reset and Chip Reset
Abbreviated Reference
Parameter
Min
Max
Unit
t10
RSTB Disable Time (low to 3-state)
100
ns
t11
RSTB Enable Time (high to valid)
100
ns
VDD
RAMP
RSTB,
TRST
OUTPUT
PINS *
CKI†
t11
VOH
VOL
VIH
VIL
t9
t146
t10
0.4 V
VDD MIN
t11
VDD MIN
0.4 V
t10
t9
t146
t153
t8
t153
t8
5-4010 (C).a


Similar Part No. - DSP1629

ManufacturerPart #DatasheetDescription
logo
Agere Systems
DSP1629 AGERE-DSP1629 Datasheet
1Mb / 126P
   DSP1629 Digital Signal Processor
More results

Similar Description - DSP1629

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702795 PHOENIX-2702795 Datasheet
87Kb / 5P
   The terminal is used to operate standard I/O devices with serial interfaces on a bus system.
logo
Molex Electronics Ltd.
987650-9332 MOLEX-987650-9332 Datasheet
456Kb / 2P
   The Brad짰 HarshIO IP67 I/O modules provide a reliable solution for connecting industrial controllers to I/O devices in harsh environments
logo
SiGe Semiconductor, Inc...
AATIAN77 SIGE-AATIAN77 Datasheet
162Kb / 4P
   I/O Expander Switch with Serial Control
logo
Rohm
BH7624KS2 ROHM-BH7624KS2 Datasheet
449Kb / 6P
   I/O Interface LSI for the DVD recorder for PAL
logo
List of Unclassifed Man...
PAK-IV ETC1-PAK-IV Datasheet
123Kb / 14P
   Using the PAK-IV I/O Coprocessor
logo
PHOENIX CONTACT
2702230 PHOENIX-2702230 Datasheet
99Kb / 5P
   The bus coupler is intended for use within a CANopen짰 network and represents the link to the Inline I/O system.
logo
List of Unclassifed Man...
PAK-III ETC1-PAK-III Datasheet
122Kb / 14P
   Using the PAK-III I/O Coprocessor
logo
PHOENIX CONTACT
2702635 PHOENIX-2702635 Datasheet
88Kb / 5P
   The bus coupler is intended for use within a CANopen짰 network and represents the link to the Inline I/O system.
logo
Advanced Analogic Techn...
AAT4290 ANALOGICTECH-AAT4290 Datasheet
231Kb / 12P
   I/O Expander Load Switches with Serial Control
logo
Advanced Analog Technol...
AAT4290 AAT-AAT4290 Datasheet
246Kb / 12P
   I/O Expander Load Switches with Serial Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com