Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP1627 Datasheet(PDF) 34 Page - Agere Systems

Part # DSP1627
Description  DSP1627 Digital Signal Processor
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

DSP1627 Datasheet(HTML) 34 Page - Agere Systems

Back Button DSP1627 Datasheet HTML 30Page - Agere Systems DSP1627 Datasheet HTML 31Page - Agere Systems DSP1627 Datasheet HTML 32Page - Agere Systems DSP1627 Datasheet HTML 33Page - Agere Systems DSP1627 Datasheet HTML 34Page - Agere Systems DSP1627 Datasheet HTML 35Page - Agere Systems DSP1627 Datasheet HTML 36Page - Agere Systems DSP1627 Datasheet HTML 37Page - Agere Systems DSP1627 Datasheet HTML 38Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 154 page
background image
Data Sheet
DSP1627 Digital Signal Processor
March 2000
34
Lucent Technologies Inc.
4 Hardware Architecture (continued)
Power Management Examples with the PLL
The following examples show the more significant options for reducing power dissipation if operation with the PLL
clock synthesizer is desired.
Standard Sleep Mode, PLL Running. This mode would be entered in the same manner as without the PLL. While
the input to the clock synthesizer, CKI, remains running, the alf register's AWAIT bit is set. The PLL will continue to
run and dissipate power. Peripheral units may be turned off to further reduce the sleep power.
powerc = 0x00F0
/* Turn off peripherals, core running with PLL */
sleep:a0 = 0x8000
/* Set alf register in cache loop if running from */
do 1 {
/* external memory with >1 wait state */
alf = a0
/* Stop internal processor clock, interrupt circuits */
nop
/* active */
}
nop
/* Needed for bedtime execution. Only sleep power plus PLL */
nop
/* power consumed here.... Interrupt wakes up the device */
cont: . . .
/* User code executes here */
powerc = 0x0
/* Turn peripheral units back on */
Sleep with Slow Internal Clock, PLL Running. In this case, the ring oscillator is selected to clock the processor
before the device is put to sleep. This will reduce power dissipation while waiting for an interrupt to continue program
execution.
powerc = 0x40F0
/* Turn off peripherals and select slow clock */
2*nop
/* Wait for slow clock to take effect */
sleep:a0 = 0x8000
/* Set alf register in cache loop if running from */
do 1 {
/* external memory with >1 wait state */
alf = a0
/* Stop internal processor clock, interrupt circuits */
nop
/* active */
}
nop
/* Needed for bedtime execution. Reduced sleep power, PLL */
nop
/* power, and ring oscillator power consumed here... */
/* Interrupt wakes up the device */
cont: . . .
/* User code executes here */
powerc = 0x00F0
/* Select high-speed PLL based clock */
2*nop
/* Wait for it to take effect */
powerc = 0x0000
/* Turn peripheral units back on */


Similar Part No. - DSP1627

ManufacturerPart #DatasheetDescription
logo
Agere Systems
DSP1627 AGERE-DSP1627 Datasheet
804Kb / 114P
   Clarification to the Serial I/O Control Register Description for the DSP1620/27/28/29 Devices
More results

Similar Description - DSP1627

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com