Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP1627 Datasheet(PDF) 95 Page - Agere Systems

Part # DSP1627
Description  DSP1627 Digital Signal Processor
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

DSP1627 Datasheet(HTML) 95 Page - Agere Systems

Back Button DSP1627 Datasheet HTML 91Page - Agere Systems DSP1627 Datasheet HTML 92Page - Agere Systems DSP1627 Datasheet HTML 93Page - Agere Systems DSP1627 Datasheet HTML 94Page - Agere Systems DSP1627 Datasheet HTML 95Page - Agere Systems DSP1627 Datasheet HTML 96Page - Agere Systems DSP1627 Datasheet HTML 97Page - Agere Systems DSP1627 Datasheet HTML 98Page - Agere Systems DSP1627 Datasheet HTML 99Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 154 page
background image
Data Sheet
March 2000
DSP1627 Digital Signal Processor
Lucent Technologies Inc.
95
10 Timing Characteristics for 5 V Operation (continued)
*
OLD goes high at the end of bit 6 of 0:15.
Figure 32. SIO Active Mode Output Timing Diagram
Table 102. Timing Characteristics for Serial Outputs
Abbreviated Reference
Parameter
Min
Max
Unit
t86a
OLD Delay (high to low)
22
ns
t102
OLD Hold (high to invalid)
4
ns
t87
Data Delay (high to valid)
22
ns
t88
Enable Data Delay (low to active)
22
ns
t89
Disable Data Delay (high to 3-state)
22
ns
t90
Data Hold (high to invalid)
4
ns
t92
Address Delay (high to valid)
22
ns
t93
Address Hold (high to invalid)
4
ns
t94
Enable Delay (low to active)
22
ns
t95
Disable Delay (high to 3-state)
22
ns
t96
OBE Delay (high to high)
22
ns
DOEN
VIH
VIL
SADD
VOH
VOL
OLD
VOH
VOL
OCK
VOH
VOL
t102
t86a
t88
B0
B1
B7
BN – 1
t90
t90
t87
t94
AD0
AD1
AD7
t93
t93
t92
AS7
t89
t95
OBE
VOH
VOL
DO
VOH
VOL
t96
*
5-4797 (F)


Similar Part No. - DSP1627

ManufacturerPart #DatasheetDescription
logo
Agere Systems
DSP1627 AGERE-DSP1627 Datasheet
804Kb / 114P
   Clarification to the Serial I/O Control Register Description for the DSP1620/27/28/29 Devices
More results

Similar Description - DSP1627

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com