Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP16210 Datasheet(PDF) 71 Page - Agere Systems

Part # DSP16210
Description  DSP16210 Digital Signal Processor
Download  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

DSP16210 Datasheet(HTML) 71 Page - Agere Systems

Back Button DSP16210 Datasheet HTML 67Page - Agere Systems DSP16210 Datasheet HTML 68Page - Agere Systems DSP16210 Datasheet HTML 69Page - Agere Systems DSP16210 Datasheet HTML 70Page - Agere Systems DSP16210 Datasheet HTML 71Page - Agere Systems DSP16210 Datasheet HTML 72Page - Agere Systems DSP16210 Datasheet HTML 73Page - Agere Systems DSP16210 Datasheet HTML 74Page - Agere Systems DSP16210 Datasheet HTML 75Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 173 page
background image
Data Sheet
July 2000
DSP16210 Digital Signal Processor
Lucent Technologies Inc.
DRAFT COPY
71
Software Architecture (continued)
Instruction Set Quick Reference (continued)
Table 32. Instruction Set Summary
Instruction
Flags
Cycles
Words
szlme
Out
In
Multiply/Accumulate (MAC) Group
F1
Yszlm–
1
1
1
F1
x
〈h,l〉=Y
szlm–
F1
y
〈h,l〉=Y
szlm–
F1
a
〈h,l〉=Y
szlm–
F1
Y=y
〈h,l〉
szlm–
F1
Y=aT
〈h,l〉
szlm–
F1
yh=aTh
xh=X
szlm–
1+XC
F1
yh=Y
xh=X
szlm–
if CON
F1E
szlme
1
1
2
F1E yh,l=aTEh,l
szlme
F1E aTEh,l= yh,l
szlme
F1E y=aE_Ph
szlme
F1E aE_Ph=y
szlme
F1E
x
h,l =YE
szlme
F1E
y
h,l =YE
szlme
F1E
aTE
h,l =YE
szlme
F1E
aE_Ph=YE
szlme
F1E
YE=x
h,l
szlme
F1E
YE=y
h,l
szlme
F1E
YE=aTE
h,l
szlme
F1E
YE=aE_Ph
szlme
F1E yh=*r0
r0=rNE+jhb
szlme
F1E
YE
szlme
F1E
x
h,l=XE
szlme
1+XC
F1E
aTE
h,l =XE
szlme
F1E
aE_Ph=XE
szlme
F1E y=aE_Ph
x
h=XE
szlme
F1E yh =aTEh
x
h=XE
szlme
F1E aTEh =yh
x
h=XE
szlme
F1E
y
h=YE
a4
h =XE
szlme
F1E
y
h,l =YE
x
h =XE
szlme
F1E
YE=y
h,l
x
h=XE
szlme
F1E
y
h =YE
a4_5h=XE
szlme
F1E
YE=a6_7h
x
h =XE
szlme
F1E
YE=a6
h
x
h=XE
szlme
F1E
YE=a6
h
a4
h=XE
szlme
†XC is one cycle if XAAU contention occurs and zero cycles otherwise. XAAU contention occurs frequently for these instruc-
tion types and can only be avoided by use of the cache.
‡ For this transfer, the postincrement options *rME and *rME– – are not available for double-word loads.
§ The – (40-bit subtraction) operation is encoded as aDE = aSE + IM16 with the IM16 value negated.
†† For conditional branch instructions, the execution time is two cycles if the branch is not taken.
‡‡ The instruction performs the same function whether or not
near (optional) is included.
§§ Not including the N instructions.
D


Similar Part No. - DSP16210

ManufacturerPart #DatasheetDescription
logo
Agere Systems
DSP1620 AGERE-DSP1620 Datasheet
804Kb / 114P
   Clarification to the Serial I/O Control Register Description for the DSP1620/27/28/29 Devices
DSP1627 AGERE-DSP1627 Datasheet
804Kb / 114P
   Clarification to the Serial I/O Control Register Description for the DSP1620/27/28/29 Devices
DSP1627 AGERE-DSP1627 Datasheet
2Mb / 154P
   DSP1627 Digital Signal Processor
DSP1628 AGERE-DSP1628 Datasheet
804Kb / 114P
   Clarification to the Serial I/O Control Register Description for the DSP1620/27/28/29 Devices
DSP1629 AGERE-DSP1629 Datasheet
804Kb / 114P
   Clarification to the Serial I/O Control Register Description for the DSP1620/27/28/29 Devices
More results

Similar Description - DSP16210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com