Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D371-22F Datasheet(PDF) 7 Page - Agere Systems

Part # D371-22F
Description  D371-Type Digital Uncooled DFB Laser Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D371-22F Datasheet(HTML) 7 Page - Agere Systems

  D371-22F Datasheet HTML 1Page - Agere Systems D371-22F Datasheet HTML 2Page - Agere Systems D371-22F Datasheet HTML 3Page - Agere Systems D371-22F Datasheet HTML 4Page - Agere Systems D371-22F Datasheet HTML 5Page - Agere Systems D371-22F Datasheet HTML 6Page - Agere Systems D371-22F Datasheet HTML 7Page - Agere Systems D371-22F Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Data Sheet
January 1999
D371-Type Digital Uncooled DFB Laser Module
7
Agere Systems Inc.
Ordering Information
Table 4. Ordering Information
Device Code
Comcode
Operating Case
Temperature Range (
°C)
Pfiber
Connector
D371-10A
107950941
–40 to +85
1.0 mW
SC-PC
D371-20A
107950958
–40 to +85
2.0 mW
SC-PC
D371-22A
108286527
0 to 65
2.0 mW
SC-PC
D371-20B
108225376
–40 to +85
2.0 mW
SC-APC
D371-10F
107950982
–40 to +85
1.0 mW
FC-PC
D371-20F
107950990
–40 to +85
2.0 mW
FC-PC
D371-22F
108286535
0 to 65
2.0 mW
FC-PC
D371-10N
107951006
–40 to +85
1.0 mW
none
D371-20N
107951014
–40 to +85
2.0 mW
none
D371-22N
108288382
0 to 65
2.0 mW
none


Similar Part No. - D371-22F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D371A ETC1-D371A Datasheet
359Kb / 14P
   Electroluminescent Lamp Driver IC
logo
eupec GmbH
D371S45T EUPEC-D371S45T Datasheet
49Kb / 5P
   Schnelle Gleichrichterdiode Fast Diode
logo
Inchange Semiconductor ...
D371S45T ISC-D371S45T Datasheet
191Kb / 2P
   Fast Recovery Diode
More results

Similar Description - D371-22F

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D571 AGERE-D571 Datasheet
200Kb / 8P
   D571-Type Digital 1.5 m m Uncooled DFB FastLight ??Laser Module
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
D370 AGERE-D370 Datasheet
53Kb / 8P
   D370-Type Digital Uncooled Laser Module
A371 AGERE-A371 Datasheet
168Kb / 8P
   A371-Type Analog Uncooled Isolated DFB FastLight ??Laser Module
logo
Optoway Technology Inc
DL-5300-1650 OPTOWAY-DL-5300-1650_09 Datasheet
80Kb / 4P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
logo
Agere Systems
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
logo
Optoway Technology Inc
DL-5300-1625 OPTOWAY-DL-5300-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1625 OPTOWAY-DL-5300-1625_09 Datasheet
78Kb / 3P
   1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300S-1650 OPTOWAY-DL-5300S-1650 Datasheet
91Kb / 2P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1490 OPTOWAY-DL-5300-1490 Datasheet
91Kb / 2P
   1490 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com