Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D370-20F Datasheet(PDF) 4 Page - Agere Systems

Part # D370-20F
Description  D370-Type Digital Uncooled Laser Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D370-20F Datasheet(HTML) 4 Page - Agere Systems

  D370-20F Datasheet HTML 1Page - Agere Systems D370-20F Datasheet HTML 2Page - Agere Systems D370-20F Datasheet HTML 3Page - Agere Systems D370-20F Datasheet HTML 4Page - Agere Systems D370-20F Datasheet HTML 5Page - Agere Systems D370-20F Datasheet HTML 6Page - Agere Systems D370-20F Datasheet HTML 7Page - Agere Systems D370-20F Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet
D370-Type Digital Uncooled Laser Module
October 2000
4
Agere Sysems Inc.
Characteristic Curve
Figure 2. Typical D370-Type Laser Module L/I Curve
0
25
50
150
0
1.0
3.0
TEMP = 25 oC
75
100
125
2.0
0
500
1000
1500
2000
2500
LASER CURRENT (mA)
FORWARD LASER
VOLTAGE
MONITOR DIODE
CURRENT
L/I CURVE
1-884


Similar Part No. - D370-20F

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
D3703F YONGFUKANG-D3703F Datasheet
418Kb / 5P
   Silent detection circuit
More results

Similar Description - D370-20F

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D371 AGERE-D371 Datasheet
54Kb / 8P
   D371-Type Digital Uncooled DFB Laser Module
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
A370 AGERE-A370 Datasheet
157Kb / 8P
   A370-Type Analog Uncooled Laser Module
logo
Roithner LaserTechnik G...
RLTG065AU ROITHNER-RLTG065AU Datasheet
49Kb / 1P
   Uncooled MQW Laser Module
logo
Agere Systems
D571 AGERE-D571 Datasheet
200Kb / 8P
   D571-Type Digital 1.5 m m Uncooled DFB FastLight ??Laser Module
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
logo
Bookham, Inc.
LU974C-R BOOKHAM-LU974C-R Datasheet
152Kb / 5P
   980nm Pump Laser Module, Uncooled
logo
Agere Systems
A371 AGERE-A371 Datasheet
168Kb / 8P
   A371-Type Analog Uncooled Isolated DFB FastLight ??Laser Module
logo
Bookham, Inc.
MU4-940-04 BOOKHAM-MU4-940-04 Datasheet
209Kb / 3P
   4W 940nm Uncooled Multimode Laser Diode Module
MU8-940-01 BOOKHAM-MU8-940-01 Datasheet
394Kb / 4P
   8W 940nm Uncooled Multimode Laser Diode Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com