Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7447779239 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7447779239
Description  POWER-CHOKE WE-PD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7447779239 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7447779239 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447779239 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447779239 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification :
A
10,0 ± 0,1
mm
B
16,0 ± 0,2
mm
+ 0,1
- 0,0
D
4,00 ± 0,1
mm
E
2,00 ± 0,1
mm
F
1,75 ± 0,1
mm
G
10,0 ± 0,1
mm
H
5,00 ± 0,1
mm
a
330,0 ± 2,0
mm
b
21,00 ± 0,8
mm
c
13,00 ± 0,5
mm
d
100,0 ± 1,0
mm
MST
08-01-04
MST
04-10-11
SST
04-07-28
SST
04-04-21
SST
04-04-15
MST
03-12-10
AG
02-11-05
AG
02-05-14
Name
Datum / date
Version 7
Version 8
Version 10
Version 3
Version 4
Version 5
Version 6
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
...............................................
.................................................
Geprüft / checked
Kontrolliert / approved
Änderung / modification
Version 2
Datum / date
Unterschrift / signature
Würth Elektronik
DATUM / DATE : 2008-01-04
Freigabe erteilt / general release:
Kunde / customer
.............................................................................
..................................................................................
mm
1,50
C
Gurtspezifikation / Tape specification:
Rollenspezifikation / Reel specification:
SPEICHERDROSSEL WE-PD
POWER-CHOKE WE-PD
Kunde / customer :
Artikelnummer / part number :
7447779239
Spezifikation für Freigabe / specification for release
H
G
Ø c
a
d
b
A
B
F
E
D
øC
The force for tearing off cover tape is
10 to 130 grams in arrow direction
165 to 180°
feeding direction
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required
or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control),
transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
Marking
Marking
SEITE 3 VON 3


Similar Part No. - 7447779239

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7447779233 WURTH-7447779233 Datasheet
105Kb / 3P
   POWER-CHOKE WE-PD
More results

Similar Description - 7447779239

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7447709002 WURTH-7447709002 Datasheet
189Kb / 3P
   POWER-CHOKE WE-PD
7447715180 WURTH-7447715180 Datasheet
128Kb / 4P
   POWER-CHOKE WE-PD
7447715330 WURTH-7447715330 Datasheet
128Kb / 4P
   POWER-CHOKE WE-PD
7447715470 WURTH-7447715470 Datasheet
128Kb / 4P
   POWER-CHOKE WE-PD
7447715906 WURTH-7447715906 Datasheet
122Kb / 4P
   POWER-CHOKE WE-PD
7447779003 WURTH-7447779003 Datasheet
104Kb / 3P
   POWER-CHOKE WE-PD
7447779004 WURTH-7447779004 Datasheet
104Kb / 3P
   POWER-CHOKE WE-PD
7447785133 WURTH-7447785133 Datasheet
598Kb / 3P
   POWER-CHOKE WE-PD
7447789147W WURTH-7447789147W Datasheet
279Kb / 3P
   POWER-CHOKE WE-PD
744770282 WURTH-744770282 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD
744770222 WURTH-744770222 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com