Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW8T16A Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # STW8T16A
Description  White colored SMT package Pb-free Reflow Soldering Appication
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8T16A Datasheet(HTML) 5 Page - Seoul Semiconductor

  STW8T16A Datasheet HTML 1Page - Seoul Semiconductor STW8T16A Datasheet HTML 2Page - Seoul Semiconductor STW8T16A Datasheet HTML 3Page - Seoul Semiconductor STW8T16A Datasheet HTML 4Page - Seoul Semiconductor STW8T16A Datasheet HTML 5Page - Seoul Semiconductor STW8T16A Datasheet HTML 6Page - Seoul Semiconductor STW8T16A Datasheet HTML 7Page - Seoul Semiconductor STW8T16A Datasheet HTML 8Page - Seoul Semiconductor STW8T16A Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SSC- QP- 7- 07- 24 (Rev.00)
Rev.04
Rev.04
December
December 2011
2011
www.seoulsemicon.com
www.seoulsemicon.com
4. Optical characteristics
Ambient Temperature
vs. Maximum Forward Current
Forward Voltage
vs. Forward Current
Ta=25
Forward Current
vs. Relative Luminous Intensity
Ta=25
Directivity
Ta=25
-90
60
30
0
-30
-60
90
-2 5
0
2 5
5 0
7 5
1 0 0
0
3 0
6 0
9 0
A m b ie n t te m p e r a tu re T a (
O C )
RthJ-A : 200
℃/W
0
10
20
30
40
50
60
70
80
90
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Forward Current I
F
[mA]
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
0
10
20
30
40
50
60
70
80
90
Forward Voltage V
F
[V]


Similar Part No. - STW8T16A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STW8T16C SEOUL-STW8T16C Datasheet
845Kb / 28P
   White colored SMT package
More results

Similar Description - STW8T16A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAW8KG08 SEOUL-SAW8KG08 Datasheet
267Kb / 10P
   White colored SMT package Pb-free RefloW Soldering
STW8T36B SEOUL-STW8T36B Datasheet
868Kb / 20P
   White colored SMT package Pb-free Reflow Soldering Application
STW9T36B SEOUL-STW9T36B Datasheet
869Kb / 20P
   White colored SMT package Pb-free Reflow Soldering Application
C9WT803 SEOUL-C9WT803 Datasheet
713Kb / 19P
   White colored SMT package Pb-free Reflow Soldering Application
STW7T16A SEOUL-STW7T16A Datasheet
452Kb / 17P
   White colored SMT package Pb-free Reflow Soldering Application
C8WT803 SEOUL-C8WT803 Datasheet
692Kb / 20P
   White colored SMT package Pd-free Reflow Soldering Application
logo
NICHIA CORPORATION
NTSL757G NICHIA-NTSL757G Datasheet
658Kb / 25P
   Pb-free Reflow Soldering Application
NVSA219B-V1 NICHIA-NVSA219B-V1 Datasheet
444Kb / 18P
   Pb-free Reflow Soldering Application
NSSMV01A NICHIA-NSSMV01A Datasheet
545Kb / 17P
   Pb-free Reflow Soldering Application
NCSR119B-V1 NICHIA-NCSR119B-V1 Datasheet
434Kb / 18P
   Pb-free Reflow Soldering Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com