Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW8Q14BE Datasheet(PDF) 9 Page - Seoul Semiconductor

Part # STW8Q14BE
Description  Lead Frame type LED PKG size: 5.6*3.0 thickness 0.9mm
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8Q14BE Datasheet(HTML) 9 Page - Seoul Semiconductor

Back Button STW8Q14BE Datasheet HTML 5Page - Seoul Semiconductor STW8Q14BE Datasheet HTML 6Page - Seoul Semiconductor STW8Q14BE Datasheet HTML 7Page - Seoul Semiconductor STW8Q14BE Datasheet HTML 8Page - Seoul Semiconductor STW8Q14BE Datasheet HTML 9Page - Seoul Semiconductor STW8Q14BE Datasheet HTML 10Page - Seoul Semiconductor STW8Q14BE Datasheet HTML 11Page - Seoul Semiconductor STW8Q14BE Datasheet HTML 12Page - Seoul Semiconductor STW8Q14BE Datasheet HTML 13Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
SSC
SSC-
-STW8Q14BE
STW8Q14BE
August 2012
August 2012
www.seoulsemicon.com
www.seoulsemicon.com
서식번호 : SSC-QP-7-07-12 (Rev.01)
4) Chromaticity Coordinate vs. Forward Current, Ta=25℃
(2600~3200K)
0.336
0.337
0.338
0.339
0.340
0.341
0.360
0.362
0.364
0.366
0.368
20mA
60mA
100mA
150mA
200mA
x


Similar Part No. - STW8Q14BE

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STW8Q14C SEOUL-STW8Q14C Datasheet
3Mb / 27P
   Lead Frame type LED PKG size: 5.6*3.0 thickness 0.75mm
STW8Q14D SEOUL-STW8Q14D Datasheet
1Mb / 30P
   The Best Efficacy in Mid Power LEDs
STW8Q14D-E3 SEOUL-STW8Q14D-E3 Datasheet
1Mb / 31P
   Enabling the Best lm/W in Mid Power Range
STW8Q14D-E4 SEOUL-STW8Q14D-E4 Datasheet
953Kb / 26P
   Enabling the Best lm/W in Mid Power Range
STW8Q14YE SEOUL-STW8Q14YE Datasheet
1Mb / 33P
   Enabling the best lm-W in Mid Power Range
More results

Similar Description - STW8Q14BE

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STW9Q14B SEOUL-STW9Q14B Datasheet
3Mb / 25P
   Lead Frame type LED PKG size:5.6*3.0 thickness 0.9mm
SSC-STW0Q2PA SEOUL-SSC-STW0Q2PA Datasheet
3Mb / 24P
   Lead Frame type LED PKG size: 5.6*3.0 thickness 0.9mm
STW8Q2PA SEOUL-STW8Q2PA_12 Datasheet
3Mb / 26P
   Leda Frame type LED PKG size: 5.6*3.0 thickness 0.9mm
STW8Q14C SEOUL-STW8Q14C Datasheet
3Mb / 27P
   Lead Frame type LED PKG size: 5.6*3.0 thickness 0.75mm
STW9Q14C SEOUL-STW9Q14C Datasheet
554Kb / 24P
   Lead Frame type LEd PKG size:5.6*3.0 thickness 0.75mm
STW0Q2PA SEOUL-STW0Q2PA Datasheet
3Mb / 24P
   Lead Frame type LED PKG
logo
OptoSupply Internationa...
OSXX5630C1A-60MA OPTOSUPPLY-OSXX5630C1A-60MA Datasheet
491Kb / 9P
   5.6 x 3.0 x 0.9mm SMD
OSXX5630C1A-150MA OPTOSUPPLY-OSXX5630C1A-150MA Datasheet
496Kb / 9P
   5.6 x 3.0 x 0.9mm SMD
logo
List of Unclassifed Man...
LT1D73 ETC-LT1D73 Datasheet
101Kb / 5P
   2.7551.45mm, 0.9mm Thickness, Compact Milky Diffusion Chip LED Devices
logo
Sharp Corporation
LT1T73A SHARP-LT1T73A Datasheet
101Kb / 5P
   2.7X51.45mm, 0.9mm Thickness, Compact Milky Diffusion Chip LED Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com