Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CW22P891 Datasheet(PDF) 3 Page - Agere Systems

Part # CW22P891
Description  CW20P-Type CW Tunable, Wavelength-Stabilized Laser Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CW22P891 Datasheet(HTML) 3 Page - Agere Systems

  CW22P891 Datasheet HTML 1Page - Agere Systems CW22P891 Datasheet HTML 2Page - Agere Systems CW22P891 Datasheet HTML 3Page - Agere Systems CW22P891 Datasheet HTML 4Page - Agere Systems CW22P891 Datasheet HTML 5Page - Agere Systems CW22P891 Datasheet HTML 6Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Advance Data Sheet, Rev. 1
CW20P-Type
June 2001
CW Tunable, Wavelength-Stabilized Laser Module
3
Agere Systems Inc.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
Characteristics
(Minimum and maximum values specified over operating case temperature range at 50% duty cycle data signal.
Typical values are measured at room temperature unless otherwise noted.)
Parameter
Symbol
Min
Max
Unit
Supply Voltage (positive)
VCC
—5.5
V
Supply Voltage (negative)
VEE
–6.0
V
Operating Case Temperature Range
TC
070
°C
Storage Case Temperature Range
Tstg
–40
85
°C
Lead Soldering Temperature/Time
250/10
°C/s
Relative Humidity (noncondensing)
RH
85
%
Minimum Fiber-Bend Radius
1.5 (38.1)
in. (mm)
Table 2. Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
dc Power Supply Voltage
VCC
4.75
5.0
5.25
V
dc Power Supply Current
ICC
350
500
mA
dc Negative Supply Voltage
VEE
–5.46
–5.2
–4.94
V
dc Negative Supply Current
IEE
——
250
mA
Power Dissipation
PDISS
—10
W
Module Disable Voltage (TTL) VIH
VDIS
4.2
V
Module Enable Voltage (TTL) VIL
VEN
0.0
0.8
V
λ Deviation Alarm:
Levels (CMOS) VOL
Levels (CMOS) VOH
Setting
VλALARM N
VλALARM
λALARM
0
4.05
–20
0.6
20
V
V
pm
Laser Degrade Alarm:
Levels (CMOS) VOH
Levels (CMOS) VOL
Setting
VALARM
VλALARM N
LDALARM
4.05
0
0.6
IBOL x 125%
V
V
mA
TEC Current
ITEC
—1
2
A
TEC Voltage
VTEC
3.2
3.3
3.5
V


Similar Part No. - CW22P891

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CW2200 ETC-CW2200 Datasheet
46Kb / 2P
   CircuitWorks Conductive Pen
REV. H (01/17)
CW2200STP ETC-CW2200STP Datasheet
46Kb / 2P
   CircuitWorks Conductive Pen
REV. H (01/17)
More results

Similar Description - CW22P891

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
S7500 FINISAR-S7500 Datasheet
395Kb / 8P
   CW Tunable Laser ??Butterfly Package
logo
NICHIA CORPORATION
NUV603E-E NICHIA-NUV603E-E Datasheet
232Kb / 3P
   Tunable Laser Module
NUV603E NICHIA-NUV603E Datasheet
360Kb / 3P
   Tunable Laser Module
NUB611T NICHIA-NUB611T Datasheet
440Kb / 3P
   Tunable Laser Module CORE
NUV612T NICHIA-NUV612T Datasheet
420Kb / 3P
   Tunable Laser Module CORE
NUV611T NICHIA-NUV611T Datasheet
421Kb / 3P
   Tunable Laser Module CORE
NUV613T-E NICHIA-NUV613T-E Datasheet
231Kb / 3P
   Tunable Laser Module CORE
NUV613T NICHIA-NUV613T Datasheet
424Kb / 3P
   Tunable Laser Module CORE
NUV614T NICHIA-NUV614T Datasheet
420Kb / 3P
   Tunable Laser Module CORE
NUV612T-E NICHIA-NUV612T-E Datasheet
225Kb / 3P
   Tunable Laser Module CORE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com