Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJE-1V04W1P2 Datasheet(PDF) 8 Page - Seoul Semiconductor

Part # SMJE-1V04W1P2
Description  Acrich2 - 100V 4.3W Bulb Connect using a AIC directly to AC power
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJE-1V04W1P2 Datasheet(HTML) 8 Page - Seoul Semiconductor

Back Button SMJE-1V04W1P2 Datasheet HTML 4Page - Seoul Semiconductor SMJE-1V04W1P2 Datasheet HTML 5Page - Seoul Semiconductor SMJE-1V04W1P2 Datasheet HTML 6Page - Seoul Semiconductor SMJE-1V04W1P2 Datasheet HTML 7Page - Seoul Semiconductor SMJE-1V04W1P2 Datasheet HTML 8Page - Seoul Semiconductor SMJE-1V04W1P2 Datasheet HTML 9Page - Seoul Semiconductor SMJE-1V04W1P2 Datasheet HTML 10Page - Seoul Semiconductor SMJE-1V04W1P2 Datasheet HTML 11Page - Seoul Semiconductor SMJE-1V04W1P2 Datasheet HTML 12Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Rev. 02
October 2012
www.Acrich.com
8
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
80.0
90.0
100.0
110.0
120.0
130.0
140.0
Voltage[V]
Relative Power Distribution vs. Voltage at Ta=25oC
4. Power characteristic
0.60
0.80
1.00
1.20
1.40
1.60
80.0
90.0
100.0
110.0
120.0
130.0
140.0
Voltage[RMS,V]
Relative Luminous flux vs. Forward Voltage, Ta=25oC


Similar Part No. - SMJE-1V04W1P2

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJE-1V08W1P2 SEOUL-SMJE-1V08W1P2 Datasheet
688Kb / 15P
   Acrich2 - 100V 8.7W Bulb Connect using a AIC directly to AC power
More results

Similar Description - SMJE-1V04W1P2

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJP-1V04W1P1 SEOUL-SMJP-1V04W1P1 Datasheet
868Kb / 15P
   Acrich2 - 100V 4.3W MR Connect using a AIC directly to AC power
SMJE-1V12W1P2 SEOUL-SMJE-1V12W1P2 Datasheet
729Kb / 15P
   Acrich2 - 100V 13W Bulb Connect using a AIC directly to AC power
SMJE-1V08W1P2 SEOUL-SMJE-1V08W1P2 Datasheet
688Kb / 15P
   Acrich2 - 100V 8.7W Bulb Connect using a AIC directly to AC power
SMJP-3V04W1P1 SEOUL-SMJP-3V04W1P1 Datasheet
884Kb / 16P
   Acrich2 - 220V 4.3W MR Connect using a AIC directly to AC power
SMJE-3V08W2P4 SEOUL-SMJE-3V08W2P4 Datasheet
484Kb / 14P
   Acrich2 - 8.7W Bulb Connect using a AIC directly to AC power
SMJE-3V12W2P4 SEOUL-SMJE-3V12W2P4 Datasheet
427Kb / 14P
   Acrich2 - 12.7W Bulb Connect using a AIC directly to AC power
SMJE-2V08W2P4 SEOUL-SMJE-2V08W2P4 Datasheet
462Kb / 14P
   Acrich2 - 8.7W Bulb Connect using a AIC directly to AC power
SMJE-2V12W2P4 SEOUL-SMJE-2V12W2P4 Datasheet
468Kb / 14P
   Acrich2 -12.7W Bulb Connect using a AIC directly to AC power
SMJD-1V16W1P2 SEOUL-SMJD-1V16W1P2 Datasheet
2Mb / 16P
   Acrich2 - 100V 17W Downlight Connect using a AIC directly to AC power
SMJC-2V08W2P4 SEOUL-SMJC-2V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com