Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJE-2V12W2P4 Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # SMJE-2V12W2P4
Description  Acrich2 -12.7W Bulb Connect using a AIC directly to AC power
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJE-2V12W2P4 Datasheet(HTML) 5 Page - Seoul Semiconductor

  SMJE-2V12W2P4 Datasheet HTML 1Page - Seoul Semiconductor SMJE-2V12W2P4 Datasheet HTML 2Page - Seoul Semiconductor SMJE-2V12W2P4 Datasheet HTML 3Page - Seoul Semiconductor SMJE-2V12W2P4 Datasheet HTML 4Page - Seoul Semiconductor SMJE-2V12W2P4 Datasheet HTML 5Page - Seoul Semiconductor SMJE-2V12W2P4 Datasheet HTML 6Page - Seoul Semiconductor SMJE-2V12W2P4 Datasheet HTML 7Page - Seoul Semiconductor SMJE-2V12W2P4 Datasheet HTML 8Page - Seoul Semiconductor SMJE-2V12W2P4 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
1-2 Absolute Maximum Ratings of 12.7W Bulb
Parameter
Symbol
Value
Unit
Min
Typ
Max
Luminous Flux [1]
Ф
V
[2]
910
930
lm
Correlated Color
Temperature [3]
CCT
5000
K
CRI
R
a
80
-
-
-
Operating Voltage [4]
v
opt
120
V[RMS]
Power Dissipation
P
D
12.5
W
Operating Frequency
Freq
50 / 60
Hz
Power Factor
PF
Over 0.97
-
View Angle
2Θ 1/2
120
deg.
1-1-3.
Electro-Optical characteristics of SMJE-2V12W2P4 – 5000K
Rev. 00
Rev. 00
March 2013
March 2013
www.Acrich.com
www.Acrich.com
5
Parameter
Symbol
Value
Unit
Max. Voltage
v
opt
140
V[RMS]
Power Dissipation
P
d
17.5
W
Operating Temperature
T
opr
-30 ~ 85
ºC
Storage Temperature
T
stg
-40 ~ 100
ºC
ESD Sensitivity
-
±4,000V HBM
-
* Notes :
[1] At 120V RMS, Ta=25ºC
Acrich 2 series maintain the tolerance of
±10% on flux and power measurements.
[2] Ф
V is the total luminous flux output measured with an integrated sphere.
[3] Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
[4] ‘Operating Voltage' doesn't indicate the maximum voltage which customers use but
means tolerable voltage according to each country’s voltage variation rate.
It is recommended that the solder pad temperature should be below 70℃.


Similar Part No. - SMJE-2V12W2P4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMJE-2V12W1P3 ETC2-SMJE-2V12W1P3 Datasheet
649Kb / 17P
   Arich 2 series designed for...
logo
Seoul Semiconductor
SMJE-2V12W1P3 SEOUL-SMJE-2V12W1P3_13 Datasheet
769Kb / 19P
   Acrich2 -120V 13W Bulb Connects directly to AC line voltage
More results

Similar Description - SMJE-2V12W2P4

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJE-3V12W2P4 SEOUL-SMJE-3V12W2P4 Datasheet
427Kb / 14P
   Acrich2 - 12.7W Bulb Connect using a AIC directly to AC power
SMJE-3V08W2P4 SEOUL-SMJE-3V08W2P4 Datasheet
484Kb / 14P
   Acrich2 - 8.7W Bulb Connect using a AIC directly to AC power
SMJE-2V08W2P4 SEOUL-SMJE-2V08W2P4 Datasheet
462Kb / 14P
   Acrich2 - 8.7W Bulb Connect using a AIC directly to AC power
SMJE-1V04W1P2 SEOUL-SMJE-1V04W1P2 Datasheet
708Kb / 15P
   Acrich2 - 100V 4.3W Bulb Connect using a AIC directly to AC power
SMJE-1V12W1P2 SEOUL-SMJE-1V12W1P2 Datasheet
729Kb / 15P
   Acrich2 - 100V 13W Bulb Connect using a AIC directly to AC power
SMJE-1V08W1P2 SEOUL-SMJE-1V08W1P2 Datasheet
688Kb / 15P
   Acrich2 - 100V 8.7W Bulb Connect using a AIC directly to AC power
SMJC-2V08W2P4 SEOUL-SMJC-2V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJD-3V16W2P3 SEOUL-SMJD-3V16W2P3 Datasheet
570Kb / 14P
   Acrich2 220V 17W Module Connect using a AIC directly to AC power
SMJP-1V04W1P1 SEOUL-SMJP-1V04W1P1 Datasheet
868Kb / 15P
   Acrich2 - 100V 4.3W MR Connect using a AIC directly to AC power
SMJC-3V08W2P4 SEOUL-SMJC-3V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com