Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJD-3V16W2P4 Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # SMJD-3V16W2P4
Description  Acrich2 16W Down Light Connect using a AIC directly to AC power
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJD-3V16W2P4 Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button SMJD-3V16W2P4 Datasheet HTML 7Page - Seoul Semiconductor SMJD-3V16W2P4 Datasheet HTML 8Page - Seoul Semiconductor SMJD-3V16W2P4 Datasheet HTML 9Page - Seoul Semiconductor SMJD-3V16W2P4 Datasheet HTML 10Page - Seoul Semiconductor SMJD-3V16W2P4 Datasheet HTML 11Page - Seoul Semiconductor SMJD-3V16W2P4 Datasheet HTML 12Page - Seoul Semiconductor SMJD-3V16W2P4 Datasheet HTML 13Page - Seoul Semiconductor SMJD-3V16W2P4 Datasheet HTML 14Page - Seoul Semiconductor SMJD-3V16W2P4 Datasheet HTML 15Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Bin code
X
Y
Bin code
X
Y
Bin code
X
Y
B0
0.3207
0.3462
B1
0.3292
0.3539
B2
0.3212
0.3389
0.3212
0.3389
0.3293
0.3461
0.3217
0.3316
0.3293
0.3461
0.3373
0.3534
0.3293
0.3384
0.3292
0.3539
0.3376
0.3616
0.3293
0.3461
B3
0.3293
0.3461
B4
0.3217
0.3316
B5
0.3293
0.3384
0.3293
0.3384
0.3222
0.3243
0.3294
0.3306
0.3369
0.3451
0.3294
0.3306
0.3366
0.3369
0.3373
0.3534
0.3293
0.3384
0.3369
0.3451
C0
0.3376
0.3616
C1
0.3463
0.3687
C2
0.3373
0.3534
0.3373
0.3534
0.3456
0.3601
0.3369
0.3451
0.3456
0.3601
0.3539
0.3669
0.3448
0.3514
0.3463
0.3687
0.3552
0.3760
0.3456
0.3601
C3
0.3456
0.3601
C4
0.3369
0.3451
C5
0.3448
0.3514
0.3448
0.3514
0.3366
0.3369
0.3440
0.3428
0.3526
0.3578
0.3440
0.3428
0.3514
0.3487
0.3539
0.3669
0.3448
0.3514
0.3526
0.3578
* Measurement Uncertainty of the Color Coordinates : ± 0.01
Rev. 00
Rev. 00
March 2013
March 2013
www.Acrich.com
www.Acrich.com
11


Similar Part No. - SMJD-3V16W2P4

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJD-3V16W2P3 SEOUL-SMJD-3V16W2P3 Datasheet
570Kb / 14P
   Acrich2 220V 17W Module Connect using a AIC directly to AC power
More results

Similar Description - SMJD-3V16W2P4

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJD-2V16W2P4 SEOUL-SMJD-2V16W2P4 Datasheet
450Kb / 15P
   Acrich2 16W Down Light Connect using a AIC directly to AC power
SMJE-3V08W2P4 SEOUL-SMJE-3V08W2P4 Datasheet
484Kb / 14P
   Acrich2 - 8.7W Bulb Connect using a AIC directly to AC power
SMJC-2V08W2P4 SEOUL-SMJC-2V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJE-3V12W2P4 SEOUL-SMJE-3V12W2P4 Datasheet
427Kb / 14P
   Acrich2 - 12.7W Bulb Connect using a AIC directly to AC power
SMJD-3V16W2P3 SEOUL-SMJD-3V16W2P3 Datasheet
570Kb / 14P
   Acrich2 220V 17W Module Connect using a AIC directly to AC power
SMJP-1V04W1P1 SEOUL-SMJP-1V04W1P1 Datasheet
868Kb / 15P
   Acrich2 - 100V 4.3W MR Connect using a AIC directly to AC power
SMJE-1V04W1P2 SEOUL-SMJE-1V04W1P2 Datasheet
708Kb / 15P
   Acrich2 - 100V 4.3W Bulb Connect using a AIC directly to AC power
SMJC-3V08W2P4 SEOUL-SMJC-3V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJE-2V08W2P4 SEOUL-SMJE-2V08W2P4 Datasheet
462Kb / 14P
   Acrich2 - 8.7W Bulb Connect using a AIC directly to AC power
SMJE-2V12W2P4 SEOUL-SMJE-2V12W2P4 Datasheet
468Kb / 14P
   Acrich2 -12.7W Bulb Connect using a AIC directly to AC power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com