Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1861C040 Datasheet(PDF) 6 Page - Agere Systems

Part # D1861C040
Description  D1861C 10 Gbits/s 1310 nm DML Module (6 dBm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D1861C040 Datasheet(HTML) 6 Page - Agere Systems

  D1861C040 Datasheet HTML 1Page - Agere Systems D1861C040 Datasheet HTML 2Page - Agere Systems D1861C040 Datasheet HTML 3Page - Agere Systems D1861C040 Datasheet HTML 4Page - Agere Systems D1861C040 Datasheet HTML 5Page - Agere Systems D1861C040 Datasheet HTML 6Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Preliminary Data Sheet
D1861C 10 Gbits/s 1310 nm DML Module (6 dBm)
March 2001
For additional information, contact your Agere Systems Account Manager or the following:
INTERNET:
http://www.agere.com
E-MAIL:
docmaster@micro.lucent.com
N. AMERICA:
Agere Systems Inc., 555 Union Boulevard, Room 30L-15P-BA, Allentown, PA 18109-3286
1-800-372-2447, FAX 610-712-4106 (In CANADA: 1-800-553-2448, FAX 610-712-4106)
ASIA PACIFIC: Agere Systems Singapore Pte. Ltd., 77 Science Park Drive, #03-18 Cintech III, Singapore 118256
Tel. (65) 778 8833, FAX (65) 777 7495
CHINA:
Agere Systems (Shanghai) Co., Ltd., 33/F Jin Mao Tower, 88 Century Boulevard Pudong, Shanghai 200121 PRC
Tel. (86) 21 50471212, FAX (86) 21 50472266
JAPAN:
Agere Systems Japan Ltd., 7-18, Higashi-Gotanda 2-chome, Shinagawa-ku, Tokyo 141, Japan
Tel. (81) 3 5421 1600, FAX (81) 3 5421 1700
EUROPE:
Data Requests: DATALINE: Tel. (44) 7000 582 368, FAX (44) 1189 328 148
Technical Inquiries: OPTOELECTRONICS MARKETING: (44) 1344 865 900 (Ascot UK)
Agere Systems Inc. reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application.
Copyright © 2001 Agere Systems Inc.
All Rights Reserved
March 2001
DS01-126OPTO


Similar Part No. - D1861C040

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D1861 AGERE-D1861 Datasheet
93Kb / 6P
   D1861A 10 Gbits/s 1310 nm DML Module
D1861A AGERE-D1861A Datasheet
93Kb / 6P
   D1861A 10 Gbits/s 1310 nm DML Module
D1861A023 AGERE-D1861A023 Datasheet
93Kb / 6P
   D1861A 10 Gbits/s 1310 nm DML Module
D1861A040 AGERE-D1861A040 Datasheet
93Kb / 6P
   D1861A 10 Gbits/s 1310 nm DML Module
D1861A050 AGERE-D1861A050 Datasheet
93Kb / 6P
   D1861A 10 Gbits/s 1310 nm DML Module
More results

Similar Description - D1861C040

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D1861D AGERE-D1861D Datasheet
86Kb / 6P
   D1861D 10 Gbits/s 1310 nm DML Module (10 dBm)
D1861B AGERE-D1861B Datasheet
92Kb / 6P
   D1861B 10 Gbits/s 1310 nm DML Module (-3 dBm)
D1861A AGERE-D1861A Datasheet
93Kb / 6P
   D1861A 10 Gbits/s 1310 nm DML Module
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
T92 AGERE-T92 Datasheet
89Kb / 8P
   T92-Type 10 Gbits/s 1300 nm Uncooled DFB Laser Transmitter
logo
Emcore Corporation
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
   1310 nm DFB Laser Module
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
logo
Agere Systems
2417K4A AGERE-2417K4A Datasheet
129Kb / 12P
   NetLight 2417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-711XPDZ AVAGO-AFCT-711XPDZ Datasheet
538Kb / 15P
   Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com