Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJD-3V16W2P3 Datasheet(PDF) 8 Page - Seoul Semiconductor

Part # SMJD-3V16W2P3
Description  Acrich2 220V 17W Module Connect using a AIC directly to AC power
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJD-3V16W2P3 Datasheet(HTML) 8 Page - Seoul Semiconductor

Back Button SMJD-3V16W2P3 Datasheet HTML 4Page - Seoul Semiconductor SMJD-3V16W2P3 Datasheet HTML 5Page - Seoul Semiconductor SMJD-3V16W2P3 Datasheet HTML 6Page - Seoul Semiconductor SMJD-3V16W2P3 Datasheet HTML 7Page - Seoul Semiconductor SMJD-3V16W2P3 Datasheet HTML 8Page - Seoul Semiconductor SMJD-3V16W2P3 Datasheet HTML 9Page - Seoul Semiconductor SMJD-3V16W2P3 Datasheet HTML 10Page - Seoul Semiconductor SMJD-3V16W2P3 Datasheet HTML 11Page - Seoul Semiconductor SMJD-3V16W2P3 Datasheet HTML 12Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Rev. 00
Nov. 2012
www.Acrich.com
8
4. Color & Binning
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
2600K
2700K
2900K
3000K
3200K
4700K
5000K
5300K
CIE X
C0
C1
C2
C3
C4
C5
G0
G1
G2
G3
G4
G5
H0
H1
H2
H3
H4
H5
ANSI-Color Bin
* Measurement Uncertainty of the Color Coordinates : ± 0.01


Similar Part No. - SMJD-3V16W2P3

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJD-3V16W2P4 SEOUL-SMJD-3V16W2P4 Datasheet
439Kb / 15P
   Acrich2 16W Down Light Connect using a AIC directly to AC power
More results

Similar Description - SMJD-3V16W2P3

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJD-2D16W2P3 SEOUL-SMJD-2D16W2P3 Datasheet
563Kb / 14P
   Acrich2 120V 17W Module Connect using a AIC directly to AC power
SMJD-1V16W1P2 SEOUL-SMJD-1V16W1P2 Datasheet
2Mb / 16P
   Acrich2 - 100V 17W Downlight Connect using a AIC directly to AC power
SMJP-3V04W1P1 SEOUL-SMJP-3V04W1P1 Datasheet
884Kb / 16P
   Acrich2 - 220V 4.3W MR Connect using a AIC directly to AC power
SMJE-3V08W2P4 SEOUL-SMJE-3V08W2P4 Datasheet
484Kb / 14P
   Acrich2 - 8.7W Bulb Connect using a AIC directly to AC power
SMJC-2V08W2P4 SEOUL-SMJC-2V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJE-3V12W2P4 SEOUL-SMJE-3V12W2P4 Datasheet
427Kb / 14P
   Acrich2 - 12.7W Bulb Connect using a AIC directly to AC power
SMJP-1V04W1P1 SEOUL-SMJP-1V04W1P1 Datasheet
868Kb / 15P
   Acrich2 - 100V 4.3W MR Connect using a AIC directly to AC power
SMJE-1V04W1P2 SEOUL-SMJE-1V04W1P2 Datasheet
708Kb / 15P
   Acrich2 - 100V 4.3W Bulb Connect using a AIC directly to AC power
SMJC-3V08W2P4 SEOUL-SMJC-3V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJE-2V08W2P4 SEOUL-SMJE-2V08W2P4 Datasheet
462Kb / 14P
   Acrich2 - 8.7W Bulb Connect using a AIC directly to AC power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com