Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJD-1V16W1P2 Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # SMJD-1V16W1P2
Description  Acrich2 - 100V 17W Downlight Connect using a AIC directly to AC power
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJD-1V16W1P2 Datasheet(HTML) 4 Page - Seoul Semiconductor

  SMJD-1V16W1P2 Datasheet HTML 1Page - Seoul Semiconductor SMJD-1V16W1P2 Datasheet HTML 2Page - Seoul Semiconductor SMJD-1V16W1P2 Datasheet HTML 3Page - Seoul Semiconductor SMJD-1V16W1P2 Datasheet HTML 4Page - Seoul Semiconductor SMJD-1V16W1P2 Datasheet HTML 5Page - Seoul Semiconductor SMJD-1V16W1P2 Datasheet HTML 6Page - Seoul Semiconductor SMJD-1V16W1P2 Datasheet HTML 7Page - Seoul Semiconductor SMJD-1V16W1P2 Datasheet HTML 8Page - Seoul Semiconductor SMJD-1V16W1P2 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Rev.
Rev. 03
03
November 2012
November 2012
www.Acrich.com
www.Acrich.com
1. Characteristics of 100V 17W Downlight
1-1-1. Electro-Optical characteristics of SMJD-1V16W1P2-H rank
1-1-2. Electro-Optical characteristics of SMJD-1V16W1P2-G rank
4
Parameter
Symbol
Value
Unit
Min
Typ
Max
Luminous Flux [2]
ФV [3]
1180
1220
-
lm
Correlated Color Temperature [4]
CCT
2900
3000
3200
K
CRI
Ra
80
82
-
-
Operating Voltage [5]
vopt
100
Vrms[1]
Power Dissipation
PD
-
170
-
W
Operating Frequency
Freq
50 / 60
Hz
Power Factor
PF
Over 0.95
-
View Angle
2Θ 1/2
120
deg.
Parameter
Symbol
Value
Unit
Min
Typ
Max
Luminous Flux [2]
ФV [3]
1160
1200
-
lm
Correlated Color Temperature [4]
CCT
2600
2700
2900
K
CRI
Ra
80
82
-
-
Operating Voltage [5]
vopt
100
Vrms[1]
Power Dissipation
PD
-
17.0
-
W
Operating Frequency
Freq
50 / 60
Hz
Power Factor
PF
Over 0.95
-
View Angle
2Θ 1/2
120
deg.


Similar Part No. - SMJD-1V16W1P2

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJD-1G16W4PD SEOUL-SMJD-1G16W4PD Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJD-1G16W4PE SEOUL-SMJD-1G16W4PE Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJD-1H16W4PD SEOUL-SMJD-1H16W4PD Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJD-1H16W4PD SEOUL-SMJD-1H16W4PD Datasheet
1Mb / 28P
   Connects directly to AC line voltage
SMJD-1H16W4PE SEOUL-SMJD-1H16W4PE Datasheet
1Mb / 28P
   Integrated AC LED Solution
More results

Similar Description - SMJD-1V16W1P2

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJD-3V16W2P3 SEOUL-SMJD-3V16W2P3 Datasheet
570Kb / 14P
   Acrich2 220V 17W Module Connect using a AIC directly to AC power
SMJD-2D16W2P3 SEOUL-SMJD-2D16W2P3 Datasheet
563Kb / 14P
   Acrich2 120V 17W Module Connect using a AIC directly to AC power
SMJP-1V04W1P1 SEOUL-SMJP-1V04W1P1 Datasheet
868Kb / 15P
   Acrich2 - 100V 4.3W MR Connect using a AIC directly to AC power
SMJE-1V04W1P2 SEOUL-SMJE-1V04W1P2 Datasheet
708Kb / 15P
   Acrich2 - 100V 4.3W Bulb Connect using a AIC directly to AC power
SMJE-1V12W1P2 SEOUL-SMJE-1V12W1P2 Datasheet
729Kb / 15P
   Acrich2 - 100V 13W Bulb Connect using a AIC directly to AC power
SMJE-1V08W1P2 SEOUL-SMJE-1V08W1P2 Datasheet
688Kb / 15P
   Acrich2 - 100V 8.7W Bulb Connect using a AIC directly to AC power
SMJE-3V08W2P4 SEOUL-SMJE-3V08W2P4 Datasheet
484Kb / 14P
   Acrich2 - 8.7W Bulb Connect using a AIC directly to AC power
SMJC-2V08W2P4 SEOUL-SMJC-2V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJE-3V12W2P4 SEOUL-SMJE-3V12W2P4 Datasheet
427Kb / 14P
   Acrich2 - 12.7W Bulb Connect using a AIC directly to AC power
SMJC-3V08W2P4 SEOUL-SMJC-3V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com