Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D171C004BAF Datasheet(PDF) 3 Page - Agere Systems

Part # D171C004BAF
Description  D171-Type FastLight ??PIN Photodetectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D171C004BAF Datasheet(HTML) 3 Page - Agere Systems

  D171C004BAF Datasheet HTML 1Page - Agere Systems D171C004BAF Datasheet HTML 2Page - Agere Systems D171C004BAF Datasheet HTML 3Page - Agere Systems D171C004BAF Datasheet HTML 4Page - Agere Systems D171C004BAF Datasheet HTML 5Page - Agere Systems D171C004BAF Datasheet HTML 6Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Advance Data Sheet
March 1999
D171-Type
FastLight PIN Photodetectors
3
Lucent Technologies Inc.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
* The recommended reverse bias voltage is 5 V to 15 V.
Handling Precautions
Electrostatic Discharge
CAUTION: This device is susceptible to damage as a result of electrostatic discharge. Take proper
precautions during both handling and testing. Follow guidelines such as JEDEC Publication
No. 108-A (Dec. 1988).
Although protection circuitry is designed into the device, take proper precautions to avoid exposure to ESD.
Electrical Characteristics
TC = 25
°C. Determined with a 50 Ω load.
* The minimum capacitance configuration occurs when the N-side of the PIN is grounded and a negative voltage is applied to the P-side, with
the package floating, not grounded (value reference only; not tested in manufacture).
Optical Characteristics
TC = 25
°C.
Parameter
Symbol
Min
Max
Unit
Operating Temperature Range
TA
–40
85
°C
Storage Temperature Range
Tstg
–40
90
°C
Forward Voltage
VF
—0
V
Reverse Voltage*
VR
—30
V
Photocurrent
4
mA
Humidity
95
%
Parameter
Symbol
Min
Typ
Max
Unit
Capacitance (f < 900 MHz)*
0.65
0.70
pF
Rise/Fall Time
tR/tF
<0.5
ns
Dark Current
ID
—1
5
nA
Reverse Voltage
VR
2
5
30
V
Parameter
Symbol
Min
Typ
Max
Unit
Responsivity
R
0.75
0.85
A/W
Wavelength Range
1.1
1.6
µm


Similar Part No. - D171C004BAF

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
D1710 SAVANTIC-D1710 Datasheet
148Kb / 3P
   Silicon NPN Power Transistors
logo
Sanyo Semicon Device
D1710C SANYO-D1710C Datasheet
59Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor 500V / 7A Switching Regulator Applications
logo
Savantic, Inc.
D1711 SAVANTIC-D1711 Datasheet
130Kb / 3P
   Silicon NPN Power Transistors
logo
NEC
D17133CS NEC-D17133CS Datasheet
1Mb / 289P
   4-BIT SINGLE-CHIP MICROCONTROLLER
D1719G NEC-D1719G Datasheet
1Mb / 14P
   INTERNAL PRESCALER PLL SYNTHESIZER AND LCD DRIVER MICROCONTROLLER
More results

Similar Description - D171C004BAF

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
C30807 PERKINELMER-C30807 Datasheet
140Kb / 5P
   N-Type Silicon PIN Photodetectors
logo
Advanced Photonix, Inc.
SD012-11-41-211 ADVANCEDPHOTONIX-SD012-11-41-211 Datasheet
96Kb / 1P
   InGaAs Photodetectors
logo
List of Unclassifed Man...
OSD100-E ETC1-OSD100-E Datasheet
934Kb / 2P
   SILICON PHOTODETECTORS
logo
Advanced Photonix, Inc.
SD008-11-41-211 ADVANCEDPHOTONIX-SD008-11-41-211 Datasheet
69Kb / 1P
   InGaAs Photodetectors
SD004-11-41-211 ADVANCEDPHOTONIX-SD004-11-41-211 Datasheet
137Kb / 1P
   InGaAs Photodetectors
SD060-11-41-211 ADVANCEDPHOTONIX-SD060-11-41-211 Datasheet
113Kb / 1P
   InGaAs Photodetectors
logo
List of Unclassifed Man...
OSD1-E ETC1-OSD1-E Datasheet
138Kb / 2P
   Silicon Photodetectors
logo
Hamamatsu Corporation
G4176 HAMAMATSU-G4176 Datasheet
117Kb / 4P
   ULTRAFAST MSM PHOTODETECTORS
logo
Agere Systems
A371 AGERE-A371 Datasheet
168Kb / 8P
   A371-Type Analog Uncooled Isolated DFB FastLight ??Laser Module
D571 AGERE-D571 Datasheet
200Kb / 8P
   D571-Type Digital 1.5 m m Uncooled DFB FastLight ??Laser Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com