Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA16B2CAA Datasheet(PDF) 4 Page - Agere Systems

Part # CA16B2CAA
Description  CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CA16B2CAA Datasheet(HTML) 4 Page - Agere Systems

  CA16B2CAA Datasheet HTML 1Page - Agere Systems CA16B2CAA Datasheet HTML 2Page - Agere Systems CA16B2CAA Datasheet HTML 3Page - Agere Systems CA16B2CAA Datasheet HTML 4Page - Agere Systems CA16B2CAA Datasheet HTML 5Page - Agere Systems CA16B2CAA Datasheet HTML 6Page - Agere Systems CA16B2CAA Datasheet HTML 7Page - Agere Systems CA16B2CAA Datasheet HTML 8Page - Agere Systems CA16B2CAA Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
Agere Systems Inc.
CA16-Type 2.5 Gbits/s DWDM Transponder with
Advance Data Sheet
16-Channel 155 Mbits/s Multiplexer/Demultiplexer
March 2001
Block Diagram
Figure 1. CA16-Type Transponder Block Diagram
OC-48/STM-16
OPTICAL TRANSMITTER
D
CK
D
OC-48/STM-16
OPTICAL RECEIVER
W/CLOCK RECOVERY
16:1 PARALLEL
TIMING
CLOCK DIVIDER
FRAME/BYTE
TIMING
1:16 SERIAL
TXDIS
GENERATION
TO SERIAL
AND
PHASE DETECT
DETECT
GEN
TO PARALLEL
WDEA
LSR ALRM
LPM
TXD[0:15]P
TXD[0:15]N
PICLKP/N
PHINIT
PHERR
PCLKP/N
TXREFCLKP/N
LLOOP
DLOOP
OOF
SEARCH
FP
POCLKP/N
RXQ[0:15]P
RXQ[0:15]N
LOS
16
16
2
2
2
2
16
16
FRAMEN
WS (WAVELENGTH
SELECT)
LOCKDET
RESET
IPDMON
1-1011(F).f


Similar Part No. - CA16B2CAA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CA16-2 MACOM-CA16-2 Datasheet
357Kb / 2P
   Cascadable Amplifier 10 to 1200 MHz
logo
Ledil, Inc.
CA16015 LEDIL-CA16015 Datasheet
6Mb / 4P
   Type II/III (Long) beam for very wide pole to pole distances.
CA16031 LEDIL-CA16031 Datasheet
2Mb / 4P
   Beam for area and street lighting such as parks and pedestrian walkways
CA16127 LEDIL-CA16127 Datasheet
1Mb / 19P
   OLGA Assembly
CA16127 LEDIL-CA16127 Datasheet
6Mb / 9P
   ~11째 spot beam beam. Assembly with holder and installation tape.
More results

Similar Description - CA16B2CAA

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TA16 AGERE-TA16 Datasheet
476Kb / 28P
   TA16-Type 2.5 Gbits/s Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
logo
Emcore Corporation
MDM-7001D EMCORE-MDM-7001D Datasheet
60Kb / 1P
   DWDM Multiplexer/Demultiplexer
logo
NXP Semiconductors
TZA3047A PHILIPS-TZA3047A Datasheet
135Kb / 28P
   30 Mbits/s up to 1.25 Gbits/s laser drivers
2003 Jun 05
TZA3014 PHILIPS-TZA3014 Datasheet
162Kb / 28P
   2.5 Gbits/s postamplifier with level detector
2001 Jun 25
logo
Agere Systems
TMXF84622 AGERE-TMXF84622 Datasheet
902Kb / 62P
   TMXF84622 155 Mbits/s/622 Mbits/s Interface SONET/SDH x84/x63 Ultramapper
logo
Vitesse Semiconductor C...
VSC8061FI VITESSE-VSC8061FI Datasheet
684Kb / 20P
   2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
logo
JDS Uniphase Corporatio...
MDX-13MX2001A JDSU-MDX-13MX2001A Datasheet
140Kb / 3P
   13 Channel DWDM Multiplexer/Demultiplexer (Mux/Demux)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com