Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7065-5 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE7065-5
Description  20 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 4 GHz To 8 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7065-5 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE7065-5 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7065-5 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7065-5 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2013 Pasternack Enterprises All Rights Reserved
20 dB Continuously Variable Attenuator, SMA Female To SMA Female
Aluminum Body Rated To 5 Watts From 4 GHz To 8 GHz
PE7065-5
CAD Drawing
PE7065-5 REV


Similar Part No. - PE7065-5

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7065-5 PASTERNACK-PE7065-5 Datasheet
369Kb / 2P
   0 to 20 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female
PE7065-5 PASTERNACK-PE7065-5_14 Datasheet
369Kb / 2P
   0 to 20 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female
More results

Similar Description - PE7065-5

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7065-8 PASTERNACK-PE7065-8 Datasheet
223Kb / 3P
   20 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 8 GHz To 12.4 GHz
PE7065-4 PASTERNACK-PE7065-4 Datasheet
223Kb / 3P
   10 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 4 GHz To 8 GHz
PE7065-3 PASTERNACK-PE7065-3 Datasheet
223Kb / 3P
   20 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 2 GHz To 4 GHz
PE7065-6 PASTERNACK-PE7065-6 Datasheet
223Kb / 3P
   30 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 4 GHz To 8 GHz
PE7065-12 PASTERNACK-PE7065-12 Datasheet
220Kb / 3P
   20 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 12.4 GHz To 18 GHz
PE7065-7 PASTERNACK-PE7065-7 Datasheet
223Kb / 3P
   10 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 8 GHz To 12.4 GHz
PE7065-10 PASTERNACK-PE7065-10 Datasheet
225Kb / 3P
   40 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 8 GHz To 12.4 GHz
PE7065-9 PASTERNACK-PE7065-9 Datasheet
223Kb / 3P
   30 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 8 GHz To 12.4 GHz
PE7065-2 PASTERNACK-PE7065-2 Datasheet
223Kb / 3P
   10 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 2 GHz To 4 GHz
PE7065-1 PASTERNACK-PE7065-1 Datasheet
222Kb / 3P
   7 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 1 GHz To 2 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com