Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE7035-5 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part No. PE7035-5
Description  0 to 1 dB Rotary Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 0.1 dB Step Rated To 1 Watt Up To 1 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo 

PE7035-5 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
0 to 1 dB Rotary Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 0.1 dB Step Rated
To 1 Watt Up To 1 GHz
Configuration
Design
Step, Bidirectional Attenuator
Connector 1
BNC Female
Connector 2
BNC Female
Electrical Specifications
Frequency Range, MHz
DC to 1,000
Impedance, Ohms
75
Attenuation Value, dB
0 to 1
Step Size, dB
0.1
Step Type
Rotary
Maximum Input Power, Watts
1
Maximum VSWR
1.4:1
Frequency 1
Range, MHz
DC to 500
VSWR
1.3:1
Attenuation Accuracy, dB
± 0.07
Frequency 2
Range, MHz
500 to 1,000
VSWR
1.4:1
Attenuation Accuracy, dB
± 0.07
Mechanical Specifications
Temperature
Operating Range, deg C
-20 to +85
Size
Length, in [mm]
4.5 [114.3]
Width, in [mm]
4 [101.6]
Height, in [mm]
4 [101.6]
.
Connector 1
Type
BNC Female
Connector 2
Type
BNC Female
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0 to 1 dB Rotary Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 0.1 dB
Step Rated To 1 Watt Up To 1 GHz PE7035-5
PE7035-5
PE7035-5 REV
0 to 1 dB Rotary Step Attenuator, 75 Ohm BNC Female To 75
Ohm BNC Female With 0.1 dB Step Rated To 1 Watt Up To 1 GHz


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn