Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7018-2 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7018-2
Description  2 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7018-2 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7018-2 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7018-2 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7018-2 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL:
http://www.pasternack.com/2db-fixed-sma-female-sma-male-25-watts-attenuator-pe7018-2-p.aspx
2 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
2 dB Fixed Attenuator, SMA Male To SMA
Female Rated To 25 Watts Up To 18 GHz
PE7018-2
PE7018-2 REV


Similar Part No. - PE7018-2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7018-2 PASTERNACK-PE7018-2 Datasheet
207Kb / 3P
   2 dB Fixed Attenuator, SMA Male to SMA Female Black Anodized Aluminum Heatsink Body
PE7018-20 PASTERNACK-PE7018-20 Datasheet
272Kb / 3P
   20 dB Fixed Attenuator, SMA Male To SMA Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 18 GHz
PE7018-20 PASTERNACK-PE7018-20 Datasheet
208Kb / 3P
   20 dB Fixed Attenuator, SMA Male to SMA Female Black Anodized Aluminum Heatsink Body
PE7018-20 PASTERNACK-PE7018-20_16 Datasheet
208Kb / 3P
   20 dB Fixed Attenuator, SMA Male to SMA Female Black Anodized Aluminum Heatsink Body
PE7018-2 PASTERNACK-PE7018-2_16 Datasheet
207Kb / 3P
   2 dB Fixed Attenuator, SMA Male to SMA Female Black Anodized Aluminum Heatsink Body
More results

Similar Description - PE7018-2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7018-1 PASTERNACK-PE7018-1 Datasheet
265Kb / 3P
   1 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PE7357-20 PASTERNACK-PE7357-20 Datasheet
328Kb / 3P
   20 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PE7357-30 PASTERNACK-PE7357-30 Datasheet
328Kb / 3P
   30 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PE7357-10 PASTERNACK-PE7357-10 Datasheet
328Kb / 3P
   10 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PE7018-6 PASTERNACK-PE7018-6 Datasheet
266Kb / 3P
   6 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PE7357-6 PASTERNACK-PE7357-6 Datasheet
328Kb / 3P
   6 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PE7018-10 PASTERNACK-PE7018-10 Datasheet
265Kb / 3P
   10 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PE7018-3 PASTERNACK-PE7018-3 Datasheet
265Kb / 3P
   3 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PE7357-40 PASTERNACK-PE7357-40 Datasheet
328Kb / 3P
   40 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PE7357-3 PASTERNACK-PE7357-3 Datasheet
328Kb / 3P
   3 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com