Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG6030EVP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMEG6030EVP
Description  Low voltage rectification
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG6030EVP Datasheet(HTML) 5 Page - NXP Semiconductors

  PMEG6030EVP Datasheet HTML 1Page - NXP Semiconductors PMEG6030EVP Datasheet HTML 2Page - NXP Semiconductors PMEG6030EVP Datasheet HTML 3Page - NXP Semiconductors PMEG6030EVP Datasheet HTML 4Page - NXP Semiconductors PMEG6030EVP Datasheet HTML 5Page - NXP Semiconductors PMEG6030EVP Datasheet HTML 6Page - NXP Semiconductors PMEG6030EVP Datasheet HTML 7Page - NXP Semiconductors PMEG6030EVP Datasheet HTML 8Page - NXP Semiconductors PMEG6030EVP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NXP Semiconductors
PMEG6030EVP
High-temperature 60 V, 3 A Schottky barrier rectifier
PMEG6030EVP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
4 March 2013
5 / 13
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF = 1.5 A; tp ≤ 300 µs; δ ≤ 0.02 ;
Tj = 25 °C; pulsed
-
375
-
mV
IF = 2 A; tp ≤ 300 µs; δ ≤ 0.02 ;
Tj = 25 °C; pulsed
-
390
440
mV
IF = 3 A; tp ≤ 300 µs; δ ≤ 0.02 ;
Tj = 25 °C; pulsed
-
420
475
mV
VR = 5 V; Tj = 25 °C; pulsed
-
7
20
µA
VR = 10 V; Tj = 25 °C; pulsed
-
9
40
µA
VR = 30 V; Tj = 25 °C; pulsed
-
20
80
µA
VR = 60 V; Tj = 25 °C; pulsed
-
115
400
µA
VR = 10 V; Tj = 125 °C; pulsed
-
9
-
mA
IR
reverse current
VR = 60 V; Tj = 125 °C; pulsed
-
70
300
mA
VR = 1 V; f = 1 MHz; Tj = 25 °C
-
575
-
pF
Cd
diode capacitance
VR = 10 V; f = 1 MHz; Tj = 25 °C
-
200
-
pF
trr
reverse recovery time
IF = 0.5 A; IR = 0.5 A; IR(meas) = 0.1 A;
Tj = 25 °C
-
20
-
ns
VFRM
peak forward recovery
voltage
IF = 1 A; dIF/dt = 40 A/µs; Tj = 25 °C
-
385
-
mV
aaa-006602
VF (V)
0
0.6
0.4
0.2
10-2
10-3
1
10-1
10
IF
(A)
10-4
(1)
(2)
(3) (4)
(5)
(6)
(1) Tj = 175 °C
(2) Tj = 150 °C
(3) Tj = 125 °C
(4) Tj = 85 °C
(5) Tj = 25 °C
(6) Tj = −40 °C
Fig. 4. Forward current as a function of forward
voltage; typical values
aaa-006603
1
10-1
10-2
10-3
10-4
10-5
10-6
10-7
10-8
IR
(A)
10-9
VR (V)
0
60
40
20
(1)
(2)
(3)
(4)
(5)
(6)
(1) Tj = 175 °C
(2) Tj = 150 °C
(3) Tj = 125 °C
(4) Tj = 85 °C
(5) Tj = 25 °C
(6) Tj = −40 °C
Fig. 5. Reverse current as a function of reverse
voltage; typical values


Similar Part No. - PMEG6030EVP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG6030EVP NEXPERIA-PMEG6030EVP Datasheet
260Kb / 13P
   60 V, 3 A Schottky barrier rectifier
20 February 2023
PMEG6030EVP-Q NEXPERIA-PMEG6030EVP-Q Datasheet
259Kb / 13P
   60 V, 3 A Schottky barrier rectifier
20 February 2023
More results

Similar Description - PMEG6030EVP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP2106A RENESAS-HIP2106A Datasheet
242Kb / 2P
   Low Voltage Driver for Synchronous Rectification
HIP2105 RENESAS-HIP2105 Datasheet
996Kb / 17P
   Low Voltage Driver for Synchronous Rectification
Jun 6, 2018
logo
Rohm
RB450FT106 ROHM-RB450FT106 Datasheet
313Kb / 6P
   Low power rectification
logo
Shanghai Leiditech Elec...
RB521CS-30 LEIDITECH-RB521CS-30 Datasheet
385Kb / 2P
   Low current rectification
logo
Toshiba Semiconductor
CLS01 TOSHIBA-CLS01 Datasheet
209Kb / 5P
   Switching-Mode Power Supply (Secondary-Rectification) Applications (Low Voltage)
CLS02 TOSHIBA-CLS02 Datasheet
183Kb / 5P
   Switching-Mode Power Supply (Secondary-Rectification) Applications (Low Voltage)
CLS03 TOSHIBA-CLS03 Datasheet
209Kb / 5P
   Switching-Mode Power Supply (Secondary-Rectification) Applications (Low Voltage)
logo
Panasonic Semiconductor
DB2441700L PANASONIC-DB2441700L Datasheet
348Kb / 5P
   Silicon epitaxial planar type For rectification Low forward voltage VF
logo
Leshan Radio Company
LRB520CS-30T5G LRC-LRB520CS-30T5G Datasheet
333Kb / 4P
   SCHOTTKY BARRIER DIODE Low current rectification
LRB425LT1G LRC-LRB425LT1G Datasheet
89Kb / 3P
   Schottky barrier diode Low power rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com