Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2625C Datasheet(PDF) 4 Page - Agere Systems

Part # 2625C
Description  40 Gbits/s Lithium Niobate Electro-Optic Modulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

2625C Datasheet(HTML) 4 Page - Agere Systems

  2625C Datasheet HTML 1Page - Agere Systems 2625C Datasheet HTML 2Page - Agere Systems 2625C Datasheet HTML 3Page - Agere Systems 2625C Datasheet HTML 4Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Preliminary Data Sheet, Rev. 2
40 Gbits/s Lithium Niobate Electro-Optic Modulator
June 2001
For additional information, contact your Agere Systems Account Manager or the following:
INTERNET:
http://www.agere.com
E-MAIL:
docmaster@micro.lucent.com
N. AMERICA:
Agere Systems Inc., 555 Union Boulevard, Room 30L-15P-BA, Allentown, PA 18109-3286
1-800-372-2447, FAX 610-712-4106 (In CANADA: 1-800-553-2448, FAX 610-712-4106)
ASIA PACIFIC: Agere Systems Singapore Pte. Ltd., 77 Science Park Drive, #03-18 Cintech III, Singapore 118256
Tel. (65) 778 8833, FAX (65) 777 7495
CHINA:
Agere Systems (Shanghai) Co., Ltd., 33/F Jin Mao Tower, 88 Century Boulevard Pudong, Shanghai 200121 PRC
Tel. (86) 21 50471212, FAX (86) 21 50472266
JAPAN:
Agere Systems Japan Ltd., 7-18, Higashi-Gotanda 2-chome, Shinagawa-ku, Tokyo 141, Japan
Tel. (81) 3 5421 1600, FAX (81) 3 5421 1700
EUROPE:
Data Requests: DATALINE: Tel. (44) 7000 582 368, FAX (44) 1189 328 148
Technical Inquiries:OPTOELECTRONICS MARKETING: (44) 1344 865 900 (Ascot UK)
Agere Systems Inc. reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application.
Copyright © 2001 Agere Systems Inc.
All Rights Reserved
June 2001
DS99-365LWP-2 (Replaces DS99-365LWP-1)
Package Information
Designed to NEBS (inside plant) standards, the hermetic package design incorporates a laser-sealed lid and sol-
dered fibers. The minimum bend radius for the fiber is 1.5 in.
Ordering Information
Table 3. Package Information
Description
Type
Input Optical Fiber
PANDA-type PMF
Output Optical Fiber
PANDA-type PMF
Fiber Connectors
FC
Fiber Length
1.5 m max
RF Connector
V-type
Package Dimensions
See Outline Diagram, page 3
Table 4. Device Information
Part Number
Comcode
2625C
109036483


Similar Part No. - 2625C

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2625 KR-2625 Datasheet
62Kb / 2P
   Bandpass Filter
logo
Heyco.
2625 HEYCO-2625 Datasheet
135Kb / 1P
   Large Dome Plugs
logo
Weidmuller
2625000000 WEIDMULLER-2625000000 Datasheet
253Kb / 4P
   TGD FIM-C
2625010000 WEIDMULLER-2625010000 Datasheet
390Kb / 4P
   Remote I/O fieldbus coupler, IP20, CC-Link
November 4, 2021
logo
Integrated Technology F...
262555B ITF-262555B Datasheet
157Kb / 2P
   942.0 MHz SAW Filter
More results

Similar Description - 2625C

ManufacturerPart #DatasheetDescription
logo
Agere Systems
2623N AGERE-2623N Datasheet
103Kb / 8P
   10 Gbits/s Lithium Niobate Electro-Optic Modulator
logo
Emcore Corporation
EMP-1 EMCORE-EMP-1 Datasheet
274Kb / 1P
   Lithium-Niobate Fiber Optic Gyroscopes
EMP-1 EMCORE-EMP-1_16 Datasheet
473Kb / 1P
   Lithium-Niobate Fiber Optic Gyroscopes (FOG)
EMP-12K EMCORE-EMP-12K Datasheet
384Kb / 1P
   EMP-1.2K Lithium-Niobate Fiber Optic Gyroscopes
EMP-1.2K-FOG EMCORE-EMP-1.2K-FOG_16 Datasheet
922Kb / 2P
   Lithium-Niobate
logo
JDS Uniphase Corporatio...
10022467 JDSU-10022467 Datasheet
96Kb / 4P
   2x2 High Speed Lithium Niobate Interferometric Switch
logo
Agere Systems
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
logo
NXP Semiconductors
TZA3017HW PHILIPS-TZA3017HW Datasheet
220Kb / 52P
   30 Mbits/s up to 3.2 Gbits/s A-rate fibre optic transmitter
2003 May 14
TZA3012AHW PHILIPS-TZA3012AHW Datasheet
242Kb / 60P
   30 Mbits/s up to 3.2 Gbits/s A-rateTM Fibre Optic Receiver
2003 May 21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com