Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1393030-9 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 2-1393030-9
Description  ?쏦ockey Puck??Solid State Relay With Paired SCR Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393030-9 Datasheet(HTML) 1 Page - Tyco Electronics

  2-1393030-9 Datasheet HTML 1Page - Tyco Electronics 2-1393030-9 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1104
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 11-05)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Sample Part Number
SSR -240
D
1. Basic Series:
2. Line Voltage:
3. Input Type & Voltage:
SSR = "hockey puck" inverse parallel SCR output solid state relay
25
4. Maximum Switching Rating/Output:
240 = 24 - 240VAC
25 = .1 - 25A rms, mounted to heatsink
50 = .1 - 50A rms, mounted to heatsink
125 = .1 - 125A rms, mounted to heatsink
5. Options: Leave Blank = Zero voltage turn-on
R = Random voltage turn-on (phase controllable)
480 = 48 - 660VAC
A = 90 - 280VAC
D = 3 - 32VDC (240V line voltage model) / 4 - 32VDC (480V line voltage model)
Ordering Information
File E81606
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that users also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
Engineering Data
Form: 1 Form A (SPST-NO).
Duty: Continuous.
Isolation: 4,000V rms minimum.
Capacitance: 8 pf typical (input to output).
Temperature Range:
Storage: –40°C to +100°C
Operating: –20°C to +80°C
Case Material: Plastic, UL rated 94V-0.
Case and Mounting: Refer to outline dimension.
Termination: Refer to outline dimension.
Approximate Weight: 3.5 oz. (98g).
Features
• Standard “hockey puck” package.
• Enhanced noise immunity (designed to meet level 3 requirements of
European EMC Directive).
• LED indicator.
• Inverse parallel SCR output.
• 25, 50, & 125A rms versions.
• 120/240VAC & 480VAC output types.
• Zero voltage and random voltage turn-on versions.
• AC & DC input versions.
• 4,000V rms optical isolation.
• Floating terminal design.
Input Specifications
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
SSR-240A25
SSR-240D25
SSR-240D50
SSR-240A50
SSR-240D25R
SSR-480D125
Parameter
Control Voltage Range V
Must Release Voltage V
(Min.)
Input Current (Max.)
3 - 32VDC
Must Operate Voltage V
(Min.)
3VDC
1VDC
15mA
4 - 32VDC
4VDC
1VDC
15mA
AC Input
DC Input
240VAC Rated Models
IN
Zero V Turn-on Units
90 - 280VAC
90VAC
10VAC
15mA
Zero and Random V Turn-on Units
IN(OP)
IN(REL)
480VAC Rated Models
SSR series
“Hockey Puck”
Solid State Relay With
Paired SCR Output


Similar Part No. - 2-1393030-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393030-0 MACOM-2-1393030-0 Datasheet
210Kb / 2P
   ?쏦ockey Puck??Solid State Relay With Snubberless Triac Output
2-1393030-1 MACOM-2-1393030-1 Datasheet
210Kb / 2P
   ?쏦ockey Puck??Solid State Relay With Snubberless Triac Output
2-1393030-2 MACOM-2-1393030-2 Datasheet
210Kb / 2P
   ?쏦ockey Puck??Solid State Relay With Snubberless Triac Output
More results

Similar Description - 2-1393030-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393030-0 MACOM-2-1393030-0 Datasheet
210Kb / 2P
   ?쏦ockey Puck??Solid State Relay With Snubberless Triac Output
2-1393030-2 MACOM-2-1393030-2 Datasheet
210Kb / 2P
   ?쏦ockey Puck??Solid State Relay With Snubberless Triac Output
2-1393030-1 MACOM-2-1393030-1 Datasheet
210Kb / 2P
   ?쏦ockey Puck??Solid State Relay With Snubberless Triac Output
SSR-480D25 MACOM-SSR-480D25 Datasheet
120Kb / 2P
   Solid State Relay With Paired SCR Output
SSR-240D25R MACOM-SSR-240D25R Datasheet
370Kb / 2P
   Solid State Relay With Paired SCR Output
SSRC MACOM-SSRC Datasheet
372Kb / 2P
   5A SIP Solid State Relay With Paired SCR Output
logo
TE Connectivity Ltd
SSRC TEC-SSRC Datasheet
372Kb / 2P
   5A SIP Solid State Relay With Paired SCR Output
logo
Tyco Electronics
SSRA MACOM-SSRA Datasheet
349Kb / 2P
   2A Miniature, SIP Solid State Relay With Paired SCR Output
logo
TE Connectivity Ltd
SSRA TEC-SSRA Datasheet
181Kb / 2P
   2A Miniature, SIP Solid State Relay With Paired SCR Output
logo
Tyco Electronics
SSRF MACOM-SSRF Datasheet
367Kb / 2P
   25A SIP Solid State Relay With Paired SCR Output, Integral Heatsink
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com