Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AX32X0-3A Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # AX32X0-3A
Description  Binning and Labeling Connect directly in AC Power Saving Long Life Time
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

AX32X0-3A Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button AX32X0-3A Datasheet HTML 7Page - Seoul Semiconductor AX32X0-3A Datasheet HTML 8Page - Seoul Semiconductor AX32X0-3A Datasheet HTML 9Page - Seoul Semiconductor AX32X0-3A Datasheet HTML 10Page - Seoul Semiconductor AX32X0-3A Datasheet HTML 11Page - Seoul Semiconductor AX32X0-3A Datasheet HTML 12Page - Seoul Semiconductor AX32X0-3A Datasheet HTML 13Page - Seoul Semiconductor AX32X0-3A Datasheet HTML 14Page - Seoul Semiconductor AX32X0-3A Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Rev. 05
Rev. 05
August 2012
August 2012
www.ACRICH.com
www.ACRICH.com
11
Document No. : SSC-QP-7-07-24 (Rev.00)
1. Pure White
A3 Order Code (4W)
Order Code
LF
CC
VF
Z2
X2Z2A~X2Z2D YZ2A~YZ2D
ZZ2A~ZZ2D
Z4
X2Z4A~X2Z4D YZ4A~YZ4D
ZZ4A~ZZ4D
Z1
X2Z1A~X2Z1D YZ1A~YZ1D
ZZ1A~ZZ1D
Z3
X2Z3A~X2Z3D YZ3A~YZ3D
ZZ3A~ZZ3D
Z5
X2Z5A~X2Z5D YZ5A~YZ5D
ZZ5A~ZZ5D
Z1
X2Z1A~X2Z1D YZ1A~YZ1D
ZZ1A~ZZ1D
Z3
X2Z3A~X2Z3D YZ3A~YZ3D
ZZ3A~ZZ3D
Z5
X2Z5A~X2Z5D YZ5A~YZ5D
ZZ5A~ZZ5D
A0
X2A0A~X2A0D
YA0A~YA0D
ZA0A~ZA0D
A2
X2A2A~X2A2D
YA2A~YA2D
ZA2A~ZA2D
A4
X2A4A~X2A4D
YA4A~YA4D
ZA4A~ZA4D
A0
X2A0A~X2A0D
YA0A~YA0D
ZA0A~ZA0D
A2
X2A2A~X2A2D
YA2A~YA2D
ZA2A~ZA2D
A4
X2A4A~X2A4D
YA4A~YA4D
ZA4A~ZA4D
A1
X2A1A~X2A1D
YA1A~YA1D
ZA1A~ZA1D
A3
X2A3A~X2A3D
YA3A~YA3D
ZA3A~ZA3D
A5
X2A5A~X2A5D
YA5A~YA5D
ZA5A~ZA5D
A1
X2A1A~X2A1D
YA1A~YA1D
ZA1A~ZA1D
A3
X2A3A~X2A3D
YA3A~YA3D
ZA3A~ZA3D
A5
X2A5A~X2A5D
YA5A~YA5D
ZA5A~ZA5D
B0
X2B0A~X2B0D YB0A~YB0D
ZB0A~ZB0D
B2
X2B2A~X2B2D YB2A~YB2D
ZB2A~ZB2D
B4
X2B4A~X2B4D YB4A~YB4D
ZB4A~ZB4D
B0
X2B0A~X2B0D YB0A~YB0D
ZB0A~ZB0D
B2
X2B2A~X2B2D YB2A~YB2D
ZB2A~ZB2D
B4
X2B4A~X2B4D YB4A~YB4D
ZB4A~ZB4D
B1
X2B1A~X2B1D YB1A~YB1D
ZB1A~ZB1D
B3
X2B3A~X2B3D YB3A~YB3D
ZB3A~ZB3D
B5
X2B5A~X2B5D YB5A~YB5D
ZB5A~ZB5D
B1
X2B1A~X2B1D YB1A~YB1D
ZB1A~ZB1D
B3
X2B3A~X2B3D YB3A~YB3D
ZB3A~ZB3D
B5
X2B5A~X2B5D YB5A~YB5D
ZB5A~ZB5D
C0
X2C0A~X2C0D YC0A~YC0D
ZC0A~ZC0D
C2
X2C2A~X2C2D YC2A~YC2D
ZC2A~ZC2D
C4
X2C4A~X2C4D YC4A~YC4D
ZC4A~ZC4D
C0
X2C0A~X2C0D YC0A~YC0D
ZC0A~ZC0D
C2
X2C2A~X2C2D YC2A~YC2D
ZC2A~ZC2D
C4
X2C4A~X2C4D YC4A~YC4D
ZC4A~ZC4D
C1
X2C1A~X2C1D YC1A~YC1D
ZC1A~ZC1D
C3
X2C3A~X2C3D YC3A~YC3D
ZC3A~ZC3D
C5
X2C5A~X2C5D YC5A~YC5D
ZC5A~ZC5D
Part No. – 1G
X2
Y
Z
A
B
C
D
Part No. – 1F
X2
Y
Z
A
B
C
D
Part No. – 1D
X2
Y
Z
A
B
C
D
Part No. – 1E
X2
Y
Z
A
B
C
D
Bin Codes
Standard Order Codes for Pure white
Standard Order Codes for Pure white
Standard Order Codes for Pure white
Standard Order Codes for Pure white
A
B
C
D
A
B
C
D
X2
Y
Z
Part No. – 1A
Part No. – 1B
X2
Y
Z
A
B
C
D
X2
Y
Z
Part No. – 1C
A4 series has an order code, use it as follows to purchase.
Example : AX32X0 - 1A
Part Number
Order code


Similar Part No. - AX32X0-3A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
AX32X0 SEOUL-AX32X0 Datasheet
673Kb / 22P
   compliantFeaturesApplications?ъ쭊Acriche series
More results

Similar Description - AX32X0-3A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAWX5X0X SEOUL-SAWX5X0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX7X0A SEOUL-SAWX7X0A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
Cree, Inc
XL4550 CREE-XL4550 Datasheet
431Kb / 4P
   XLamp짰 4550 LEDs Binning and Labeling
XR7090AA-BC-0001 CREE-XR7090AA-BC-0001 Datasheet
311Kb / 6P
   XLamp짰 XR LED Binning and Labeling
logo
Seoul Semiconductor
SMJE-XD12W4PD SEOUL-SMJE-XD12W4PD Datasheet
1Mb / 25P
   Long Life Time
logo
Cree, Inc
XR-E CREE-XR-E Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
logo
Seoul Semiconductor
SMJC-2V08W2P4 SEOUL-SMJC-2V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJE-3V12W2P4 SEOUL-SMJE-3V12W2P4 Datasheet
427Kb / 14P
   Acrich2 - 12.7W Bulb Connect using a AIC directly to AC power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com