Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAWX7X0A-2A Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # SAWX7X0A-2A
Description  Binning and Labeling Connect in AC power with Bridge Diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAWX7X0A-2A Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button SAWX7X0A-2A Datasheet HTML 3Page - Seoul Semiconductor SAWX7X0A-2A Datasheet HTML 4Page - Seoul Semiconductor SAWX7X0A-2A Datasheet HTML 5Page - Seoul Semiconductor SAWX7X0A-2A Datasheet HTML 6Page - Seoul Semiconductor SAWX7X0A-2A Datasheet HTML 7Page - Seoul Semiconductor SAWX7X0A-2A Datasheet HTML 8Page - Seoul Semiconductor SAWX7X0A-2A Datasheet HTML 9Page - Seoul Semiconductor SAWX7X0A-2A Datasheet HTML 10Page - Seoul Semiconductor SAWX7X0A-2A Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
Rev.
Rev. 01
01
July
July 2012
2012
www.ACRICH.com
www.ACRICH.com
7
Document No. : SSC-QP-7-07-24 (Rev.00)
- A7 Warm white binning structure graphical representation
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.36
0.38
0.40
0.42
0.44
2600K
2700K
2900K
3000K
3200K
3500K
CIE x
3700K
F8
F9
F0
F1
F2
F3
F4
F5
F6
F7
G8
G9
G0
G1
G2
G3
G4
G5
G6 G7
H8
H9
H0
H1
H2
H3
H4
H5
H6
H7
Energy Star Rank
Energy Star Rank
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.36
0.38
0.40
0.42
0.44
2600K
2700K
2900K
3000K
3200K
3500K
CIE x
3700K
F8
F9
F0
F1
F2
F3
F4
F5
F6
F7
G8
G9
G0
G1
G2
G3
G4
G5
G6 G7
H8
H9
H0
H1
H2
H3
H4
H5
H6
H7
Energy Star Rank
Energy Star Rank


Similar Part No. - SAWX7X0A-2A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAWX4A0X SEOUL-SAWX4A0X Datasheet
1Mb / 22P
   Designing with Acriche A4 Connect using a siple diode bridge directly to AC power
SAWX5B0X SEOUL-SAWX5B0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5D0X SEOUL-SAWX5D0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X SEOUL-SAWX5X0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X-1A SEOUL-SAWX5X0X-1A Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
More results

Similar Description - SAWX7X0A-2A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
AX32X0 SEOUL-AX32X0_12 Datasheet
316Kb / 16P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X SEOUL-SAWX5X0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
Cree, Inc
XL4550 CREE-XL4550 Datasheet
431Kb / 4P
   XLamp짰 4550 LEDs Binning and Labeling
XR7090AA-BC-0001 CREE-XR7090AA-BC-0001 Datasheet
311Kb / 6P
   XLamp짰 XR LED Binning and Labeling
XR-E CREE-XR-E Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
logo
Seoul Semiconductor
SAWX4A0X SEOUL-SAWX4A0X Datasheet
1Mb / 22P
   Designing with Acriche A4 Connect using a siple diode bridge directly to AC power
logo
ON Semiconductor
AFGY120T65SPD-B4 ONSEMI-AFGY120T65SPD-B4 Datasheet
1Mb / 11P
   Field Stop Trench IGBT With Soft Fast Recovery Diode and VCESAT, VTH Binning
June, 2020 ??Rev. 2
AFGY160T65SPD-B4 ONSEMI-AFGY160T65SPD-B4 Datasheet
2Mb / 11P
   Field Stop Trench IGBT With Soft Fast Recovery Diode and VCESAT, VTH Binning
June, 2020 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com