Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APSG160E471MH08S Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # APSG160E471MH08S
Description  CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

APSG160E471MH08S Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  APSG160E471MH08S Datasheet HTML 1Page - Nippon Precision Circuits Inc APSG160E471MH08S Datasheet HTML 2Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Downsized
PSG
PSF
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
Super low ESR, high ripple current capability
Endurance: 2,000 to 5,000 hours at 105
Rated voltage : 16 to 20Vdc
RoHS Compliant
Halogen Free
◆SPECIFICATIONS
(at 20
℃, 120Hz)
(at 105
℃)
(at 20
℃ after 2 minutes)
(at 20
℃, 120Hz)
(at 100kHz)
Category
Temperature Range
Rated Voltage
Capacitance Tolerance
Surge Voltage
Leakage Current
*Note
Dissipation Factor
(tan
δ)
Low Temperature
Characteristics
(Max.Impedance Ratio)
Endurance
Bias Humidity Test
Surge Voltage Test
Failure Rate
Items
-55 to +105
16 to 20Vdc
P20% (M)
Rated voltage(V)B1.15
I=0.2CV or 500μA, whichever is greater
Where, I : Leakage current (μA), C : Nominal capacitance (μF), V : Rated voltage (V)
0.12 max.
Z(-25
℃)/Z(+20℃)≦1.15
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after the rated voltage is applied for 5,000 hours
(20V : 2,000 hours) at 105
℃.
Appearance
No significant damage
Capacitance change
≦±20% of the initial value
D.F. (tan
δ)
≦The initial specified value
ESR
≦150% of the initial specified value
Leakage current
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjecting them to DC voltage at 60℃,
90 to 95% RH for 1,000 hours.
Appearance
No significant damage
Capacitance change
≦±20% of the initial value
D.F. (tan
δ)
≦The initial specified value
ESR
≦150% of the initial specified value
Leakage current
≦The initial specified value
The capacitors shall be subjected to 1,000 cycles each consisting of charge with the surge voltage specified at 105
℃ for 30 seconds
through a protective resistor(R=1
k
Ω) and discharge for 5 minutes 30 seconds.
Appearance
No significant damage
Capacitance change
D.F. (tan
δ)
ESR
Leakage current
0.5% per 1,000 hours maximum (Confidence level 60% at 105
℃)
Characteristics
*Note : If any doubt arises, measure the leakage current after the following voltage treatment.
Voltage treatment : DC rated voltage is applied to the capacitors for 120 minutes at 105
℃.
Z(-55
℃)/Z(+20℃)≦1.25
≦±20% of the initial value
≦The initial specified value
≦150% of the initial specified value
≦The initial specified value
New!
Radial Lead
CAT. No. E1001L
(1/2)


Similar Part No. - APSG160E471MH08S

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
APSG160E471MH08S NPC-APSG160E471MH08S Datasheet
342Kb / 2P
   Super low ESR, high ripple current capability
More results

Similar Description - APSG160E471MH08S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
APSC160ELL331 CHEMI-CON-APSC160ELL331 Datasheet
303Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSK2R5ELL561 CHEMI-CON-APSK2R5ELL561 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSA100ELL470 CHEMI-CON-APSA100ELL470 Datasheet
37Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
63SXV33M PANASONIC-63SXV33M Datasheet
48Kb / 1P
   Conductive Polymer Aluminum Solid Capacitors ?
logo
List of Unclassifed Man...
APSA6R3ELL681MJB5S ETC2-APSA6R3ELL681MJB5S Datasheet
43Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
2R5SVT560M PANASONIC-2R5SVT560M Datasheet
542Kb / 7P
   Conductive Polymer Aluminum Solid Capacitors
SVPE PANASONIC-SVPE_V01 Datasheet
1Mb / 7P
   Conductive Polymer Aluminum Solid Capacitors
01-Apr-22
logo
Nippon Precision Circui...
APSF2R0ESS102MF08S NPC-APSF2R0ESS102MF08S Datasheet
49Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
United Chemi-Con, Inc.
APSK2R5ELL221 CHEMI-CON-APSK2R5ELL221 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG160ARA102 CHEMI-CON-APXG160ARA102 Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG200ARA560 CHEMI-CON-APXG200ARA560 Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com