Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT2581-02-CG-F84 Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # CT2581-02-CG-F84
Description  CT2578 / CT2581 SIMPLE REMOTE TERMINAL FOR MIL-STD-1553 / 1760 & McAir
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2581-02-CG-F84 Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

  CT2581-02-CG-F84 Datasheet HTML 1Page - Aeroflex Circuit Technology CT2581-02-CG-F84 Datasheet HTML 2Page - Aeroflex Circuit Technology CT2581-02-CG-F84 Datasheet HTML 3Page - Aeroflex Circuit Technology CT2581-02-CG-F84 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2581-02-CG-F84 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2581-02-CG-F84 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2581-02-CG-F84 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 7 page
background image
8
SCDCT2578 REV B 3/11/98
One way to implement this function is to place a latching PROM
The device will only consider a command word valid if the
to the T0-T10 data bus. The PROM would only have to decode 11
following conditions are met:-
bits (5 bits subaddress, 5 bit word count and 1 bit T/R) and have
a) It contains the correct sync field.
a one bit output to place a high / low level on the NME input pin.
b) Correct Manchester bi-phase (16 bits plus parity).
The upper five bits (T11-T15) are just the Remote Terminal
c) Correct parity (odd).
address for the unit which is constant so no decode of these bits is
d) Correct terminal address or broadcast address.
necessary. The latching signal for the PROM would be the NVCR
e) Does not follow contiguously a valid word on the same bus.
line. The NME signal will remain latched and stable until the next
rising edge of NVCR.
Reserved mode commands are automatically declared illegal by the
device and need not be included in the PROM decode.
All other conditions which require the message error bit to be set
c) Correct parity (odd).
are automatic.
d) Follows contiguously a valid word on the same bus.
1760 CHECKSUM
The 1760 checksum logic is enabled by setting the input NENCHK
active low.
For transmit messages the checksum word is generated and
inserted in the last word position of the transmitted message.
For received messages the last data word receive (the checksum
word) is validated. If this word meets the required criteria the
output STATUS remains low. This signal will toggle up and down
for each data word received as it is calculating the checksum.
The open drain output (STATUS) signal may be hard wired to any
of the discrete status inputs to set the required bit of the status
response in the current message. In addition it may be hard wired
to the input NILLCMD which will prevent the message being
written to memory (e.g. if it is required to set the Service Request
bit and not use the data for a failed checksum - hard wire STATUS
to NSR and NILLCMD).
1760 HEADER WORD
In 1760 applications the first data word received is designated the
header word.
An output NHDR is provided to indicate the
presence of this word on the highway T0-T15 for verification
purposes. A failed header word may be treated in the same way as
a failed checksum.
STORE RELEASED
The signal STREL is provided in 1760 applications to indicate to
the subsystem that the store is no longer connected to the aircraft.
INITIALISATION OF THE DEVICE
The device must be reset to a known state on power up. (The RT
address will be latched on power up). It will remain inactive until
a valid command word is received. If the device is in the process
of sequencing a command and a new command is received on the
alternative bus, the sequence will be terminated and the device will
sequence the new command.
The device will only consider a data word valid if the following
conditions are met:-
a) It contains the correct sync field.
b) Correct Manchester bi-phase (16 bits plus parity).
Upon receipt of a valid command word the signal NVCR becomes
active low for 500 nS. (The command word is available on T0-T15
during this period for message illegalization).
On all commands except 'Wrap Around Transmit' the 32 data word
memory is cleared.
RT TO BC TRANSFER
If a valid command is received to transmit up to 32 data words the
device will initially respond with Status.
The signal NCMDSTRB goes low for 8.5 uS synchronized to the
1 MHZ clock indicating that a completely validated message has
been received. The transmit Command word appears on T0-T15
at this time.
If the Busy bit of the Status is set the sequence will terminate after
NCMDSTRB.
The end of the NCMDSTRB will initiate the DMA cycle to transfer
the data words from the subsystem to the data buffer memory in a
single burst.
The subsystem enables the first data word onto T0-T15 and applies
a NSSTRB to the device synchronized to the 1 MHZ clock, this
data is stored in the data buffer memory. The subsystem must
continue transferring the correct amount of words to the device in
this manner at a rate of between 62.5 kHz and 1 MHZ.
Data is transferred from the data buffer memory to the output buffer
for transmission as required by the 1553 data bus.
If the 1760 checksum is enabled, the checksum word will be
automatically generated and transmitted as the last data word. For
example, if a Command is received to transmit five data words the
subsystem can load four or five data words. If the subsystem loads
four data words the device will generate the last data word for
transmission. If the subsystem loads five data words the device will
ignore the last data word and transmit the internally generated
checksum word instead.


Similar Part No. - CT2581-02-CG-F84

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
CT25-44P YAMAICHI-CT25-44P Datasheet
251Kb / 2P
   180째 Solder Cup
CT25-44P1 YAMAICHI-CT25-44P1 Datasheet
87Kb / 2P
   180째 Solder Dip
CT25-44P1-K45 YAMAICHI-CT25-44P1-K45 Datasheet
87Kb / 2P
   180째 Solder Dip
CT25-44P5K271 YAMAICHI-CT25-44P5K271 Datasheet
87Kb / 2P
   90째 Solder Dip
CT25-44P5K272 YAMAICHI-CT25-44P5K272 Datasheet
87Kb / 2P
   90째 Solder Dip
More results

Similar Description - CT2581-02-CG-F84

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
HI-6120 HOLTIC-HI-6120_15 Datasheet
3Mb / 162P
   MIL-STD-1553 Remote Terminal ICs
HI-6120PQI HOLTIC-HI-6120PQI Datasheet
492Kb / 116P
   MIL-STD-1553 Remote Terminal ICs
HI-6120 HOLTIC-HI-6120_12 Datasheet
3Mb / 158P
   MIL-STD-1553 Remote Terminal ICs
HI-6120 HOLTIC-HI-6120_10 Datasheet
3Mb / 157P
   MIL-STD-1553 Remote Terminal ICs
logo
Aeroflex Circuit Techno...
ACT4436 AEROFLEX-ACT4436 Datasheet
94Kb / 7P
   ACT 4436 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4402 AEROFLEX-ACT4402 Datasheet
89Kb / 7P
   ACT4402 SINGLE TRANSCEIVER FOR MIL-STD-1553/1760
ACT4423 AEROFLEX-ACT4423 Datasheet
94Kb / 7P
   ACT4423 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
logo
Holt Integrated Circuit...
HI-2579 HOLTIC-HI-2579 Datasheet
636Kb / 11P
   3.3V MIL-STD-1553/1760 Dual Transceiver
logo
Aeroflex Circuit Techno...
5531760 AEROFLEX-5531760 Datasheet
94Kb / 7P
   ACT 4487 SINGLE TRANSCEIVER FOR MIL-STD-1553/1760
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com