Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAWX5X0X-1B Datasheet(PDF) 10 Page - Seoul Semiconductor

Part # SAWX5X0X-1B
Description  Binning and Labeling Connect directly in AC Power Saving Long Life Time
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAWX5X0X-1B Datasheet(HTML) 10 Page - Seoul Semiconductor

Back Button SAWX5X0X-1B Datasheet HTML 6Page - Seoul Semiconductor SAWX5X0X-1B Datasheet HTML 7Page - Seoul Semiconductor SAWX5X0X-1B Datasheet HTML 8Page - Seoul Semiconductor SAWX5X0X-1B Datasheet HTML 9Page - Seoul Semiconductor SAWX5X0X-1B Datasheet HTML 10Page - Seoul Semiconductor SAWX5X0X-1B Datasheet HTML 11Page - Seoul Semiconductor SAWX5X0X-1B Datasheet HTML 12Page - Seoul Semiconductor SAWX5X0X-1B Datasheet HTML 13Page - Seoul Semiconductor SAWX5X0X-1B Datasheet HTML 14Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Rev. 01
Rev. 01
August 2012
August 2012
www.ACRICH.com
www.ACRICH.com
10
Document No. : SSC-QP-7-07-24 (Rev.00)
1. Cool White
Order Code
A5 series has an order code, use it as follows to purchase.
Example : SAWX5X0X (AX52X0-01) - 1A
Part Number
Order code
Order Code
LF
CC
VF
Z2
U2Z2A~U2Z2D
VZ2A~VZ2D
WZ2A~WZ2D
Z4
U2Z4A~U2Z4D
VZ4A~VZ4D
WZ4A~WZ4D
Z1
U2Z1A~U2Z1D
VZ1A~VZ1D
WZ1A~WZ1D
Z3
U2Z3A~U2Z3D
VZ3A~VZ3D
WZ3A~WZ3D
Z5
U2Z5A~U2Z5D
VZ5A~VZ5D
WZ5A~WZ5D
Z1
U2Z1A~U2Z1D
VZ1A~VZ1D
WZ1A~WZ1D
Z3
U2Z3A~U2Z3D
VZ3A~VZ3D
WZ3A~WZ3D
Z5
U2Z5A~U2Z5D
VZ5A~VZ5D
WZ5A~WZ5D
A0
U2A0A~U2A0D
VA0A~VA0D
WA0A~WA0D
A2
U2A2A~U2A2D
VA2A~VA2D
WA2A~WA2D
A4
U2A4A~U2A4D
VA4A~VA4D
WA4A~WA4D
A0
U2A0A~U2A0D
VA0A~VA0D
WA0A~WA0D
A2
U2A2A~U2A2D
VA2A~VA2D
WA2A~WA2D
A4
U2A4A~U2A4D
VA4A~VA4D
WA4A~WA4D
A1
U2A1A~U2A1D
VA1A~VA1D
WA1A~WA1D
A3
U2A3A~U2A3D
VA3A~VA3D
WA3A~WA3D
A5
U2A5A~U2A5D
VA5A~VA5D
WA5A~WA5D
A1
U2A1A~U2A1D
VA1A~VA1D
WA1A~WA1D
A3
U2A3A~U2A3D
VA3A~VA3D
WA3A~WA3D
A5
U2A5A~U2A5D
VA5A~VA5D
WA5A~WA5D
B0
U2B0A~U2B0D
VB0A~VB0D
WB0A~WB0D
B2
U2B2A~U2B2D
VB2A~VB2D
WB2A~WB2D
B4
U2B4A~U2B4D
VB4A~VB4D
WB4A~WB4D
B0
U2B0A~U2B0D
VB0A~VB0D
WB0A~WB0D
B2
U2B2A~U2B2D
VB2A~VB2D
WB2A~WB2D
B4
U2B4A~U2B4D
VB4A~VB4D
WB4A~WB4D
B1
U2B1A~U2B1D
VB1A~VB1D
WB1A~WB1D
B3
U2B3A~U2B3D
VB3A~VB3D
WB3A~WB3D
B5
U2B5A~U2B5D
VB5A~VB5D
WB5A~WB5D
B1
U2B1A~U2B1D
VB1A~VB1D
WB1A~WB1D
B3
U2B3A~U2B3D
VB3A~VB3D
WB3A~WB3D
B5
U2B5A~U2B5D
VB5A~VB5D
WB5A~WB5D
C0
U2C0A~U2C0D
VC0A~VC0D
WC0A~WC0D
C2
U2C2A~U2C2D
VC2A~VC2D
WC2A~WC2D
C4
U2C4A~U2C4D
VC4A~VC4D
WC4A~WC4D
C0
U2C0A~U2C0D
VC0A~VC0D
WC0A~WC0D
C2
U2C2A~U2C2D
VC2A~VC2D
WC2A~WC2D
C4
U2C4A~U2C4D
VC4A~VC4D
WC4A~WC4D
C1
U2C1A~U2C1D
VC1A~VC1D
WC1A~WC1D
C3
U2C3A~U2C3D
VC3A~VC3D
WC3A~WC3D
C5
U2C5A~U2C5D
VC5A~VC5D
WC5A~WC5D
Part No. – 1F
U2
V
W
A
B
C
D
Part No. – 1G
U2
V
W
A
B
C
D
Part No. – 1D
U2
V
W
A
B
C
D
Part No. – 1E
U2
V
W
A
B
C
D
Part No. – 1B
U2
V
W
A
B
C
D
Part No. – 1C
U2
V
W
A
B
C
D
Standard Order Codes for Cool White
Standard Order Codes for Cool White
Standard Order Codes for Cool White
Standard Order Codes for Cool White
Bin Codes
Part No. – 1A
U2
V
W
A
B
C
D


Similar Part No. - SAWX5X0X-1B

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAWX4A0X SEOUL-SAWX4A0X Datasheet
1Mb / 22P
   Designing with Acriche A4 Connect using a siple diode bridge directly to AC power
SAWX7X0A SEOUL-SAWX7X0A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
SAWX7X0A-1A SEOUL-SAWX7X0A-1A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
SAWX7X0A-1B SEOUL-SAWX7X0A-1B Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
SAWX7X0A-1C SEOUL-SAWX7X0A-1C Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
More results

Similar Description - SAWX5X0X-1B

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
AX32X0 SEOUL-AX32X0_12 Datasheet
316Kb / 16P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX7X0A SEOUL-SAWX7X0A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
Cree, Inc
XL4550 CREE-XL4550 Datasheet
431Kb / 4P
   XLamp짰 4550 LEDs Binning and Labeling
XR7090AA-BC-0001 CREE-XR7090AA-BC-0001 Datasheet
311Kb / 6P
   XLamp짰 XR LED Binning and Labeling
logo
Seoul Semiconductor
SMJE-XD12W4PD SEOUL-SMJE-XD12W4PD Datasheet
1Mb / 25P
   Long Life Time
logo
Cree, Inc
XR-E CREE-XR-E Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
logo
Seoul Semiconductor
SMJC-2V08W2P4 SEOUL-SMJC-2V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJE-3V12W2P4 SEOUL-SMJE-3V12W2P4 Datasheet
427Kb / 14P
   Acrich2 - 12.7W Bulb Connect using a AIC directly to AC power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com