Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAWX4A0X Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # SAWX4A0X
Description  Designing with Acriche A4 Connect using a siple diode bridge directly to AC power
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAWX4A0X Datasheet(HTML) 1 Page - Seoul Semiconductor

  SAWX4A0X Datasheet HTML 1Page - Seoul Semiconductor SAWX4A0X Datasheet HTML 2Page - Seoul Semiconductor SAWX4A0X Datasheet HTML 3Page - Seoul Semiconductor SAWX4A0X Datasheet HTML 4Page - Seoul Semiconductor SAWX4A0X Datasheet HTML 5Page - Seoul Semiconductor SAWX4A0X Datasheet HTML 6Page - Seoul Semiconductor SAWX4A0X Datasheet HTML 7Page - Seoul Semiconductor SAWX4A0X Datasheet HTML 8Page - Seoul Semiconductor SAWX4A0X Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
서식번호 : SSC-QP-7-07-25 (Rev.00)
1
Rev. 00
Rev. 00
September
September 2011
2011
www.acriche.com
www.acriche.com
Connect using a simple
diode bridge directly to
AC power
Power Saving
Long Life Time
Simple BOM
Miniaturization
• Low thermal
resistance
• SMT solderability
• Lead Free product
• RoHS compliant
• Architectural lighting
• Residential lighting
• Task lighting
• Decorative/Pathway
lighting
Features
Applications
The Acriche series of devices are
designed for ease of implementation
and readily connect to AC sources
emitting very high flux while minimizing
driver requirements.
Acriche products are long-lasting, environmentally
friendly semiconductor light sources that can be attached either
directly to AC voltages, or as with the A4, to a simple diode bridge
(see Fig 6).
Acriche’s thermal management exceeds other power LED solutions
incorporating state-of-the-art SMD technology, thermal path design,
and low thermal resistant materials.
Whether designing a spot light or tiled array, the Acriche A4 is an
ideal light source for general purpose illumination applications.
This application note provides assembly and handling information of
the A4 series.
Introduction
SAWX4A0X
Application Note:
Designing with Acriche A4


Similar Part No. - SAWX4A0X

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAWX5B0X SEOUL-SAWX5B0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5D0X SEOUL-SAWX5D0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X SEOUL-SAWX5X0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X-1A SEOUL-SAWX5X0X-1A Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X-1B SEOUL-SAWX5X0X-1B Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
More results

Similar Description - SAWX4A0X

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJC-2V08W2P4 SEOUL-SMJC-2V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJE-3V12W2P4 SEOUL-SMJE-3V12W2P4 Datasheet
427Kb / 14P
   Acrich2 - 12.7W Bulb Connect using a AIC directly to AC power
SMJE-3V08W2P4 SEOUL-SMJE-3V08W2P4 Datasheet
484Kb / 14P
   Acrich2 - 8.7W Bulb Connect using a AIC directly to AC power
SMJC-3V08W2P4 SEOUL-SMJC-3V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJE-2V08W2P4 SEOUL-SMJE-2V08W2P4 Datasheet
462Kb / 14P
   Acrich2 - 8.7W Bulb Connect using a AIC directly to AC power
SMJE-2V12W2P4 SEOUL-SMJE-2V12W2P4 Datasheet
468Kb / 14P
   Acrich2 -12.7W Bulb Connect using a AIC directly to AC power
SMJD-3V16W2P3 SEOUL-SMJD-3V16W2P3 Datasheet
570Kb / 14P
   Acrich2 220V 17W Module Connect using a AIC directly to AC power
SMJP-1V04W1P1 SEOUL-SMJP-1V04W1P1 Datasheet
868Kb / 15P
   Acrich2 - 100V 4.3W MR Connect using a AIC directly to AC power
SMJD-2D16W2P3 SEOUL-SMJD-2D16W2P3 Datasheet
563Kb / 14P
   Acrich2 120V 17W Module Connect using a AIC directly to AC power
SMJE-1V04W1P2 SEOUL-SMJE-1V04W1P2 Datasheet
708Kb / 15P
   Acrich2 - 100V 4.3W Bulb Connect using a AIC directly to AC power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com