Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7041-2 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7041-2
Description  2 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 7.5 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7041-2 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7041-2 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7041-2 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7041-2 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
2 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized Body
Rated To 25 Watts Up To 7.5 GHz
Configuration
Design
Fixed, Bidirectional Attenuator
Connector 1
7/16 DIN Male
Connector 2
7/16 DIN Female
Body Material and Plating
Aluminum Heatsink, Black Anodized
Electrical Specifications
Frequency Range, GHz
DC to 7.5
Impedance, Ohms
50
Attenuation Value, dB
2
Maximum Input Power, Watts
25
Maximum VSWR
1.45:1
Frequency 1
Range, GHz
DC to 4
VSWR
1.25:1
Attenuation Accuracy, dB
± 0.4
Frequency 2
Range, GHz
4 to 7.5
VSWR
1.45:1
Attenuation Accuracy, dB
± 0.4
Mechanical Specifications
Size
Length, in [mm]
5.55 [140.97]
Width, in [mm]
2.65 [67.31]
Height, in [mm]
2.65 [67.31]
.
Connector 1
Type
7/16 DIN Male
Hex Size, in.
1 1/4
Torque, ft-lbs [Nm]
18.417 [24.97]
Connector 2
Type
7/16 DIN Female
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized
Body Rated To 25 Watts Up To 7.5 GHz PE7041-2
PE7041-2
PE7041-2 REV
2 dB Fixed Attenuator, 7/16 DIN Male To 7/16
DIN Female Aluminum Heatsink Black Anodized
Body Rated To 25 Watts Up To 7.5 GHz


Similar Part No. - PE7041-2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7041-2 PASTERNACK-PE7041-2 Datasheet
254Kb / 4P
   2 dB Fixed Attenuator, 7/16 DIN Male to 7/16 DIN Female Black Anodized Aluminum Heatsink Body
PE7041-20 PASTERNACK-PE7041-20 Datasheet
219Kb / 3P
   20 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 7.5 GHz
PE7041-20 PASTERNACK-PE7041-20 Datasheet
254Kb / 4P
   20 dB Fixed Attenuator, 7/16 DIN Male to 7/16 DIN Female Black Anodized Aluminum Heatsink Body
PE7041-20 PASTERNACK-PE7041-20_16 Datasheet
254Kb / 4P
   20 dB Fixed Attenuator, 7/16 DIN Male to 7/16 DIN Female Black Anodized Aluminum Heatsink Body
PE7041-2 PASTERNACK-PE7041-2_16 Datasheet
254Kb / 4P
   2 dB Fixed Attenuator, 7/16 DIN Male to 7/16 DIN Female Black Anodized Aluminum Heatsink Body
More results

Similar Description - PE7041-2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7041-20 PASTERNACK-PE7041-20 Datasheet
219Kb / 3P
   20 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 7.5 GHz
PE7041-10 PASTERNACK-PE7041-10 Datasheet
220Kb / 3P
   10 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 7.5 GHz
PE7041-3 PASTERNACK-PE7041-3 Datasheet
220Kb / 3P
   3 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 7.5 GHz
PE7041-1 PASTERNACK-PE7041-1 Datasheet
220Kb / 3P
   1 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 7.5 GHz
PE7041-30 PASTERNACK-PE7041-30 Datasheet
220Kb / 3P
   30 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 7.5 GHz
PE7041-6 PASTERNACK-PE7041-6 Datasheet
220Kb / 3P
   6 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 7.5 GHz
PE7041-40 PASTERNACK-PE7041-40 Datasheet
220Kb / 3P
   40 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 7.5 GHz
PE7042-20 PASTERNACK-PE7042-20 Datasheet
220Kb / 3P
   20 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 7.5 GHz
PE7042-40 PASTERNACK-PE7042-40 Datasheet
220Kb / 3P
   40 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 7.5 GHz
PE7042-6 PASTERNACK-PE7042-6 Datasheet
220Kb / 3P
   6 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 7.5 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com