Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R-SPI650ACAG Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # R-SPI650ACAG
Description  650 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

R-SPI650ACAG Datasheet(HTML) 1 Page - Sparkle Power Inc.

  R-SPI650ACAG Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sparkle Power Inc.
A Leading Power Supply
Manufacturer
www.sparklepower.com
R-SPI650ACAG
(80PLUS Gold, RoHS Compliant)
Features
Input Characteristics
Input Range: 90 ~ 264Vac, Full Range Input
Frequency: 47 ~ 63Hz
Input Current:
Inrush Current: No damage.
Specification
Temperature Range: Operating: +0°C ~ +40°C on full load
Storage & Shipping: -40°C ~ +70°C
Humidity: 5-85% on operating, 5-95% on storage
Dielectric Withstand: Primary to frame ground 1800VAC for 1
second
Efficiency: 87% minimum, typical up to 90%
Rise time: Less than 20ms
Hold-up Time: 17ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ~ 500ms, off delay
1ms minimum (TTL and CMOS compatible)
Leakage Current: Less than 3.5mA at 264Vac, 50Hz
MTBF: 100,000 hours on maximum load at +25°C
Dimensions (LxWxH):140x150x85.8mm / 5.5x5.9x3.4inch
Output Characteristics
*+12V1,2,3,4 Peak current is 20A (less than 10mS)
*+5Vsb peak current is 4A (less than 0.5S)
*+3.3V & +5V total output does not exceed 150W
when +5V is loaded to 26A, then +3.3V maximum load is 6A
when +3.3V is loaded to 26A, then +5V maximum load is 12.8A
*+12V1 & +12V2 & +12V3 & +12V4 total output does not
exceed 600W(50A)
Complied with ATX12V V2.3 EPS12V V2.92 standard
Active Power Factor Correction (PFC) meet EN61000-3-2
High efficiency and reliability
Compatible with European Union Directive 2002/95/EC (Restriction
on Hazardous Substances).
Remote ON/OFF function
Internal 12V DC fan included
Noise Killer (thermal fan speed control function)
Low noise and ripple
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
Complies with FCC part 15 subpart J class B 115Vac operation, and
CISPR 22 class B at 230Vac operation
Approved by CUL/UL60950-1, TUV EN60950-1,CB 60950-1 report,
FCC,EMC.
650 Watts ATX12V V2.3 EPS12V V2.92 Switching
Power Supply (Meet 2013 ErP)
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
Tel : 408-519-8888
Fax: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
Tel : 626-839-7180
Fax: 626-839-3395
Max 10A@100-127Vrms/60Hz
Max 5A@200-240Vrms/50Hz


Similar Part No. - R-SPI650ACAG

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
R-SPI600GHN SPI-R-SPI600GHN Datasheet
547Kb / 1P
   600 Watts EPS12V & ATX12V Switching Power Supply
More results

Similar Description - R-SPI650ACAG

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
R-FSP600-80ETN SPI-R-FSP600-80ETN Datasheet
2Mb / 1P
   600 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
R-FSP1000-50TGM SPI-R-FSP1000-50TGM Datasheet
1Mb / 1P
   1000 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
R-SPI750ACAG SPI-R-SPI750ACAG Datasheet
2Mb / 1P
   750 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
R-FSP400-60ETN SPI-R-FSP400-60ETN Datasheet
2Mb / 1P
   400 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
R-FSP700-80ETN SPI-R-FSP700-80ETN Datasheet
2Mb / 1P
   700 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
R-FSP1200-50TGM SPI-R-FSP1200-50TGM Datasheet
1Mb / 1P
   1200 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
R-FSP500-70ETN SPI-R-FSP500-70ETN Datasheet
2Mb / 1P
   500 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
R-FSP850-50TGM SPI-R-FSP850-50TGM Datasheet
1Mb / 1P
   850 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
FSP550-80ETN SPI-FSP550-80ETN Datasheet
1Mb / 1P
   550 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
FSP600-80ETN SPI-FSP600-80ETN Datasheet
1Mb / 1P
   600 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com