Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT2553 Datasheet(PDF) 20 Page - Aeroflex Circuit Technology

Part # CT2553
Description  CT2553 / 2554 / 2555 / 2556 Advanced Integrated MUX (AIM) Hybrid FOR MIL-STD-1553
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2553 Datasheet(HTML) 20 Page - Aeroflex Circuit Technology

Back Button CT2553 Datasheet HTML 16Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 17Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 18Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 19Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 20Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 21Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 22Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 23Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 24Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Aeroflex Circuit Technology
20
SCDCT2553 REV B 8/6/99 Plainview NY (516) 694-6700
MT DATA STORAGE. Figure 26 shows the steps
in a MT data Storage operation.
INTERRUPTS: SA/MC - 0 (pin 13), SA/MC - 1
(pin 52) and SA/MC - 2 (on 52) represents B6,
B7, and B8 counter outputs in the MT mode. B6
counts every 32 words transferred, B7 every 64
words, and B8 every 128 words. These counter
outputs can be used to generate interrupts to the
subsystem to insure proper servicing of Memory.
The Data Word and Identification Word transfers
increment the counter by two.
BUILT-IN-TEST WORD (RTU MODE)
The CT2553 contains a 14 bit Built-In-Test (BIT)
word register which stores information about the
condition of the RTU. When a Mode Command is
received to transmit BIT word, the contents of this
register are transmitted over the 1553 data bus.
Figure 27 shows the meaning of each bit in the
BIT register. Information is included regarding
transmitter timeouts, loop test failures, transmitter
shutdown, subsystem handshake failure, and the
results of individual message validations.
MODE CODES
The
CT2553
implements
all
mode
codes
applicable to dual redundant systems. Mode
codes
can
also
be
illegalized
using
the
appropriate
I/O
signals.
Mode
command
illegalization and handling are detailed in the RTU
Operation section and listed in Table 6.
GET STACK POINTER FROM
WORD 100 IN RAM AND
STORE IN INTERNAL REGISTER
START COMMAND ISSUED
STORE RETREIVED 1553 WORD
IN RAM, INCREMENTS INTERNAL
ADDRESS REGISTER
Figure 26 – MT Data Storage Operation
STORE IDENTIFICATION WORD
IN RAM, INCREMENT INTERNAL
ADDRESS REGISTER
NO
WORD TRANSFERRED
ACROSS 1553 BUS
?
YES
15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
0 0
CHAN B XMITTER TIMEOUT
CHAN A XMITTER TIMEOUT
CHAN B LOOP TEST FAILURE
CHAN A LOOP TEST FAILURE
CHAN B XMITTER SHUTDOWN
CHAN A XMITTER SHUTDOWN
NON-MODE BROADCAST CMD TO XMIT
MESSAGE HIGH WORD COUNT
MESSAGE LOW WORD COUNT
ILLEGAL MODE CODE OR ILLEGAL
BROADCAST WITH MODE CODE
MODE CODE OR T/R ERROR
CHAN A/B LOOP TEST FAILURE
HANDSHAKE FAILURE
CHAN A/B XMITTER TIMEOUT
Notes:
(1) Bits 0-2 and 10-13 are latched and only cleared by a mode reset command or a master RESET.
(2) Bits 3-7 are cleared at the start of each new message and updated at the end of the message. They
reflect the present command word.
(3) Bits 8-9 are set by the mode command for Transmitter Shutdown and are cleared by the mode
command for Override Transmitter Shutdown, Reset RT or a master RESET.
Figure 27 – Built-In-Test Word (RTU Mode)


Similar Part No. - CT2553

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
CT25-44P YAMAICHI-CT25-44P Datasheet
251Kb / 2P
   180째 Solder Cup
CT25-44P1 YAMAICHI-CT25-44P1 Datasheet
87Kb / 2P
   180째 Solder Dip
CT25-44P1-K45 YAMAICHI-CT25-44P1-K45 Datasheet
87Kb / 2P
   180째 Solder Dip
CT25-44P5K271 YAMAICHI-CT25-44P5K271 Datasheet
87Kb / 2P
   90째 Solder Dip
CT25-44P5K272 YAMAICHI-CT25-44P5K272 Datasheet
87Kb / 2P
   90째 Solder Dip
More results

Similar Description - CT2553

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
List of Unclassifed Man...
BUS-61559 ETC1-BUS-61559 Datasheet
49Kb / 4P
   MIL-STD-1553B NOTICE 2 ADVANCED INTEGRATED MUX HYBRIDS WITH ENHANCED RT FEATURES (AIM-HYer)
logo
Keysight Technologies
N5469A KEYSIGHT-N5469A Datasheet
937Kb / 14P
   MIL-STD 1553 Triggering
logo
Pulse A Technitrol Comp...
H1553-1 PULSE-H1553-1 Datasheet
483Kb / 2P
   MIL-STD-1553 Transformers
Q1553-70 PULSE-Q1553-70 Datasheet
534Kb / 3P
   MIL-STD-1553 Transformers
QC1553-1 PULSE-QC1553-1 Datasheet
452Kb / 3P
   MIL-STD-1553 Transformers
QC1553-20 PULSE-QC1553-20 Datasheet
457Kb / 3P
   MIL-STD-1553 Transformers
MIL-STD-1553 PULSE-MIL-STD-1553 Datasheet
512Kb / 2P
   MIL-STD-1553 Transformers
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
   MIL-STD-1553 TRANSCEIVER
logo
Aeroflex Circuit Techno...
ACT4468D AEROFLEX-ACT4468D Datasheet
80Kb / 6P
   ACT4468D Dual Transceivers for MIL-STD-1553
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com