Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT1995 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # CT1995
Description  MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1995 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  CT1995 Datasheet HTML 1Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 2Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 3Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 4Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 5Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 6Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 7Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 8Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Aeroflex Circuit Technology
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
5
It should be noted that the RT expects the Vector word contents to be already prepared in a latch ready for enabling
onto the internal highway when VECTEN goes low. If the subsystem has not been designed to handle the Vector word
mode command, it will be the fault of the Bus Controller if the RT receives such a command. Since the subsystem is
not required to acknowledge the mode command, the RT will not be affected in any way by Vector word circuitry not
being implemented in the subsystem. It will however transmit a data word as the Vector word, but this word will have no
meaning.
Reset Mode Command
Figure 8 shows the relevant signal timings for an RT receiving a valid reset mode command. Once the command word
has been fully validated and serviced, the RESET signal is pulsed low. This signal may be used as a reset function for
subsystem interface circuitry.
Dynamic Bus Allocation
This mode command is intended for use with a terminal which has the capability of configuring itself into a bus
controller on command from the bus. The line DBCREQ cannot go true unless the DBCACC line was true at the time of
the valid command, i.e. tied low. For terminals acting only as RTs, the signal DBCACC should be tied high (inactive),
and the signal DBCREQ should be ignored and left unconnected.
Use of the Busy Status Bit
The Busy Bit is used by the subsystem to indicate that it is not ready to handle data transfers either to or from the RT.
The RT sets the bit to logic one if the BUSY line from the subsystem is active low at the time of the second falling edge
of INCLK after INCMD goes low. This is shown in Figure 13. Once the Busy bit is set, the RT will stop all receive and
transmit data word transfers to and from the subsystem. The data transfers in the Synchronize with data word and
Transmit Vector word mode commands are not affected by the Busy bit and will take place even if it has been set.
It should be noted that a minimum of 0.5 µs subaddress decoding time is given to the subsystem before setting of
status bits. This allows the subsystem to selectively set the Busy bit if for instance one subaddress is busy but others
are ready. This option will prove useful when an RT is interfacing with multiple subsystems.
Use of the Service Request Status Bit
The Service Request bit is used by the subsystem to indicate to the Bus Controller that an asynchronous service is
requested.
The timing of the setting of this bit is the same as the Busy bit and is shown in Figure 13. Use of SERVREQ has no
effect on the RT apart from setting the Service Request bit.
It should be noted that certain mode commands require that the last status word be transmitted by the RT instead of
the current one, and therefore a currently set status bit will not be seen by the Bus Controller. Therefore the user is
advised to hold SERVREQ low until the requested service takes place.
Use of the Subsystem Status Bit
This status bit is used by the RT to indicate a subsystem fault condition. If the subsystem sets SSERR low at any time,
the subsystem fault condition in the RT will be set, and the Subsystem Flag status bit will subsequently be set. The fault
condition will also be set if a handshaking failure takes place during a data transfer to or from the subsystem. The fault
condition is cleared on power-up or by a Reset mode command.
Dynamic Bus Control Acceptance Status Bit
DBCACC, when set true, enables an RT to configure itself into a Bus Controller, if the subsystem has the capability, by
allowing DBCREQ to pulse true and BIT TIME 18 to be set in the status response. If Dynamic Bus Control is not
required then DBCACC must be tied high. DBCACC tied high inhibits DBCREQ and clears BIT TIME 18 in the status
response.
Bus Driver/Receiver Interface
Receive Data
The decoder chip requires two TTL signals, RXDATA and RXDATA, to represent the data coming in from the bus. PDIN
should be driven to a logic level ‘1’ when the bus waveform exceeds a specified positive threshold and NDIN should be
driven to a logic level ‘1’ when a specified negative threshold is exceeded. During the quiet period on the bus both
signals should be at the same logic level. All the bus receivers must be permanently enabled, the selection of the bus in
use is controlled within the ASIC.


Similar Part No. - CT1995

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT1990-1-20 AEROFLEX-CT1990-1-20 Datasheet
232Kb / 29P
   MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT19901 AEROFLEX-CT19901 Datasheet
232Kb / 29P
   MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT1991-1-20 AEROFLEX-CT1991-1-20 Datasheet
232Kb / 29P
   MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT1999 AEROFLEX-CT1999 Datasheet
259Kb / 25P
   CT1999 Remote Terminal and/or Bus Controller for MIL-STD-1553B
CT1999-FP AEROFLEX-CT1999-FP Datasheet
259Kb / 25P
   CT1999 Remote Terminal and/or Bus Controller for MIL-STD-1553B
More results

Similar Description - CT1995

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT19901 AEROFLEX-CT19901 Datasheet
232Kb / 29P
   MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
ACT3492 AEROFLEX-ACT3492 Datasheet
360Kb / 49P
   MIL-STD-1553B Remote Terminal, BUS Controller, or Passive Monitor Hybrid with Status Word Control Dual Low Power Monolithic BUS Tranceivers
CT2565 AEROFLEX-CT2565 Datasheet
356Kb / 31P
   CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT2561 AEROFLEX-CT2561 Datasheet
103Kb / 9P
   CT2561 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT1999 AEROFLEX-CT1999 Datasheet
259Kb / 25P
   CT1999 Remote Terminal and/or Bus Controller for MIL-STD-1553B
logo
Actel Corporation
1553BBC-XX ACTEL-1553BBC-XX Datasheet
225Kb / 30P
   Core1553BBC MIL-STD-1553B Bus Controller
logo
Dynex Semiconductor
MA3690 DYNEX-MA3690 Datasheet
426Kb / 41P
   1553B Bus Controller/Remote Terminal
logo
Tyco Electronics
DK-621-0912-S MACOM-DK-621-0912-S Datasheet
129Kb / 5P
   Data Bus (MIL-STD-1553B) Components
D-500-0463-612 MACOM-D-500-0463-612 Datasheet
339Kb / 5P
   Data Bus (MIL-STD-1553B) Components
Revised 12-03
logo
Aeroflex Circuit Techno...
CT2542 AEROFLEX-CT2542 Datasheet
313Kb / 17P
   CT 2542 Dual Redundant Remote Terminal FOR MIL-STD-1553B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com