Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT1508-2 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # CT1508-2
Description  CT1508-2 MIL-STD-1397 Type E 10MHz Serial Manchester 4-Bit SIS / SOS Decoder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1508-2 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  CT1508-2 Datasheet HTML 1Page - Aeroflex Circuit Technology CT1508-2 Datasheet HTML 2Page - Aeroflex Circuit Technology CT1508-2 Datasheet HTML 3Page - Aeroflex Circuit Technology CT1508-2 Datasheet HTML 4Page - Aeroflex Circuit Technology CT1508-2 Datasheet HTML 5Page - Aeroflex Circuit Technology CT1508-2 Datasheet HTML 6Page - Aeroflex Circuit Technology CT1508-2 Datasheet HTML 7Page - Aeroflex Circuit Technology CT1508-2 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1ST Data
Bit
2ND Data
Bit
3RD Data
Bit
4TH Data
Bit
5TH Data
Bit
RX Data
Data
R
Clock
R
SIS/ SOS
False
Transmission
Envelope
PW2
T1
T2
T3
T6
T7
T4
T9
T10
T11
PW1
T5
PW3
RX Data
Master Reset
VIH
VOH
0V
0V
VOL
VOL
3V
3V
VOH
VOL
VIH
VIL
VIL
VOH
Figure 1 – Decoder Timing Waveforms


Similar Part No. - CT1508-2

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
CT1508 EIC-CT1508 Datasheet
44Kb / 2P
   CENTER TAP DIODES
logo
New Jersey Semi-Conduct...
CT1508 NJSEMI-CT1508 Datasheet
155Kb / 2P
   CENTER TAP DIODES
logo
EIC discrete Semiconduc...
CT1508R EIC-CT1508R Datasheet
40Kb / 2P
   CENTER TAP DIODES
More results

Similar Description - CT1508-2

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT1496-2 AEROFLEX-CT1496-2 Datasheet
91Kb / 9P
   CT1496-2 MIL-STD-1397 Type E 10MHz Low Level Serial Manchester 32 Bit Encoder
CT1469-2 AEROFLEX-CT1469-2 Datasheet
90Kb / 10P
   CT1469-2 MIL-STD-1397 Type E 10MHz Transceiver
CT1698 AEROFLEX-CT1698 Datasheet
82Kb / 7P
   CT1698 MIL-STD-1397 Type E 10MHz Low Level Serial Interface
CT1815 AEROFLEX-CT1815 Datasheet
81Kb / 7P
   CT1815 10MHz Low Level Serial Interface for MIL-STD-1397 Type D
CT2500 AEROFLEX-CT2500 Datasheet
144Kb / 10P
   CT2500 MIL-STD-1397 Type D & E Low Level Serial Interface Protocol Chip
ARX2412 AEROFLEX-ARX2412 Datasheet
112Kb / 7P
   ARX2412 Data Terminal Manchester Converter for MIL-STD-1553
logo
Data Delay Devices, Inc...
3D7522 DATADELAY-3D7522 Datasheet
257Kb / 4P
   MONOLITHIC MANCHESTER DECODER
3D7502-10 DATADELAY-3D7502-10 Datasheet
38Kb / 4P
   MONOLITHIC MANCHESTER DECODER
3D3522 DATADELAY-3D3522 Datasheet
257Kb / 4P
   MONOLITHIC MANCHESTER DECODER
logo
Holt Integrated Circuit...
HI-15530 HOLTIC-HI-15530 Datasheet
312Kb / 11P
   Manchester Encoder / Decoder
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com