Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5215GUA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5215GUA
Description  14-/16-Bit, Low-Power, Buffered Output,Rail-to-Rail DACs with I2C Interface
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5215GUA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5215GUA Datasheet HTML 7Page - Maxim Integrated Products MAX5215GUA Datasheet HTML 8Page - Maxim Integrated Products MAX5215GUA Datasheet HTML 9Page - Maxim Integrated Products MAX5215GUA Datasheet HTML 10Page - Maxim Integrated Products MAX5215GUA Datasheet HTML 11Page - Maxim Integrated Products MAX5215GUA Datasheet HTML 12Page - Maxim Integrated Products MAX5215GUA Datasheet HTML 13Page - Maxim Integrated Products MAX5215GUA Datasheet HTML 14Page - Maxim Integrated Products MAX5215GUA Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
Maxim Integrated
MAX5215/MAX5217
14-/16-Bit, Low-Power, Buffered Output,
Rail-to-Rail DACs with I2C Interface
Typical Operating Characteristics (continued)
(VDD = 5V, TA = +25°C, unless otherwise noted.)
OUTPUT VOLTAGE
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
5
4
3
2
1
2.30
2.35
2.40
2.45
2.50
2.55
2.25
06
VDD = 5V
VREF = 5V
REFERENCE INPUT BANDWIDTH
vs. FREQUENCY
INPUT FREQUENCY (kHz)
100
10
-15
-10
-5
0
5
-20
1
1000
SUPPLY CURRENT
vs. DIGITAL INPUT VOLTAGE
DIGITAL INPUT VOLTAGE (V)
500
1000
1500
2000
2500
3000
3500
0
0
12345
VDD = 2.7V
HIGH T0 LOW
VDDI = 2.7V
LOW T0 HIGH
VDD = 5V
LOW T0 HIGH
VDD = 5V
HIGH T0 LOW
INTEGRATED OUTPUT NOISE
(0.1Hz TO 10Hz)
MAX5215 toc30
OUT
1µV/div
1s/div
FREQUENCY (Hz)
1k
100k
10k
100
10
DAC OUPUT NOISE DENSITY
vs. FREQUENCY
75
100
125
150
175
200
50
MAX5215/MAX5217
FULL-SCALE (CODE 0XFF00)
ZERO-SCALE (CODE 0x00FF)
MIDSCALE (CODE 0x8000)


Similar Part No. - MAX5215GUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX521 MAXIM-MAX521 Datasheet
274Kb / 20P
   Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 3; 9/96
MAX5214 MAXIM-MAX5214 Datasheet
3Mb / 16P
   14-/16-Bit, Low-Power, High-Performance, Buffered Single DACs
Rev 0; 12/10
MAX5214GUA MAXIM-MAX5214GUA Datasheet
3Mb / 16P
   14-/16-Bit, Low-Power, High-Performance, Buffered Single DACs
Rev 0; 12/10
MAX5216 MAXIM-MAX5216 Datasheet
1Mb / 12P
   MAX5216 Evaluation Kit
Rev 0; 6/11
MAX5216 MAXIM-MAX5216 Datasheet
1Mb / 12P
   MAX5216 Evaluation Kit
Rev 0; 6/11
More results

Similar Description - MAX5215GUA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2606 LINER-LTC2606 Datasheet
310Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2626 LINER-LTC2626_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2616 LINER-LTC2616_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2606 LINER-LTC2606_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
logo
Analog Devices
LTC2606 AD-LTC2606 Datasheet
651Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs I2C Interface
logo
Linear Technology
LTC2607 LINER-LTC2607_15 Datasheet
295Kb / 20P
   16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
LTC2609 LINER-LTC2609 Datasheet
318Kb / 20P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2609 LINER-LTC2609_15 Datasheet
336Kb / 22P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2619 LINER-LTC2619_15 Datasheet
336Kb / 22P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2629 LINER-LTC2629_15 Datasheet
336Kb / 22P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com