Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS1003 Datasheet(PDF) 3 Page - Touchstone Semiconductor Inc

Part # TS1003
Description  THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1003 Datasheet(HTML) 3 Page - Touchstone Semiconductor Inc

  TS1003 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS1003 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS1003 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1003 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1003 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1003 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1003 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1003 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1003 Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TS1003
TS1003DS r1p0
Page 3
RTFDS
ELECTRICAL CHARACTERISTICS
VDD = +1.8V, VSS = 0V, VINCM = VSS; RL = 100kΩ to (VDD-VSS)/2; TA = -40°C to +85°C, unless otherwise noted.
Typical values are at TA = +25°C. See Note 1
Parameters
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage Range
VDD-VSS
0.8
5.5
V
Supply Current
ISY
RL = Open circuit
TA = 25°C
0.6
0.8
µA
-40°C ≤ TA ≤ 85°C
1
Input Offset Voltage
VOS
VIN = VSS or VDD
TA = 25°C
0.8
3
mV
-40°C ≤ TA ≤ 85°C
5
Input Offset Voltage Drift
TCVOS
9
µV/°C
Input Bias Current
IIN+, IIN-
VIN+, VIN- = (VDD - VSS)/2
TA = 25°C
2
pA
-40°C ≤ TA ≤ 85°C
100
Input Offset Current
IOS
Specified as IIN+ - IIN-
VIN+, VIN- = (VDD - VSS)/2
TA = 25°C
2
pA
-40°C ≤ TA ≤ 85°C
50
Input Voltage Range
IVR
Guaranteed by Input Offset Voltage Test
VSS
VDD
V
Common-Mode Rejection Ratio
CMRR
Vdd=5.5V; 0V ≤ VIN(CM) ≤ 5.0V
TA = 25°C
70
90
dB
-40°C ≤ TA ≤ 85°C
68
Power Supply Rejection Ratio
PSRR
0.8V ≤ (VDD - VSS) ≤ 5.5V
TA = 25°C
70
90
dB
-40°C ≤ TA ≤ 85°C
67
Output Voltage High
VOH
Specified as VDD - VOUT,
RL = 100kΩ to VSS
TA = 25°C
3.7
mV
-40°C ≤ TA ≤ 85°C
6
Specified as VDD - VOUT,
RL = 10kΩ to VSS
TA = 25°C
30
-40°C ≤ TA ≤ 85°C
60
Output Voltage Low
VOL
Specified as VOUT - VSS,
RL = 100kΩ to VDD
TA = 25°C
1.5
mV
-40°C ≤ TA ≤ 85°C
6
Specified as VOUT - VSS,
RL = 10kΩ to VDD
TA = 25°C
15
-40°C ≤ TA ≤ 85°C
30
Short-circuit Current
ISC+
VOUT = VSS
TA = 25°C
4
mA
-40°C ≤ TA ≤ 85°C
2
ISC-
VOUT = VDD
TA = 25°C
15
-40°C ≤ TA ≤ 85°C
7
Open-loop Voltage Gain
AVOL
VSS+50mV ≤ VOUT ≤ VDD-50mV
TA = 25°C
91
110
dB
-40°C ≤ TA ≤ 85°C
84
Gain-Bandwidth Product
GBWP
RL = 100kΩ to VSS, CL = 20pF
4
kHz
Phase Margin
φM
Unity-gain Crossover,
RL = 100kΩ to VSS, CL = 20pF
70
degrees
Slew Rate
SR
RL = 100kΩ to VSS, AVCL = +1V/V
1.5
V/ms
Full-power Bandwidth
FPBW
FPBW = SR/(π • VOUT,PP); VOUT,PP = 0.7VPP
680
Hz
Input Voltage Noise Density
en
f = 1kHz
0.6
µV/
√Hz
Input Current Noise Density
in
f = 1kHz
10
pA/
√Hz
Note 1: All specifications are 100% tested at TA = +25°C. Specification limits over temperature (TA = TMIN to TMAX) are guaranteed by
device characterization, not production tested.


Similar Part No. - TS1003

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS1003 SILABS-TS1003 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
TS1003IG5 SILABS-TS1003IG5 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
TS1003IG5T SILABS-TS1003IG5T Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
TS1003IJ5 SILABS-TS1003IJ5 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
TS1003IJ5T SILABS-TS1003IJ5T Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
More results

Similar Description - TS1003

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS1003 SILABS-TS1003 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
logo
Touchstone Semiconducto...
TS1002 TOUCHSTONE-TS1002 Datasheet
830Kb / 13P
   THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
TS1001 TOUCHSTONE-TS1001 Datasheet
507Kb / 11P
   THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
logo
Touchstone Semiconducto...
TS1005 TOUCHSTONE-TS1005 Datasheet
855Kb / 11P
   A 0.8V TO 5.5V, 1.3uA, 20kHz RAIL-TO-RAIL SINGLE OP AMP
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1002 SILABS-TS1002 Datasheet
1Mb / 14P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
   Rail to Rail Single OP AMP
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
   Rail to Rail Single OP AMP
logo
Silicon Laboratories
TS1005 SILABS-TS1005 Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com