Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7018-20 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7018-20
Description  20 dB Fixed Attenuator, SMA Male To SMA Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 18 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7018-20 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7018-20 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7018-20 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7018-20 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Body Material and Plating
Passivated Stainless Steel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL:
http://www.pasternack.com/20db-fixed-sma-female-sma-male-25-watts-attenuator-pe7018-20-p.aspx
20 dB Fixed Attenuator, SMA Male To SMA Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 18 GHz
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
20 dB Fixed Attenuator, SMA Male To SMA Female Aluminum
Heatsink Black Anodized Body Rated To 25 Watts Up To 18 GHz
PE7018-20
PE7018-20 REV


Similar Part No. - PE7018-20

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7018-20 PASTERNACK-PE7018-20 Datasheet
208Kb / 3P
   20 dB Fixed Attenuator, SMA Male to SMA Female Black Anodized Aluminum Heatsink Body
PE7018-20 PASTERNACK-PE7018-20_16 Datasheet
208Kb / 3P
   20 dB Fixed Attenuator, SMA Male to SMA Female Black Anodized Aluminum Heatsink Body
More results

Similar Description - PE7018-20

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7018-30 PASTERNACK-PE7018-30 Datasheet
266Kb / 3P
   30 dB Fixed Attenuator, SMA Male To SMA Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 18 GHz
PE7018-40 PASTERNACK-PE7018-40 Datasheet
266Kb / 3P
   40 dB Fixed Attenuator, SMA Male To SMA Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 18 GHz
PE7016-20 PASTERNACK-PE7016-20 Datasheet
220Kb / 3P
   20 dB Fixed Attenuator, SMA Male To SMA Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 18 GHz
PE7013-20 PASTERNACK-PE7013-20 Datasheet
217Kb / 3P
   20 dB Fixed Attenuator, SMA Male To SMA Female Aluminum Heatsink Black Anodized Body Rated To 5 Watts Up To 18 GHz
PE7020-20 PASTERNACK-PE7020-20 Datasheet
254Kb / 3P
   20 dB Fixed Attenuator, SMA Male To SMA Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
PE7013-2 PASTERNACK-PE7013-2 Datasheet
217Kb / 3P
   2 dB Fixed Attenuator, SMA Male To SMA Female Aluminum Heatsink Black Anodized Body Rated To 5 Watts Up To 18 GHz
PE7013-10 PASTERNACK-PE7013-10 Datasheet
217Kb / 3P
   10 dB Fixed Attenuator, SMA Male To SMA Female Aluminum Heatsink Black Anodized Body Rated To 5 Watts Up To 18 GHz
PE7016-40 PASTERNACK-PE7016-40 Datasheet
219Kb / 3P
   40 dB Fixed Attenuator, SMA Male To SMA Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 18 GHz
PE7013-1 PASTERNACK-PE7013-1 Datasheet
217Kb / 3P
   1 dB Fixed Attenuator, SMA Male To SMA Female Aluminum Heatsink Black Anodized Body Rated To 5 Watts Up To 18 GHz
PE7016-30 PASTERNACK-PE7016-30 Datasheet
219Kb / 3P
   30 dB Fixed Attenuator, SMA Male To SMA Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 18 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com