Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA-6105P4V-0B3E Datasheet(PDF) 4 Page - Advantech Co., Ltd.

Part # PCA-6105P4V-0B3E
Description  2U Butterfly Backplanes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCA-6105P4V-0B3E Datasheet(HTML) 4 Page - Advantech Co., Ltd.

  PCA-6105P4V-0B3E Datasheet HTML 1Page - Advantech Co., Ltd. PCA-6105P4V-0B3E Datasheet HTML 2Page - Advantech Co., Ltd. PCA-6105P4V-0B3E Datasheet HTML 3Page - Advantech Co., Ltd. PCA-6105P4V-0B3E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.advantech.com/products
Online Download
PCI/ISA Backplanes
PCA-6119P7-0B3E
ƒ Segments: 1
ƒ Slots: 10 ISA, 7 PCI, 2 PICMG
ƒ Size: 417 x 260 mm (16.42" x 10.24")
ƒ PCI bridge: Tsi352-66CQY
ƒ Primary PCI: 3 slots; Secondary PCI: 4 slots
ƒ Ordering Information: PCA-6119P7-0B3E
PCA-6120DP4-0B2E
ƒ Segments: 2
ƒ Slots: 7 ISA, 6 PCI, 2 PICMG/PCI,
4 PICMG
ƒ Size: 420 x 260 mm (16.42" x 10.24")
ƒ Ordering Information: PCA-6120DP4-0B2E
20-slot PCI/ISA Backplanes
Compatible with IPC Chassis : IPC-623, IPC-622, ACP-7360, ACP-5360
PCA-6119P17-0B2E
ƒ Segments: 1
ƒ Slots: 16 PCI, 1 PICMG/PCI, 1 PICMG
ƒ Size: 417 x 260 mm (16.42" x 10.24")
ƒ PCI bridge: Dual Pericom PI7C8150BMAE
ƒ Primary PCI: 2 slots; Secondary PCI: 8 slots + 7
slots
ƒ Ordering Information: PCA-6119P17-0B2E
PCA-6120P12-0A2E
ƒ Segments: 1
ƒ Slots: 7 ISA, 11 PCI, 1 PICMG/PCI,
1 PICMG
ƒ Size: 417 x 260 mm (16.42" x 10.24")
ƒ PCI bridge: Pericom PI7C8150BMAE
ƒ Primary PCI: 3 slots; Secondary PCI: 9 slots
ƒ Ordering Information: PCA-6120P12-0A2E
PCA-6120P18-0A2E
ƒ Segments: 1
ƒ Slots: 1 ISA, 17 PCI, 1 PICMG/PCI,
1 PICMG
ƒ Size: 417 x 260 mm (16.42" x 10.24")
ƒ PCI bridge: Three Pericom PI7C8150BMAE
ƒ Secondary: 6 slot/6 slot/6 slot
ƒ Ordering Information: PCA-6120P18-0A2E
PCA-6116QP2-0B2E
ƒ Segments: 4
ƒ Slots: 1 ISA, 8 PCI, 7 PICMG
ƒ Size: 417 x 260 mm (16.42" x 10.24")
ƒ Ordering Information: PCA-6116QP2-0B2E
PCA-6120Q-0B2E
ƒ Segment: 4
ƒ Slots: 5-5-5-5 ISA
ƒ Size: 417 x 200 mm (16.42" x 7.87")
ƒ Ordering Information: PCA-6120Q-0B2E
PCA-6120P4-0B2E
ƒ Segment: 1
ƒ Slots: 14 ISA, 4 PCI, 2 PICMG
ƒ Size: 417 x 260 mm (16.42" x 10.24")
ƒ Ordering Information: PCA-6120P4-0B2E


Similar Part No. - PCA-6105P4V-0B3E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCA-6105P4V-0B3E ADVANTECH-PCA-6105P4V-0B3E Datasheet
138Kb / 1P
   PCI/ISA Backplanes
PCA-6105P4V-0B3E ADVANTECH-PCA-6105P4V-0B3E Datasheet
69Kb / 1P
   PICMG1.0 Full-Size SBC Backplanes
PCA-6105P4V-0B3E ADVANTECH-PCA-6105P4V-0B3E Datasheet
69Kb / 1P
   PICMG1.0 Full-Size SBC Backplanes
PCA-6105P4V-0B3E ADVANTECH-PCA-6105P4V-0B3E Datasheet
2Mb / 4P
   PICMG1.0 Full-Size SBC PICMG1.0 Full-Size SBC
More results

Similar Description - PCA-6105P4V-0B3E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCA-6106P3V-0B2E ADVANTECH-PCA-6106P3V-0B2E Datasheet
4Mb / 4P
   2U Butterfly Backplanes
PCE-5B06V-00A1E ADVANTECH-PCE-5B06V-00A1E Datasheet
4Mb / 4P
   2U Butterfly Backplanes
PCE-5B06V-04A1E ADVANTECH-PCE-5B06V-04A1E_11 Datasheet
4Mb / 4P
   2U Butterfly Backplanes
PCA-6103P2V-0A2E ADVANTECH-PCA-6103P2V-0A2E_11 Datasheet
4Mb / 4P
   1U Butterfly Backplanes
PCE-5B03V-01A1E ADVANTECH-PCE-5B03V-01A1E Datasheet
4Mb / 4P
   1U Butterfly Backplanes
PCE-5B03V-00A1E ADVANTECH-PCE-5B03V-00A1E Datasheet
4Mb / 4P
   Compatible with PCE-5000 Series System Host Board 1U Butterfly Backplanes
logo
Festo Corporation.
8073655 FESTO-8073655 Datasheet
66Kb / 1P
   Actuated butterfly valve
11/18/21
logo
Advantech Co., Ltd.
PCE-5B06V-04A1E ADVANTECH-PCE-5B06V-04A1E Datasheet
678Kb / 1P
   Mainstream Backplanes
PCA-6103P2V-0A1 ADVANTECH-PCA-6103P2V-0A1 Datasheet
173Kb / 1P
   Passive Backplanes
PCA-6108P3X-0A1 ADVANTECH-PCA-6108P3X-0A1 Datasheet
150Kb / 1P
   Passive Backplanes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com