Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP300-702US Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # FSP300-702US
Description  300 Watts ATX 12V, 2U Switching Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

FSP300-702US Datasheet(HTML) 1 Page - Sparkle Power Inc.

  FSP300-702US Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Input Characteristics
Input Range: 90 ~ 264Vac, Full Range Input
Frequency: 47 ~ 63Hz
Input Current: Max 4A @ 115Vac, 2A @ 230Vac
Inrush Current: No Damage
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com
Specification
Temperature Range: Operating: 0°C ~ +50°C on full load;
storage & shipping: -20°C ~ +80°C
Humidity: 85% on operating, 95% on storage
Dielectric Withstand: Primary frame ground 1800V AC for
2 second
Efficiency: Typical > 90%
Rise time: Less than 20ms
Hold-up Time: 16 ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ~ 500ms, off
delay 1ms minimum (TTL and CMOS compatible)
Leakage Current: Less than 3.5mA at 264Vac, 50Hz
MTBF: 100,000 hours on maximum load at +25°C
Dimensions (LxWxH): 200x100x70mm /
7.87x3.9x2.75 inch
Output Characteristics
Output Voltage
Minimum Load
Normal Load
Maximum Load
Load Reg.
Ripple & Noise
+3.3V
0.3A
7A
14A
± 5%
50mV P-P
+5V
0.3A
8A
16A
± 5%
50mV P-P
+12V1
0.5A
8A
16A
± 5%
120mV P-P
+12V2
0.5A
8A
16A
± 5%
120mV P-P
-12V
0A
0.25A
0.5A
± 10%
120mV P-P
+5Vsb
0A
1.75A
3.0A
± 5%
50mV P-P
-5V
0A
0.1A
0.2A
± 10%
100mV P-P
*+3.3V and +5V total output not exceed 105W
*-5V Option
* Total output for this subject power supply is 300W
FSP300-702US
(80PLUS Gold, RoHS Compliant)
300 Watts ATX 12V, 2U Switching Power Supply
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: sparkle@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Features
Complied with ATX12V standard
Active Power Factor Correction (PFC) meet EN61000-3-2
High efficiency and reliability
Compatible with European Union Directive 2002/95/EC (Restriction on
Hazardous Substances).
Remote ON/OFF function
Internal 12V DC fan included
Low noise and ripple
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
Complies with FCC part 15 subpart J class B 115Vac operation, and
CISPR 22 class B at 230Vac operation
Approved by : UL/CUL60950-1 2nd TUV EN60950-1 2nd, CB 60950-1 2nd ,
FCC, EMC


Similar Part No. - FSP300-702US

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP300-702US FSP-FSP300-702US_15 Datasheet
164Kb / 1P
   industrial level of switching power
More results

Similar Description - FSP300-702US

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP300-60GHC SPI-FSP300-60GHC Datasheet
257Kb / 1P
   300 Watts ATX12V Switching Power Supply
SPI300ACH8 SPI-SPI300ACH8 Datasheet
418Kb / 1P
   300 Watts ATX12V Switching Power Supply
SPI500W7BG SPI-SPI500W7BG Datasheet
40Kb / 1P
   500 Watts ATX 12V, 2U Switching Power Supply
FSP400-702US SPI-FSP400-702US Datasheet
40Kb / 1P
   400 Watts ATX 12V, 2U Switching Power Supply
FSP500-502UN SPI-FSP500-502UN Datasheet
96Kb / 1P
   500 Watts ATX 12V, 2U Switching Power Supply
FSP500-702UN SPI-FSP500-702UN Datasheet
40Kb / 1P
   500 Watts ATX 12V, 2U Switching Power Supply
SPI500W7BGB SPI-SPI500W7BGB Datasheet
40Kb / 1P
   500 Watts ATX 12V, 2U Switching Power Supply
FSP500-702UH SPI-FSP500-702UH Datasheet
103Kb / 1P
   500 Watts ATX 12V/EPS12V, 2U Switching Power Supply
FSP300-701US SPI-FSP300-701US Datasheet
36Kb / 1P
   300 Watts ATX 12V, 1U Switching Power Supply
FSP500-702UP SPI-FSP500-702UP Datasheet
39Kb / 1P
   500 Watts ATX 12V, 2U ,PM Bus Switching Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com