Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA-6114-0B2E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PCA-6114-0B2E
Description  14-slot PCI/ISA Backplanes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCA-6114-0B2E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PCA-6114-0B2E Datasheet HTML 1Page - Advantech Co., Ltd. PCA-6114-0B2E Datasheet HTML 2Page - Advantech Co., Ltd. PCA-6114-0B2E Datasheet HTML 3Page - Advantech Co., Ltd. PCA-6114-0B2E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.advantech.com/products
Online Download
6-slot PCI/ISA Backplanes
Compatible with IPC Chassis: IPC-6806/IPC-6606/IPC-6006
PCA-6106-0B2E
ƒ Segments: 1
ƒ Slots: 6 ISA
ƒ Size: 142 x 175 mm (5.59" x 6.89")
ƒ Ordering Information: PCA-6106-0B2E
PCA-6106P4-0A2E
ƒ Segments: 1
ƒ Slots: 4 PCI, 2 PICMG
ƒ Size: 142 x 270 mm (5.59" x 10.63")
ƒ Ordering Information: PCA-6106P4-0A2E
PCA-6106P3-0D2E
ƒ Segments: 1
ƒ Slots: 2 ISA, 2 PCI, 1 PICMG/PCI, 1 PICMG
ƒ Size: 142 x 270 mm (5.59" x 10.63")
ƒ Ordering Information: PCA-6106P3-0D2E
PCA-6108E-0C2E
ƒ Segments: 1
ƒ Slots: 8 ISA
ƒ Size: 180 x 190 mm (7.09" x 7.48")
ƒ Ordering Information: PCA-6108E-0C2E
PCA-6108P4-0C2E
ƒ Segments: 1
ƒ Slots: 3 ISA, 3 PCI, 1 PICMG/PCI, 1 PICMG
ƒ Size: 180 x 260 mm (7.09" x 10.24")
ƒ Ordering Information: PCA-6108P4-0C2E
PCA-6108-0B2E
ƒ Segments: 1
ƒ Slots: 8 ISA
ƒ Size: 222 x 171 mm (8.74" x 6.73")
ƒ Only for commercial PC chassis (baby AT size)
ƒ Ordering Information: PCA-6108-0B2E
PCA-6108P6-0B4E
ƒ Segments: 1
ƒ Slots: 1 ISA, 5 PCI, 1 PICMG/PCI, 1 PICMG
ƒ Size: 180 x 260 mm (7.09" x 10.24")
ƒ PCI bridge: Tsi352-66CQY
ƒ Primary PCI: 3 slots; Secondary PCI: 3 slots
ƒ Ordering Information: PCA-6108P6-0B4E
8-slot PCI/ISA Backplanes
Compatible with IPC Chassis: IPC-6908/IPC-6608
PCI/ISA Backplanes


Similar Part No. - PCA-6114-0B2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCA-6114-0B2E ADVANTECH-PCA-6114-0B2E Datasheet
178Kb / 1P
   14-slot PCI/ISA Backplanes
PCA-6114-0B2E ADVANTECH-PCA-6114-0B2E Datasheet
124Kb / 1P
   PICMG1.0 Full-Size SBC Backplanes
PCA-6114-0B2E ADVANTECH-PCA-6114-0B2E Datasheet
2Mb / 4P
   PICMG1.0 Full-Size SBC PICMG1.0 Full-Size SBC
More results

Similar Description - PCA-6114-0B2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCA-6114P12-0B3E ADVANTECH-PCA-6114P12-0B3E_11 Datasheet
4Mb / 4P
   14-slot PCI/ISA Backplanes
PCA-6114P12-0B3E ADVANTECH-PCA-6114P12-0B3E Datasheet
178Kb / 1P
   14-slot PCI/ISA Backplanes
PCA-6114P7-0D3E ADVANTECH-PCA-6114P7-0D3E Datasheet
4Mb / 4P
   14-slot PCI/ISA Backplanes
PCA-6114P10-0B2E ADVANTECH-PCA-6114P10-0B2E Datasheet
4Mb / 4P
   14-slot PCI/ISA Backplanes
PCA-6113DP4-0A2E ADVANTECH-PCA-6113DP4-0A2E Datasheet
4Mb / 4P
   14-slot PCI/ISA Backplanes
PCA-6114P4-0C2E ADVANTECH-PCA-6114P4-0C2E Datasheet
4Mb / 4P
   14-slot PCI/ISA Backplanes
PCA-6119P17-0B2E ADVANTECH-PCA-6119P17-0B2E Datasheet
4Mb / 4P
   20-slot PCI/ISA Backplanes
PCA-6120P18-0A2E ADVANTECH-PCA-6120P18-0A2E Datasheet
4Mb / 4P
   20-slot PCI/ISA Backplanes
PCA-6120P12-0A2E ADVANTECH-PCA-6120P12-0A2E Datasheet
4Mb / 4P
   20-slot PCI/ISA Backplanes
PCA-6119P16X ADVANTECH-PCA-6119P16X Datasheet
226Kb / 1P
   20-slot ISA/PCI Backplanes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com