Electronic Components Datasheet Search |
|
20045 Datasheet(PDF) 2 Page - Honeywell Accelerometers |
|
20045 Datasheet(HTML) 2 Page - Honeywell Accelerometers |
2 / 6 page Honeywell warrants goods of its manufacture as being free of defective materials and faulty workmanship. Contact your local sales office for warranty information. If warranted goods are returned to Honeywell during the period of coverage, Honeywell will repair or replace without charge those items it finds defective. The foregoing is Buyer’s sole remedy and is in lieu of all other warranties, expressed or implied, including those of merchantability and fitness for a particular purpose. While we provide application assistance, personally, through our literature and the Honeywell web site, it is up to the customer to determine the suitability of the product in the application. Specifications may change at any time without notice. The information we supply is believed to be accurate and reliable as of this printing. However, we assume no responsibility for its use. Sales and Service Honeywell serves its customers through a worldwide network of sales offices and distributors. For application assistance, current specifications, pricing or name of the nearest Authorized Distributor, contact a nearby sales office or INTERNET: www.honeywell.com/hobbs E-mail: honeywellhobbs.marketing@honeywell.com Warranty Periods: The products listed are warranted for the periods shown: 98000 Series..................2 years 85000 Series..................2 years 20000 Series..................2 years Warranty and remedy Mounting brackets. For mounting hour meters in any location when panel installation is not practical. Multiple holes allow positioning for easy reading. Foot of bracket can be bent when necessary. Part Number M-329 (2 13/16” x 4”) for meter only. Part Number M-558 (4” x 5 1/8”) when meter and damper are used together. Hour Meter Accessories Angle bracket. For two-screw flange AC and DC rectangular meters only, when panel mounting is not practical. Part Number 23944. Damper. Protects meter from severe vibration. Use on panel or with Part Number M-558 bracket. Part Number M-3888 (3 7/8” dia.) for three-screw type DC meters. 2 Panel mounting bracket. Designed to bolt to a flat surface area 2 13/16” x 5 1/4”. Provides easy-to-read meter position. Part Number M-486 for three-screw type DC meter only. Other AC and DC Meters Available Round Slotted 3 screw Round Flush with Retainer Mount Contact Hobbs for more information and specifications on above meters. The Hobbs brand is well known worldwide for the development of quality electro-mechanical products. The invention of the first electrically wound automobile clock in 1938 created what is now known as Honeywell Hobbs. John Weston Hobbs was the inventor that cultivated this electrically-wound vehicle clock into a company that has over the years expanded to include hour meters, pressure and vacuum switches, halogen lamps, transmission shifters, and other custom electro-mechanical products. Honeywells’ broad customer and market base includes industries such as automotive, agricultural, material handling, construction, marine, medical, heavy truck, lawn and garden, recreational, generators, compressors and aviation. Honeywells’ commitment to continuous improvement and total quality management will allow for further expansion of its product lines and customer base while maintaining the highest standards of excellence. Custom Instrument Panel Clusters Let Hobbs custom design your display panel saving you time and money. We can assemble a panel to your specifications that frees up your engineering resources, reduces parts counts and reduces your vendor base. Contents: • LCD P. 3-5 • D.C. P. 6-7 • A.C. P. 8-11 • Accessories P. 11 • Warranty P. 11 www.honeywell.com/hobbs 11 |
Similar Part No. - 20045 |
|
Similar Description - 20045 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |