Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20037 Datasheet(PDF) 3 Page - Honeywell Accelerometers

Part # 20037
Description  Other AC and DC Meters Available
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

20037 Datasheet(HTML) 3 Page - Honeywell Accelerometers

  20037 Datasheet HTML 1Page - Honeywell Accelerometers 20037 Datasheet HTML 2Page - Honeywell Accelerometers 20037 Datasheet HTML 3Page - Honeywell Accelerometers 20037 Datasheet HTML 4Page - Honeywell Accelerometers 20037 Datasheet HTML 5Page - Honeywell Accelerometers 20037 Datasheet HTML 6Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Operating
Voltage
28100
90-264 VAC
Part #
Retainer Mount
2 Screw Deluxe Bezel
2 Screw
Standard Bezel
3 Screw
Unlike conventional AC hour meters that are
limited to one primary voltage andfrequency, the
Hobbs Multi-Range Quartz hour meter will
operate over a full range of voltages and
frequencies. The meters will work accurately
over a voltage range of 90 VAC to 264 VAC
and at frequencies of either 50 Hz or 60 Hz.
This unique feature means that one hour meter
will work for virtually any application anywhere
in the world!
Specifications
• Operating Voltage: 90 to 264 VAC
• Frequencies: 50 to 60 Hz
• Temperature Range: -40˚F to +185˚F
Operating
Voltage
28103
90 - 264 VAC
Part #
Operating
Voltage
28105
90 - 264 VAC
Part #
Features
• Records time 0 to 99,999.9 hours
• Accuracy ±0.02%
• UL Recognized
• CSA (UL)
• CE Mark
• Totally sealed from dirt and moisture
• Termination
- 1/4” spade
Round Black Bezel
Operating
Voltage
28104
90 - 264 VAC
Part #
LCD Hour Meters
The Hobbs 98000 Series LCD hour
meters provide a large easy-to-read
display in a conventional size
package. The hour meters are
available in a variety of mounting
styles and voltage ranges that will fit
virtually any application.
Specifications:
• Run Accuracy ±200ppm; ±0.02%
• Start Time: maximum 1second
• 6 Digit Display
• Digit Height: 6mm
• Power draw: .8 mA at 12 VDC
(Power Terminal)
• Termination: 1/4” blade
3/16” blade optional
• Temperature Range:
Operating: -40˚C to +85˚C
• Vibration: 20 g’s per SAE J1378
• Shock: 55 g’s per SAE J1378
• Operating ranges:
4.5 to 16 VDC (optional)
9 to 64 VDC
>64 VDC Contact Factory
• Display:
0 to 99,999.9 Hours
0 to 999,999 Counter
• Transient Voltage Protection
Load Dump
Inductive
E M I
Reverse Polarity
Operating
Voltage
9 to 64 VDC
Part #
2 Screw Standard Bezel
98310
Features
• Totally sealed from moisture
and dirt
• Direct replacement for
current hour meter
• No battery backup needed
• Fits in existing panel openings
• Custom bezels and
dial artwork available
• Snap-in retainer mount
combines easy installation with
rugged design
• Compact Depth
• Rugged Design
• Pulse Counter Option
• Reset Option
• Run Indicator
98320
Terminals
2 terminal
3 terminal
with enable
4 terminal
resettable
98000 Series
9 to 64 VDC
9 to 64 VDC
98300
Operating
Voltage
9 to 64 VDC
Part #
2 Screw Deluxe Bezel
98313
98323
Terminals
2 terminal
3 terminal
with enable
4 terminal
resettable
9 to 64 VDC
9 to 64 VDC
98303
Operating
Voltage
Part #
28101
90 to 264 VAC
Benefits
• Reduced parts count
• Reduced inventories
• Fewer purchase orders
• Eliminate production line errors
• Reduce service parts
Options
• Wire leads
• Custom lens
• Terminals (up, down, straight)
Retainer Mount:
Panel cutout 1.45 x .95
rectangular opening.
Two .150 holes spaced 1.750*
2 Screw Standard:
Panel cutout 1.45 x .95
rectangular opening.
Two .150 holes spaced 1.750*
2 Screw Deluxe:
Panel cutout 1.45 x .95
rectangular opening.
Two .150 holes spaced 1.750*
Flush Mount (Retainer) 2.24”:
Panel cutout 2.00
diameter opening*
3 Screw Mount:
Panel cutout 2.00 diameter opening
Three .125 holes equally
spaced on 2.42 bolt circle diameter*
* Panel cutout dimensions are ± .010 tolerance
All dimensions shown in inches and (metric)
2 Screw Standard:
Panel cutout 1.45 x .95
rectangular opening
Two .150 holes
spaced 1.750*
2 Screw Deluxe:
Panel cutout 1.45 x .95
rectangular opening
Two .150 holes
spaced 1.750*
* Panel cutout dimensions are ± .010 tolerance
All dimensions shown in inches and (metric)
WARNING!
Applied voltage not to exceed 264 Vac RMS. This meter
was not intended to be used in applications where
excessive transient voltages are present. It is the
responsibility of the customer to determine the suitability
of this device for use in their system.
28100 Series
AC Multi-Range Meters
3
10


Similar Part No. - 20037

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
200372FS SUYIN-USA-200372FS Datasheet
162Kb / 1P
   2.0mm BATTERY FEMALE DIP TYPE
logo
YEONHO ELECTRONICS
20037WR YEONHO-20037WR Datasheet
276Kb / 1P
   2.00mm PITCH CONNECTOR
20037WR-02A00 YEONHO-20037WR-02A00 Datasheet
276Kb / 1P
   2.00mm PITCH CONNECTOR
20037WR-03A00 YEONHO-20037WR-03A00 Datasheet
276Kb / 1P
   2.00mm PITCH CONNECTOR
20037WR-04A00 YEONHO-20037WR-04A00 Datasheet
276Kb / 1P
   2.00mm PITCH CONNECTOR
More results

Similar Description - 20037

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MA200 EXTECH-MA200_15 Datasheet
229Kb / 1P
   400A AC and AC/DC Clamp Meters
MA220 EXTECH-MA220_15 Datasheet
229Kb / 1P
   400A AC and AC/DC Clamp Meters
380941 EXTECH-380941_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380942 EXTECH-380942_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380947 EXTECH-380947_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380942 EXTECH-380942 Datasheet
327Kb / 1P
   Mini DC/AC Clamp Meters
logo
MORNSUN Science& Techno...
LO10-26D0512-04 MORNSUN-LO10-26D0512-04 Datasheet
633Kb / 4P
   AC-DC converter for electric meters
LO18-26C0513-03 MORNSUN-LO18-26C0513-03 Datasheet
624Kb / 5P
   AC-DC converter for electric meters
LO10-26DX512-04 MORNSUN-LO10-26DX512-04 Datasheet
502Kb / 5P
   AC-DC converter for electric meters
logo
Carlo Gavazzi Holding A...
LDM40 CARLOGAVAZZI-LDM40 Datasheet
430Kb / 7P
   Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com