Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7063-20 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7063-20
Description  20 dB DC Bias Attenuator, TNC Male To TNC Female Passivated Stainless Steel Body Rated To 2 Watts From 500 MHz To 2 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7063-20 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7063-20 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7063-20 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7063-20 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
20 dB DC Bias Attenuator, TNC Male To TNC Female Passivated Stainless Steel Body Rated To 2 Watts From 500 MHz To 2
GHz from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber
optic products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 20 dB DC Bias Attenuator, TNC Male To TNC Female Passivated Stainless Steel Body Rated To
2 Watts From 500 MHz To 2 GHz PE7063-20
URL: http://www.pasternack.com/20db-dc-bias-tnc-male-tnc-female-2-watts-attenuator-pe7063-20-p.aspx
PE7063-20
PE7063-20 REV 02
20 dB DC Bias Attenuator, TNC Male To TNC Female Passivated
Stainless Steel Body Rated To 2 Watts From 500 MHz To 2 GHz


Similar Part No. - PE7063-20

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7063-20 PASTERNACK-PE7063-20 Datasheet
247Kb / 3P
   6 dB DC Bias Attenuator, TNC Male To TNC Female Passivated Stainless Steel Body Rated To 2 Watts From 500 MHz To 2 GHz
More results

Similar Description - PE7063-20

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7063-10 PASTERNACK-PE7063-10 Datasheet
246Kb / 3P
   10 dB DC Bias Attenuator, TNC Male To TNC Female Passivated Stainless Steel Body Rated To 2 Watts From 500 MHz To 2 GHz
PE7063-6 PASTERNACK-PE7063-6 Datasheet
247Kb / 3P
   6 dB DC Bias Attenuator, TNC Male To TNC Female Passivated Stainless Steel Body Rated To 2 Watts From 500 MHz To 2 GHz
PE7061-20 PASTERNACK-PE7061-20 Datasheet
208Kb / 3P
   20 dB DC Bias Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts From 500 MHz To 2 GHz
PE7062-20 PASTERNACK-PE7062-20 Datasheet
214Kb / 3P
   20 dB DC Bias Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts From 500 MHz To 2 GHz
PE7030-20 PASTERNACK-PE7030-20 Datasheet
218Kb / 3P
   20 dB Fixed Attenuator, TNC Male To TNC Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7030-2 PASTERNACK-PE7030-2 Datasheet
218Kb / 3P
   2 dB Fixed Attenuator, TNC Male To TNC Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7061-10 PASTERNACK-PE7061-10 Datasheet
208Kb / 3P
   10 dB DC Bias Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts From 500 MHz To 2 GHz
PE7062-6 PASTERNACK-PE7062-6 Datasheet
214Kb / 3P
   6 dB DC Bias Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts From 500 MHz To 2 GHz
PE7062-10 PASTERNACK-PE7062-10 Datasheet
214Kb / 3P
   10 dB DC Bias Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts From 500 MHz To 2 GHz
PE7061-6 PASTERNACK-PE7061-6 Datasheet
215Kb / 3P
   6 dB DC Bias Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts From 500 MHz To 2 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com