Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7044-10 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7044-10
Description  10 dB Fixed Attenuator, 75 N Male To 75 N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 4 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7044-10 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7044-10 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7044-10 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7044-10 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
**75 Ohm Type N Connectors Mate only with other 75
Ohm Type N Connectors, Mating with a 50 Ohm Con-
nector May DAMAGE Center Conductors.**
10 dB Fixed Attenuator, 75 N Male To 75 N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 4 GHz from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 10 dB Fixed Attenuator, 75 N Male To 75 N Female Passivated Stainless Steel Body Rated To 2
Watts Up To 4 GHz PE7044-10
URL:
http://www.pasternack.com/10db-fixed-n-male-n-female-2-watts-attenuator-pe7044-10-p.aspx
PE7044-10
PE7044-10 REV
10 dB Fixed Attenuator, 75 N Male To 75 N Female Passivated
Stainless Steel Body Rated To 2 Watts Up To 4 GHz


Similar Part No. - PE7044-10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7044-10 PASTERNACK-PE7044-10 Datasheet
308Kb / 3P
   10 dB Fixed Attenuator, 75 Ohm N Male to 75 Ohm N Female Passivated Stainless Steel Body
PE7044-10 PASTERNACK-PE7044-10_17 Datasheet
308Kb / 3P
   10 dB Fixed Attenuator, 75 Ohm N Male to 75 Ohm N Female Passivated Stainless Steel Body
More results

Similar Description - PE7044-10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7044-2 PASTERNACK-PE7044-2 Datasheet
243Kb / 3P
   2 dB Fixed Attenuator, 75 N Male To 75 N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 4 GHz
PE7044-30 PASTERNACK-PE7044-30 Datasheet
243Kb / 3P
   30 dB Fixed Attenuator, 75 N Male To 75 N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 4 GHz
PE7044-6 PASTERNACK-PE7044-6 Datasheet
243Kb / 3P
   6 dB Fixed Attenuator, 75 N Male To 75 N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 4 GHz
PE7044-1 PASTERNACK-PE7044-1 Datasheet
243Kb / 3P
   1 dB Fixed Attenuator, 75 N Male To 75 N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 4 GHz
PE7044-20 PASTERNACK-PE7044-20 Datasheet
243Kb / 3P
   20 dB Fixed Attenuator, 75 N Male To 75 N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 4 GHz
PE7044-3 PASTERNACK-PE7044-3 Datasheet
243Kb / 3P
   3 dB Fixed Attenuator, 75 N Male To 75 N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 4 GHz
PE7004-10 PASTERNACK-PE7004-10 Datasheet
248Kb / 3P
   10 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7047-10 PASTERNACK-PE7047-10 Datasheet
219Kb / 3P
   10 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7047-4 PASTERNACK-PE7047-4 Datasheet
219Kb / 3P
   4 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7004-4 PASTERNACK-PE7004-4 Datasheet
247Kb / 3P
   4 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com